Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S-8223CAH-I6T1U Datasheet(PDF) 9 Page - Seiko Instruments Inc

Part # S-8223CAH-I6T1U
Description  BATTERY PROTECTION IC FOR 2-SERIAL / 3-SERIAL CELL PACK (SECONDARY PROTECTION)
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-8223CAH-I6T1U Datasheet(HTML) 9 Page - Seiko Instruments Inc

Back Button S-8223CAH-I6T1U Datasheet HTML 5Page - Seiko Instruments Inc S-8223CAH-I6T1U Datasheet HTML 6Page - Seiko Instruments Inc S-8223CAH-I6T1U Datasheet HTML 7Page - Seiko Instruments Inc S-8223CAH-I6T1U Datasheet HTML 8Page - Seiko Instruments Inc S-8223CAH-I6T1U Datasheet HTML 9Page - Seiko Instruments Inc S-8223CAH-I6T1U Datasheet HTML 10Page - Seiko Instruments Inc S-8223CAH-I6T1U Datasheet HTML 11Page - Seiko Instruments Inc S-8223CAH-I6T1U Datasheet HTML 12Page - Seiko Instruments Inc S-8223CAH-I6T1U Datasheet HTML 13Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 30 page
background image
BATTERY PROTECTION IC FOR 2-SERIAL / 3-SERIAL CELL PACK (SECONDARY PROTECTION)
Rev.1.0_00
S-8223A/B/C/D Series
9
Electrical Characteristics
Table 8
(Ta =
+25°C unless otherwise specified)
Item
Symbol
Condition
Min.
Typ.
Max.
Unit
Test
Circuit
Detection Voltage
Overcharge detection voltage n
(n = 1, 2, 3)
VCUn
Ta =
+25°C
VCU
− 0.020
VCU
VCU
+ 0.020
V
1
Ta =
−10°C to +60°C
*1
VCU
− 0.025
VCU
VCU
+ 0.025
V
1
Overcharge hysteresis voltage n
(n = 1, 2, 3)
VHCn
−550 mV ≤ VHC ≤ −300 mV
VHC
× 1.2
VHC
VHC
× 0.8
V
1
−250 mV ≤ VHC ≤ −100 mV
VHC
− 0.050
VHC
VHC
+ 0.050
V
1
VHC =
−50 mV
VHC
− 0.025
VHC
VHC
+ 0.025
V
1
VHC = 0.0 mV
VHC
− 0.025
VHC
VHC
+ 0.020
V
1
Input Voltage
Operation voltage between
VDD pin and VSS pin
VDSOP
3.6
28
V
Output Voltage
CO pin output voltage "H"
VCOH
S-8223B/D Series
5.0
8.0
11.5
V
1
Input Current
Current consumption
during operation
IOPE
V1 = V2 = V3 = VCU
− 1.0 V
0.25
0.5
μA2
Current consumption
during overdischarge
IOPED
V1 = V2 = V3 = VCU
× 0.5 V
0.3
μA
2
VC1 pin input current
IVC1
V1 = V2 = V3 = VCU
− 1.0 V
0.3
μA3
VCn pin input current (n = 2, 3)
IVCn
V1 = V2 = V3 = VCU
− 1.0 V
−0.3
0
0.3
μA3
Output Current
CO pin source current
ICOH
S-8223A/C Series
(CMOS output product),
S-8223B/D Series
−20
μA4
CO pin sink current
ICOL
20
μA4
CO pin leakage current
ICOLL
S-8223A/C Series
(Nch open-drain output product)
0.1
μA4
Delay Time
Overcharge detection delay time
tCU
tCU
× 0.8
tCU
tCU
× 1.2
s
1
Overcharge release delay time
tCL
tCL = 2 ms
1.6
2.0
3.0
ms
1
tCL = 64 ms
51.2
64
76.8
ms
1
Overcharge timer reset delay time tTR
6
12
20
ms
1
Transition time to test mode
tTST
10
ms
1
*1. Since products are not screened at high and low temperature, the specification for this temperature range is guaranteed
by design, not tested in production.


Similar Part No. - S-8223CAH-I6T1U

ManufacturerPart #DatasheetDescription
logo
ABLIC Inc.
S-8223CAH-I6T1U ABLIC-S-8223CAH-I6T1U Datasheet
809Kb / 30P
   BATTERY PROTECTION IC FOR 2-SERIAL / 3-SERIAL CELL PACK (SECONDARY PROTECTION)
Rev.1.3_00
More results

Similar Description - S-8223CAH-I6T1U

ManufacturerPart #DatasheetDescription
logo
ABLIC Inc.
S-8223A ABLIC-S-8223A Datasheet
809Kb / 30P
   BATTERY PROTECTION IC FOR 2-SERIAL / 3-SERIAL CELL PACK (SECONDARY PROTECTION)
Rev.1.3_00
S-8215A ABLIC-S-8215A Datasheet
578Kb / 29P
   BATTERY PROTECTION IC FOR 3-SERIAL TO 5-SERIAL CELL PACK (SECONDARY PROTECTION)
Rev.2.6_00
logo
Seiko Instruments Inc
S8224A SII-S8224A Datasheet
2Mb / 33P
   BATTERY PROTECTION IC FOR 2-SERIAL TO 4-SERIAL CELL PACK (SECONDARY PROTECTION)
logo
ABLIC Inc.
S-8264A ABLIC-S-8264A Datasheet
610Kb / 37P
   BATTERY PROTECTION IC FOR 2-SERIAL TO 4-SERIAL-CELL PACK (SECONDARY PROTECTION)
Rev.4.4_00
S-8224A ABLIC-S-8224A Datasheet
1Mb / 33P
   BATTERY PROTECTION IC FOR 2-SERIAL TO 4-SERIAL CELL PACK (SECONDARY PROTECTION)
Rev.1.3_00
logo
Seiko Instruments Inc
S8213 SII-S8213 Datasheet
524Kb / 28P
   BATTERY PROTECTION IC FOR 2-SERIAL / 3-SERIAL CELL PACK
logo
ABLIC Inc.
S-8244 ABLIC-S-8244 Datasheet
450Kb / 28P
   BATTERY PROTECTION IC FOR 1-SERIAL TO 4-SERIAL-CELL PACK (SECONDARY PROTECTION)
Rev.7.0_00
logo
Seiko Instruments Inc
S-8244 SII-S-8244 Datasheet
399Kb / 27P
   BATTERY PROTECTION IC FOR 1-SERIAL TO 4-SERIAL-CELL PACK (SECONDARY PROTECTION)
S-8253A SII-S-8253A Datasheet
596Kb / 32P
   BATTERY PROTECTION IC FOR 2-SERIAL OR 3-SERIAL-CELL PACK
S-8233A SII-S-8233A Datasheet
646Kb / 30P
   BATTERY PROTECTION IC FOR 3-SERIAL-CELL PACK
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com