Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S-1741A30-A6T2U4 Datasheet(PDF) 6 Page - Seiko Instruments Inc

Part # S-1741A30-A6T2U4
Description  POWER MONITORING OUTPUT, 5.5 V INPUT, 100 mA CMOS VOLTAGE REGULATOR WITH 0.5 uA SUPER LOW CURRENT CONSUMPTION
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-1741A30-A6T2U4 Datasheet(HTML) 6 Page - Seiko Instruments Inc

Back Button S-1741A30-A6T2U4 Datasheet HTML 2Page - Seiko Instruments Inc S-1741A30-A6T2U4 Datasheet HTML 3Page - Seiko Instruments Inc S-1741A30-A6T2U4 Datasheet HTML 4Page - Seiko Instruments Inc S-1741A30-A6T2U4 Datasheet HTML 5Page - Seiko Instruments Inc S-1741A30-A6T2U4 Datasheet HTML 6Page - Seiko Instruments Inc S-1741A30-A6T2U4 Datasheet HTML 7Page - Seiko Instruments Inc S-1741A30-A6T2U4 Datasheet HTML 8Page - Seiko Instruments Inc S-1741A30-A6T2U4 Datasheet HTML 9Page - Seiko Instruments Inc S-1741A30-A6T2U4 Datasheet HTML 10Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 47 page
background image
POWER MONITORING OUTPUT, 5.5 V INPUT, 100 mA CMOS VOLTAGE REGULATOR WITH 0.5
μA SUPER LOW CURRENT CONSUMPTION
S-1740/1741 Series
Rev.1.2_00
6
4. 2 S-1741 Series
4. 2. 1 A type
PMEN pin logic:
Active "H"
Output Voltage (VPMOUT):
VIN/3
Table 6
Output Voltage (VOUT)
SOT-23-5
HSNT-6(1212)
1.0 V
± 15 mV
S-1741A10-M5T1U4
S-1741A10-A6T2U4
1.7 V
± 1.0%
S-1741A17-M5T1U4
S-1741A17-A6T2U4
1.8 V
± 1.0%
S-1741A18-M5T1U4
S-1741A18-A6T2U4
2.0 V
± 1.0%
S-1741A20-M5T1U4
S-1741A20-A6T2U4
2.1 V
± 1.0%
S-1741A21-M5T1U4
S-1741A21-A6T2U4
3.0 V
± 1.0%
S-1741A30-M5T1U4
S-1741A30-A6T2U4
Remark Please contact our sales office for products with specifications other than the above.
4. 2. 2 C type
PMEN pin logic:
Active "L"
Output Voltage (VPMOUT):
VIN/3
Table 7
Output Voltage (VOUT)
SOT-23-5
HSNT-6(1212)
1.0 V
± 15 mV
S-1741C10-M5T1U4
S-1741C10-A6T2U4
1.7 V
± 1.0%
S-1741C17-M5T1U4
S-1741C17-A6T2U4
1.8 V
± 1.0%
S-1741C18-M5T1U4
S-1741C18-A6T2U4
2.0 V
± 1.0%
S-1741C20-M5T1U4
S-1741C20-A6T2U4
2.1 V
± 1.0%
S-1741C21-M5T1U4
S-1741C21-A6T2U4
3.0 V
± 1.0%
S-1741C30-M5T1U4
S-1741C30-A6T2U4
Remark Please contact our sales office for products with specifications other than the above.
4. 2. 3 G type
PMEN pin logic:
Without PMEN pin
Output Voltage (VPMOUT):
VIN/3
Table 8
Output Voltage (VOUT)
HSNT-4(1010)
1.0 V
± 15 mV
S-1741G10-A4T2U4
1.7 V
± 1.0%
S-1741G17-A4T2U4
1.8 V
± 1.0%
S-1741G18-A4T2U4
2.0 V
± 1.0%
S-1741G20-A4T2U4
2.1 V
± 1.0%
S-1741G21-A4T2U4
3.0 V
± 1.0%
S-1741G30-A4T2U4
Remark Please contact our sales office for products with specifications other than the above.


Similar Part No. - S-1741A30-A6T2U4

ManufacturerPart #DatasheetDescription
logo
ABLIC Inc.
S-1741A30-A6T2U4 ABLIC-S-1741A30-A6T2U4 Datasheet
1Mb / 47P
   5.5 V INPUT, 100 mA VOLTAGE REGULATOR WITH SUPPLY VOLTAGE DIVIDED OUTPUT
Rev.1.3_00
More results

Similar Description - S-1741A30-A6T2U4

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S1317 SII-S1317 Datasheet
2Mb / 31P
   5.5 V INPUT, 100 mA CMOS VOLTAGE REGULATOR WITH 0.35 uA SUPER LOW CURRENT CONSUMPTION
logo
ABLIC Inc.
S-1317 ABLIC-S-1317 Datasheet
1Mb / 31P
   5.5 V INPUT, 100 mA CMOS VOLTAGE REGULATOR WITH 0.35 ?쵡 SUPER LOW CURRENT CONSUMPTION
Rev.1.0_01
S-1318 ABLIC-S-1318 Datasheet
856Kb / 42P
   5.5 V INPUT, 100 mA, 95 nA SUPER LOW CURRENT CONSUMPTION VOLTAGE REGULATOR
Rev.1.1_00
S-1740 ABLIC-S-1740 Datasheet
1Mb / 47P
   5.5 V INPUT, 100 mA VOLTAGE REGULATOR WITH SUPPLY VOLTAGE DIVIDED OUTPUT
Rev.1.3_00
logo
Seiko Instruments Inc
S1702 SII-S1702 Datasheet
609Kb / 45P
   SUPER-LOW CURRENT CONSUMPTION 150 mA VOLTAGE REGULATOR WITH
logo
Analog Devices
ADP122ACPZ-2.6-R7 AD-ADP122ACPZ-2.6-R7 Datasheet
611Kb / 24P
   5.5 V Input, 300 mA, Low Quiescent Current, CMOS Linear Regulator
Rev. E
ADP122 AD-ADP122 Datasheet
616Kb / 20P
   5.5 V Input, 300 mA, Low Quiescent Current, CMOS Linear Regulator
REV. 0
ADP122ACPZ-1.8-R7 AD-ADP122ACPZ-1.8-R7 Datasheet
611Kb / 24P
   5.5 V Input, 300 mA, Low Quiescent Current, CMOS Linear Regulator
Rev. E
logo
Seiko Instruments Inc
S85V1A SII-S85V1A Datasheet
2Mb / 30P
   5.5 V INPUT, 200 mA SYNCHRONOUS STEP-DOWN SWITCHING REGULATOR WITH 10 uA QUIESCENT CURRENT
S85S1P SII-S85S1P Datasheet
3Mb / 38P
   POWER MONITORING OUTPUT, 5.5 V INPUT, 200 mA SYNCHRONOUS STEP-DOWN SWITCHING REGULATOR WITH 260 nA QUIESCENT CURRENT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com