Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB4L16MMNR2G Datasheet(PDF) 3 Page - ON Semiconductor

Part # MB4L16MMNR2G
Description  2.5V/3.3V, 5 Gb/s Multi Level Clock/Data Input to CML Driver/Receiver/Buffer/ Translator with Internal Termination
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MB4L16MMNR2G Datasheet(HTML) 3 Page - ON Semiconductor

  MB4L16MMNR2G Datasheet HTML 1Page - ON Semiconductor MB4L16MMNR2G Datasheet HTML 2Page - ON Semiconductor MB4L16MMNR2G Datasheet HTML 3Page - ON Semiconductor MB4L16MMNR2G Datasheet HTML 4Page - ON Semiconductor MB4L16MMNR2G Datasheet HTML 5Page - ON Semiconductor MB4L16MMNR2G Datasheet HTML 6Page - ON Semiconductor MB4L16MMNR2G Datasheet HTML 7Page - ON Semiconductor MB4L16MMNR2G Datasheet HTML 8Page - ON Semiconductor MB4L16MMNR2G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
NB4L16M
www.onsemi.com
3
Table 2. ATTRIBUTES
Characteristics
Value
Input Default State Resistors
R1
R2
37.5 kW
73 kW
ESD Protection
Human Body Model
Machine Model
Charged Device Model
> 2 kV
> 200 V
> 1 kV
Moisture Sensitivity (Note 1)
Pb-Free Pkg
QFN−16
Level 1
Flammability Rating
Oxygen Index: 28 to 34
UL 94 V−0 @ 0.125 in
Transistor Count
157
Meets or exceeds JEDEC Spec EIA/JESD78 IC Latchup Test
1. For additional information, see Application Note AND8003/D.
Table 3. MAXIMUM RATINGS
Symbol
Parameter
Condition 1
Condition 2
Rating
Unit
VCC
Positive Power Supply
VEE = 0 V
6
V
VEE
Negative Power Supply
VCC = 0 V
−6
V
VI
Positive Input
Negative Input
VEE = 0 V
VCC = 0 V
VI = VCC
VI = VEE
6
−6
V
VINPP
Differential Input Voltage
|D − D|
|VCC − VEE|
V
IIN
Input Current Through RT (50 W Resistor)
Static
Surge
45
80
mA
IOUT
Output Current
Continuous
Surge
25
50
mA
IBB
VBB Sink/Source
± 0.5
mA
TA
Operating Temperature Range
−40 to +85
°C
Tstg
Storage Temperature Range
−65 to +150
°C
qJA
Thermal Resistance (Junction-to-Ambient) (Note 1)
0 lfpm
500 lfpm
QFN−16
42
35
°C/W
qJC
Thermal Resistance (Junction-to-Case)
1S2P (Note 1)
QFN−16
4
°C/W
Tsol
Wave Solder (Pb-Free)
265
°C
Stresses exceeding those listed in the Maximum Ratings table may damage the device. If any of these limits are exceeded, device functionality
should not be assumed, damage may occur and reliability may be affected.
1. JEDEC standard multilayer board − 1S2P (1 signal, 2 power) with 8 filled thermal vias under exposed pad.


Similar Part No. - MB4L16MMNR2G

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MB40 ETC1-MB40 Datasheet
116Kb / 1P
   Micro Power Resistors
logo
MicroPower Direct, LLC
MB4000RU MPD-MB4000RU Datasheet
1Mb / 4P
   MB4000RU SERIES
MB4000RW MPD-MB4000RW Datasheet
1Mb / 4P
   MB4000RW SERIES
logo
Micro Commercial Compon...
MB4005 MCC-MB4005 Datasheet
77Kb / 2P
   40 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
logo
TAITRON Components Inco...
MB4005 TAITRON-MB4005 Datasheet
146Kb / 4P
   40A Single-Phase Bridge Rectifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com