Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NB6L239MNEVB Datasheet(PDF) 6 Page - ON Semiconductor

Part # NB6L239MNEVB
Description  NB6L239MNEVB Evaluation Board Users Manual
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NB6L239MNEVB Datasheet(HTML) 6 Page - ON Semiconductor

  NB6L239MNEVB Datasheet HTML 1Page - ON Semiconductor NB6L239MNEVB Datasheet HTML 2Page - ON Semiconductor NB6L239MNEVB Datasheet HTML 3Page - ON Semiconductor NB6L239MNEVB Datasheet HTML 4Page - ON Semiconductor NB6L239MNEVB Datasheet HTML 5Page - ON Semiconductor NB6L239MNEVB Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
NB6L239MNEVB
http://onsemi.com
6
Rosenberger connectors with matched trace launches
Switch for MR
Normally open switch for EN
CLK & CLK traces – equal length
All Q Output traces – equal length
“Side−mount” banana jacks for power supplies (can be located on backside of board)
VT pin has a “jumper capability to VCC, VEE / GND, VTT (SMAGND), or VBBAC
SELA0
Figure 4. Evaluation Demo Board
CLK
CLK
VBBAC
VT
EN
QA
QB
SELB1
QA
VEE
QB
1
2
3
4
56
78
9
10
11
12
13
14
15
16
VCC
SELA1
SELB0
TOP VIEW
MR
SMA
SMA
SMA
SMA
SMA
SMA
SMA
S
M
A
S
M
A
S
M
A
S
M
A
S
M
A
S
M
A
VEE − 239
GND − 239S
VCC
VEE
VEE
Switch
Switch
VCC
VEE/GND
VTT
H
L
H
L
H
L
H
L
Switch
H = VCC
L = VEE/GND
VBBAC
ON Semiconductor and
are registered trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC reserves the right to make changes without further notice
to any products herein. SCILLC makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does SCILLC assume any liability
arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages.
“Typical” parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All
operating parameters, including “Typicals” must be validated for each customer application by customer’s technical experts. SCILLC does not convey any license under its patent rights
nor the rights of others. SCILLC products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications
intended to support or sustain life, or for any other application in which the failure of the SCILLC product could create a situation where personal injury or death may occur. Should
Buyer purchase or use SCILLC products for any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and its officers, employees, subsidiaries, affiliates,
and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death
associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture of the part. SCILLC is an Equal
Opportunity/Affirmative Action Employer. This literature is subject to all applicable copyright laws and is not for resale in any manner.
PUBLICATION ORDERING INFORMATION
N. American Technical Support: 800−282−9855 Toll Free
USA/Canada
Europe, Middle East and Africa Technical Support:
Phone: 421 33 790 2910
Japan Customer Focus Center
Phone: 81−3−5817−1050
EVBUM2081/D
LITERATURE FULFILLMENT:
Literature Distribution Center for ON Semiconductor
P.O. Box 5163, Denver, Colorado 80217 USA
Phone: 303−675−2175 or 800−344−3860 Toll Free USA/Canada
Fax: 303−675−2176 or 800−344−3867 Toll Free USA/Canada
Email: orderlit@onsemi.com
ON Semiconductor Website: www.onsemi.com
Order Literature: http://www.onsemi.com/orderlit
For additional information, please contact your local
Sales Representative


Similar Part No. - NB6L239MNEVB

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NB6L239MN ONSEMI-NB6L239MN Datasheet
94Kb / 12P
   2.5 V / 3.3 V Any Differential Clock IN to Differential LVPECL OUT 첨1/2/4/8, 첨2/4/8/16 Clock Divider
April, 2004 ??Rev. 0
NB6L239MN ONSEMI-NB6L239MN Datasheet
104Kb / 13P
   2.5V / 3.3V Any Differential Clock IN to Differential LVPECL OUT /1/2/4/8, /2/4/8/16 Clock Divider
December, 2006 ??Rev. 5
NB6L239MNG ONSEMI-NB6L239MNG Datasheet
104Kb / 13P
   2.5V / 3.3V Any Differential Clock IN to Differential LVPECL OUT /1/2/4/8, /2/4/8/16 Clock Divider
December, 2006 ??Rev. 5
NB6L239MNG ONSEMI-NB6L239MNG Datasheet
147Kb / 12P
   2.5V / 3.3V Any Differential Clock IN to Differential LVPECL OUT
January, 2013 ??Rev. 6
NB6L239MNR2 ONSEMI-NB6L239MNR2 Datasheet
94Kb / 12P
   2.5 V / 3.3 V Any Differential Clock IN to Differential LVPECL OUT 첨1/2/4/8, 첨2/4/8/16 Clock Divider
April, 2004 ??Rev. 0
More results

Similar Description - NB6L239MNEVB

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV97311MW50AGEVB ONSEMI-NCV97311MW50AGEVB Datasheet
1Mb / 17P
   NCV97311A Evaluation Board Users Manual
April, 2019 ??Rev. 0
MT9TV024IA7XTRH-GEVB ONSEMI-MT9TV024IA7XTRH-GEVB Datasheet
797Kb / 4P
   MT9V024 Evaluation Board Users Manual
July, 2016 ??Rev. 0
NB4N855SMEVB ONSEMI-NB4N855SMEVB Datasheet
376Kb / 6P
   Evaluation Board Users Manual for NB4N855S
February, 2012 ??Rev. 2
SECO-NCD57000-GEVB ONSEMI-SECO-NCD57000-GEVB Datasheet
2Mb / 10P
   NCD57000 mini Evaluation Board Users Manual
July, 2020 ??Rev. 0
AGB1N0CS-GEVK ONSEMI-AGB1N0CS-GEVK Datasheet
466Kb / 6P
   Demo 3 Evaluation Board Users Manual
July, 2020 ??Rev. 1
EASYPRO1GEVB ONSEMI-EASYPRO1GEVB Datasheet
1Mb / 20P
   EasyPro 3.2 Evaluation Board Users Manual
August, 2011 ??Rev. 3
EVBUM2757 ONSEMI-EVBUM2757 Datasheet
537Kb / 8P
   RSL15 Evaluation and Development Board Users Manual
January, 2022 - Rev. 5
EVBUM2702 ONSEMI-EVBUM2702 Datasheet
2Mb / 15P
   Gate Drivers Base Board - Evaluation Board Users Manual
July, 2020 ??Rev. 2
EVBUM2520 ONSEMI-EVBUM2520 Datasheet
524Kb / 8P
   NCP4306 Synchronous Rectification Evaluation Board Users Manual
November, 2017 ??Rev. 0
EVBUM2257 ONSEMI-EVBUM2257 Datasheet
160Kb / 23P
   Full Frame Image Sensors Evaluation Board Users Manual
September, 2014 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com