Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP380LSNAJAAT1G Datasheet(PDF) 3 Page - ON Semiconductor

Part # NCP380LSNAJAAT1G
Description  Fixed/Adjustable Current?륧imiting Power?륞istribution Switches
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP380LSNAJAAT1G Datasheet(HTML) 3 Page - ON Semiconductor

  NCP380LSNAJAAT1G Datasheet HTML 1Page - ON Semiconductor NCP380LSNAJAAT1G Datasheet HTML 2Page - ON Semiconductor NCP380LSNAJAAT1G Datasheet HTML 3Page - ON Semiconductor NCP380LSNAJAAT1G Datasheet HTML 4Page - ON Semiconductor NCP380LSNAJAAT1G Datasheet HTML 5Page - ON Semiconductor NCP380LSNAJAAT1G Datasheet HTML 6Page - ON Semiconductor NCP380LSNAJAAT1G Datasheet HTML 7Page - ON Semiconductor NCP380LSNAJAAT1G Datasheet HTML 8Page - ON Semiconductor NCP380LSNAJAAT1G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
NCP380, NCV380
www.onsemi.com
3
Table 2. MAXIMUM RATINGS
Rating
Symbol
Value
Unit
From IN to OUT Pins: Input/Output (Note 1)
VIN , VOUT
−7.0 to +7.0
V
IN, OUT, EN, ILIM, FLAG, Pins: Input/Output (Note 1)
VEN, VILIM, VFLAG, VIN, VOUT
−0.3 to +7.0
V
FLAG Sink Current
ISINK
1
mA
ILIM Source Current
ILIM
1
mA
ESD Withstand Voltage (IEC 61000−4−2)
(Output Only
, when Bypassed with 1.0 mF Capacitor Minimum)
ESD IEC
15 Air, 8 Contact
kV
Human Body Model (HBM) ESD Rating (Note 2)
ESD HBM
2,000
V
Machine Model (MM) ESD Rating (Notes 2 and 3)
ESD MM
200
V
Latch-up Protection (Note 4)
Pins IN, OUT, EN, ILIM, FLAG
LU
100
mA
Maximum Junction Temperature Range (Note 6)
TJ
−40 to +TSD
°C
Storage Temperature Range
TSTG
−40 to +150
°C
Moisture Sensitivity (Note 5)
MSL
Level 1
Stresses exceeding those listed in the Maximum Ratings table may damage the device. If any of these limits are exceeded, device functionality
should not be assumed, damage may occur and reliability may be affected.
1. According to JEDEC standard JESD22−A108.
2. This device series contains ESD protection and passes the following tests:
Human Body Model (HBM)
±2.0 kV per JEDEC standard: JESD22−A114 for all pins.
Machine Model (MM)
±200 V per JEDEC standard: JESD22−A115 for all pins.
3. Except EN pin, 150 V.
4. Latch up Current Maximum Rating:
±100 mA per JEDEC standard: JESD78 class II.
5. Moisture Sensitivity Level (MSL): 1 per IPC/JEDEC standard: J−STD−020.
6. A thermal shutdown protection avoids irreversible damage on the device due to power dissipation.
Table 3. OPERATING CONDITIONS
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VIN
Operational Power Supply
2.5
5.5
V
VEN
Enable Voltage
0
5.5
TA
Ambient Temperature Range
−40
25
+85
°C
TJ
Junction Temperature Range
−40
25
+125
°C
RILIM
Resistor from ILIM to GND Pin
5.0
250
k
W
ISINK
FLAG Sink Current
1.0
mA
CIN
Decoupling Input Capacitor
1.0
mF
COUT
Decoupling Output Capacitor
USB Port per Hub
120
mF
RqJA
Thermal Resistance Junction-to-Air
UDFN−6 Package (Notes 7 and 8)
120
°C/W
TSOP−5 Package (Notes 7 and 8)
305
°C/W
TSOP−6 Package (Notes 7 and 8)
280
°C/W
IOUT
Maximum DC Current
UDFN−6 Package
2.1
A
TSOP−5, TSOP−6 Package
1.0
A
PD
Power Dissipation Rating (Note 9)
TA v 25°C
UDFN−6 Package
830
mW
TSOP−5 Package
325
mW
TSOP−6 Package
350
mW
TA = 85°C
UDFN−6 Package
325
mW
TSOP−5 Package
130
mW
TSOP−6 Package
145
mW
7. A thermal shutdown protection avoids irreversible damage on the device due to power dissipation.
8. The RqJA is dependent of the PCB heat dissipation. Board used to drive this data was a 2” × 2” NCP380EVB board. It is a 2 layers board
with 2-once copper traces on top and bottom of the board. Exposed pad is connected to ground plane for UDFN−6 version only.
9. The maximum power dissipation (PD) is given by the following formula:
P
D +
T
JMAX * TA
RqJA


Similar Part No. - NCP380LSNAJAAT1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP380LSNAJAAT1G ONSEMI-NCP380LSNAJAAT1G Datasheet
599Kb / 24P
   Fixed / Adjustable Current-Limiting Power-Distribution Switches
February, 2012 ??Rev. 10
NCP380LSNAJAAT1G ONSEMI-NCP380LSNAJAAT1G Datasheet
536Kb / 23P
   Fixed/Adjustable Current?륧imiting Power?륞istribution Switches
July, 2016 ??Rev. 16
More results

Similar Description - NCP380LSNAJAAT1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP380HMU05AGEVB ONSEMI-NCP380HMU05AGEVB Datasheet
536Kb / 23P
   Fixed/Adjustable Current?륧imiting Power?륞istribution Switches
July, 2016 ??Rev. 16
NCP380 ONSEMI-NCP380 Datasheet
536Kb / 23P
   Fixed/Adjustable Current?륧imiting Power?륞istribution Switches
July, 2016 ??Rev. 16
NCP380HMUAJAGEVB ONSEMI-NCP380HMUAJAGEVB Datasheet
627Kb / 23P
   Fixed/Adjustable Current??Limiting Power?륞istribution Switches
April, 2013 ??Rev. 12
NCP380HMUAJAATBG ONSEMI-NCP380HMUAJAATBG Datasheet
599Kb / 24P
   Fixed / Adjustable Current-Limiting Power-Distribution Switches
February, 2012 ??Rev. 10
logo
Micrel Semiconductor
MIC2005A-1YM5TR MICREL-MIC2005A-1YM5TR Datasheet
1Mb / 30P
   Fixed and Adjustable Current Limiting Power Distribution Switches
MIC2009YM6-TR MICREL-MIC2009YM6-TR Datasheet
1Mb / 30P
   Fixed and Adjustable Current Limiting Power Distribution Switches
logo
Microchip Technology
MIC20XX MICROCHIP-MIC20XX Datasheet
3Mb / 38P
   Fixed and Adjustable Current Limiting Power Distribution Switches
09/14/21
logo
Micrel Semiconductor
MIC20XX_1108 MICREL-MIC20XX_1108 Datasheet
1Mb / 30P
   Fixed and Adjustable Current Limiting Power Distribution Switches
MIC2005A MICREL-MIC2005A Datasheet
415Kb / 25P
   Fixed and Adjustable Current Limiting Power Distribution Switches
MIC20XX MICREL-MIC20XX Datasheet
1Mb / 29P
   Fixed and Adjustable Current Limiting Power Distribution Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com