Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCS2553DGEVB Datasheet(PDF) 4 Page - ON Semiconductor

Part # NCS2553DGEVB
Description  3-Channel Video Amp with Standard Definition Reconstruction Filters
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCS2553DGEVB Datasheet(HTML) 4 Page - ON Semiconductor

  NCS2553DGEVB Datasheet HTML 1Page - ON Semiconductor NCS2553DGEVB Datasheet HTML 2Page - ON Semiconductor NCS2553DGEVB Datasheet HTML 3Page - ON Semiconductor NCS2553DGEVB Datasheet HTML 4Page - ON Semiconductor NCS2553DGEVB Datasheet HTML 5Page - ON Semiconductor NCS2553DGEVB Datasheet HTML 6Page - ON Semiconductor NCS2553DGEVB Datasheet HTML 7Page - ON Semiconductor NCS2553DGEVB Datasheet HTML 8Page - ON Semiconductor NCS2553DGEVB Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
NCS2553
http://onsemi.com
4
DC ELECTRICAL CHARACTERISTICS (VCC = +5.0 V, TA = 25°C, 0.1 mF AC coupled inputs, Rsource = 37.5 W, 220 mF AC
coupled outputs into 150 W load, referenced to 400 kHz, unless otherwise specified)
Symbol
Characteristics
Conditions
Min
Typ
Max
Unit
VCC
Supply Voltage Range
4.75
5.0
5.25
V
ICC
Power Supply Current
No Load
23
30
mA
VIN
Input Common Mode Voltage Range
Referenced to GND if DC−Coupled
GND
1.4
PSRR
Power Supply Rejection
DC (All Channels)
−50
dB
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit
board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared
operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit
values are applied individually under normal operating conditions and not valid simultaneously.
AC ELECTRICAL CHARACTERISTICS (VCC = +5.0 V, TA = 25°C, 0.1 mF AC coupled inputs, Rsource = 37.5 W,220 mF AC
coupled outputs into 150 W load, referenced to 400 kHz, unless otherwise specified)
Symbol
Characteristics
Conditions
Min
Typ
Max
Unit
AVOL
Voltage Gain (Note 5)
VIN = 1 V (All Channels)
5.8
6.0
6.2
dB
BW
Low Pass Filter Bandwidth
−1 dB (Note 6)
5.5
7.2
MHz
−3 dB
9.0
MHz
AR
Stop−Band Attenuation (Rejection)
at 27 MHz
45
dB
dG
Differential Gain
0.3
%
dq
Differential Phase
0.6
_
THD
Total Harmonic Distortion
VOUT = 1.8 VPP @ 1 MHz
0.4
%
Xtalk
Channel−to−Channel Crosstalk
VOUT = 1.8 VPP @ 1 MHz
−60
dB
SNR
Signal−to−Noise Ratio
NTSC−7, 100 kHz to 4.2 MHz
(Note 7)
75
dB
Tpd
Propagation Delay
Input−to−Output, 4.5 MHz
60
nsec
DGD
Group Delay Variation from 100 kHz to
8 MHz
27
ns
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit
board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared
operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit
values are applied individually under normal operating conditions and not valid simultaneously.
5. 100% of tested IC fit to the bandwidth tolerance.
6. Guaranteed by design and characterization.
7. SNR = 20 x log (714 mV/RMS Noise)


Similar Part No. - NCS2553DGEVB

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCS2553DG ONSEMI-NCS2553DG Datasheet
129Kb / 9P
   3-Channel Video Amp with Standard Definition Reconstruction Filters
December, 2008 ??Rev. 4
More results

Similar Description - NCS2553DGEVB

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCS2553 ONSEMI-NCS2553 Datasheet
129Kb / 9P
   3-Channel Video Amp with Standard Definition Reconstruction Filters
December, 2008 ??Rev. 4
NCS2563 ONSEMI-NCS2563 Datasheet
133Kb / 9P
   3-Channel Video Amp with High Definition Reconstruction Filters
March, 2009 ??Rev. 4
logo
Maxim Integrated Produc...
MAX7428 MAXIM-MAX7428 Datasheet
444Kb / 21P
   Standard Definition Video Reconstruction Filters and Buffers
19-2119; Rev 2; 9/02
MAX7428 MAXIM-MAX7428_06 Datasheet
357Kb / 21P
   Standard Definition Video Reconstruction Filters and Buffers
Rev 0; 2/06
MAX11501 MAXIM-MAX11501 Datasheet
236Kb / 11P
   Three-Channel, Standard-Definition Video Filters
Rev 1; 4/08
logo
ON Semiconductor
NCS2554 ONSEMI-NCS2554 Datasheet
216Kb / 11P
   Four-Channel Video Driver with SD Reconstruction Filters
January, 2010 ??Rev. 1
logo
Maxim Integrated Produc...
MAX7442 MAXIM-MAX7442 Datasheet
250Kb / 7P
   6-Channel Integrated Video Reconstruction Filters
Rev 0; 1/03
MAX7462 MAXIM-MAX7462 Datasheet
264Kb / 8P
   Single-Channel Video Reconstruction Filters and Buffers
Rev 1; 9/05
logo
ON Semiconductor
NCS2564DTBGEVB ONSEMI-NCS2564DTBGEVB Datasheet
222Kb / 15P
   Four-Channel Video Driver with Selectable SD / HD Reconstruction Filters
April, 2011 ??Rev. 6
NCS2564 ONSEMI-NCS2564 Datasheet
220Kb / 15P
   Four-Channel Video Driver with Selectable SD / HD Reconstruction Filters
April, 2010 ??Rev. 5
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com