Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCV2200SN2T1G Datasheet(PDF) 7 Page - ON Semiconductor

Part # NCV2200SN2T1G
Description  Low Voltage Comparators
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV2200SN2T1G Datasheet(HTML) 7 Page - ON Semiconductor

Back Button NCV2200SN2T1G Datasheet HTML 3Page - ON Semiconductor NCV2200SN2T1G Datasheet HTML 4Page - ON Semiconductor NCV2200SN2T1G Datasheet HTML 5Page - ON Semiconductor NCV2200SN2T1G Datasheet HTML 6Page - ON Semiconductor NCV2200SN2T1G Datasheet HTML 7Page - ON Semiconductor NCV2200SN2T1G Datasheet HTML 8Page - ON Semiconductor NCV2200SN2T1G Datasheet HTML 9Page - ON Semiconductor NCV2200SN2T1G Datasheet HTML 10Page - ON Semiconductor NCV2200SN2T1G Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
NCS2200, NCS2200A, NCV2200, NCS2202A
www.onsemi.com
7
NCS2202A ELECTRICAL CHARACTERISTICS (For all values VCC = 0.85 V to 6.0 V, VEE = 0 V, TA = 25°C, Rpullup = 10 kW,
unless otherwise noted.) (Note 10)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VHYS
Input Hysteresis
TA = 25°C
2.0
4.5
20
mV
VIO
Input Offset Voltage
VCC = 0.85 V
TA = 25°C
TA = −40°C to 105°C
−10
−12
0.3
+10
+12
mV
VCC = 3.0 V
TA = 25°C
TA = −40°C to 105°C
−6.0
−8.0
0.4
+6.0
+8.0
VCC = 6.0 V
TA = 25°C
TA = −40°C to 105°C
−5.0
−7.0
0.4
+5.0
+7.0
VCM
Common Mode Voltage Range
VEE to VCC
V
ISC
Output Short−Circuit Sourcing or
Sinking
Vout = GND
60
mA
CMRR
Common Mode Rejection Ratio
VCM = VCC
53
80
dB
IIB
Input Bias Current
1.0
pA
PSRR
Power Supply Rejection Ratio
DVS = 2.575 V
45
80
dB
ICC
Supply Current
VCC = 0.85 V
TA = 25°C
TA = −40°C to 105°C
7.5
15
17
mA
VCC = 3.0 V
TA = 25°C
TA = −40°C to 105°C
8.0
15
17
VCC = 6.0 V
TA = 25°C
TA = −40°C to 105°C
9.0
15
17
VOL
Output Voltage Low
VCC = 0.85 V, Isink = 0.5 mA
TA = 25°C
TA = −40°C to 105°C
VEE + 0.14
VEE + 0.25
VEE + 0.275
V
VCC = 3.0 V, Isink = 3.0 mA
TA = 25°C
TA = −40°C to 105°C
VEE + 0.18
VEE + 0.3
VEE + 0.35
VCC = 6.0 V, Isink = 5.0 mA
TA = 25°C
TA = −40°C to 105°C
VEE + 0.20
VEE + 0.3
VEE + 0.35
tPHL
Propagation Delay − High to Low
20 mV Overdrive, CL = 15 pF,
VCC = 2.85 V
580
ns
50 mV Overdrive, CL = 15 pF,
VCC = 2.85 V
350
100 mV Overdrive, CL = 15 pF,
VCC = 2.85 V
220
tPLH
Propagation Delay − Low to High
20 mV Overdrive, CL = 15 pF,
VCC = 2.85 V
550
ns
50 mV Overdrive, CL = 15 pF,
VCC = 2.85 V
400
100 mV Overdrive, CL = 15 pF,
VCC = 2.85 V
340
tFALL
Output Fall Time
VCC = 6.0 V, CL = 50 pF (Note
11)
5.0
ns
tRISE
Output Rise Time
VCC = 6.0 V, CL = 50 pF (Note
11)
235
ns
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.
10. The limits over the extended temperature range are guaranteed by design only.
11. Input signal: 1 kHz, squarewave signal with 10 ns edge rate.


Similar Part No. - NCV2200SN2T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV2200SN2T1G ONSEMI-NCV2200SN2T1G Datasheet
169Kb / 17P
   Low Voltage Comparators
August, 2014 ??Rev. 16
NCV2200SN2T1G ONSEMI-NCV2200SN2T1G Datasheet
140Kb / 18P
   Low Voltage Comparators
April, 2015 ??Rev. 18
NCV2200SN2T1G ONSEMI-NCV2200SN2T1G Datasheet
140Kb / 18P
   Comparators
March, 2018 ??Rev. 20
More results

Similar Description - NCV2200SN2T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV2200 ONSEMI-NCV2200 Datasheet
169Kb / 17P
   Low Voltage Comparators
August, 2014 ??Rev. 16
NCS2200 ONSEMI-NCS2200 Datasheet
152Kb / 18P
   Low Voltage Comparators
March, 2005 ??Rev. 6
NCS2200 ONSEMI-NCS2200_10 Datasheet
161Kb / 17P
   Low Voltage Comparators
August, 2010 ??Rev. 10
NCS2200 ONSEMI-NCS2200_06 Datasheet
128Kb / 19P
   Low Voltage Comparators
August, 2006 ??Rev. 8
NCS2200 ONSEMI-NCS2200_15 Datasheet
140Kb / 18P
   Low Voltage Comparators
April, 2015 ??Rev. 18
logo
Rohm
BU7251G ROHM-BU7251G Datasheet
518Kb / 19P
   Comparators: Low Voltage CMOS
logo
Taiwan Semiconductor Co...
TS331 TSC-TS331_14 Datasheet
246Kb / 5P
   Low Power Low Offset Voltage Comparators
TS331 TSC-TS331_10 Datasheet
543Kb / 5P
   Low Power Low Offset Voltage Comparators
logo
STMicroelectronics
LM2903 STMICROELECTRONICS-LM2903 Datasheet
628Kb / 9P
   LOW POWER DUAL VOLTAGE COMPARATORS
logo
Analog Devices
PM-139 AD-PM-139 Datasheet
197Kb / 6P
   Quad Low-Power Voltage Comparators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com