Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S-1312B13-A4T1U3 Datasheet(PDF) 11 Page - Seiko Instruments Inc

Part # S-1312B13-A4T1U3
Description  LOW CURRENT CONSUMPTION HIGH RIPPLE-REJECTION LOW DROPOUT CMOS VOLTAGE REGULATOR
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-1312B13-A4T1U3 Datasheet(HTML) 11 Page - Seiko Instruments Inc

Back Button S-1312B13-A4T1U3 Datasheet HTML 7Page - Seiko Instruments Inc S-1312B13-A4T1U3 Datasheet HTML 8Page - Seiko Instruments Inc S-1312B13-A4T1U3 Datasheet HTML 9Page - Seiko Instruments Inc S-1312B13-A4T1U3 Datasheet HTML 10Page - Seiko Instruments Inc S-1312B13-A4T1U3 Datasheet HTML 11Page - Seiko Instruments Inc S-1312B13-A4T1U3 Datasheet HTML 12Page - Seiko Instruments Inc S-1312B13-A4T1U3 Datasheet HTML 13Page - Seiko Instruments Inc S-1312B13-A4T1U3 Datasheet HTML 14Page - Seiko Instruments Inc S-1312B13-A4T1U3 Datasheet HTML 15Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 47 page
background image
LOW CURRENT CONSUMPTION HIGH RIPPLE-REJECTION LOW DROPOUT CMOS VOLTAGE REGULATOR
Rev.2.3_01
S-1312 Series
11
Power Dissipation of HSNT-4 (1010) and HSNT-4 (0808) (Reference)
Power dissipation of package differs depending on the mounting conditions.
Consider the power dissipation characteristics under the following conditions as reference.
[Mounted board]
(1) Board size:
40 mm
× 40 mm × t0.8 mm
(2) Board material:
Glass epoxy resin (four layers)
(3) Wiring ratio:
50%
(4) Test conditions:
When mounted on board (wind speed: 0 m/s)
(5) Land pattern:
Refer to the recommended land pattern
Drawing code: PL004-A-L-SD (HSNT-4 (1010)), PK004-A-L-SD (HSNT-4 (0808))
0
50
100
150
0
Ambient Temperature (Ta) [
°C]
400
200
600
1000
800
1200
HSNT-4 (1010)
HSNT-4 (0808)
Figure 9 Power Dissipation of Package (When Mounted on Board)
Table 11
Condition
Power Dissipation (Reference)
Thermal Resistance Value (
θj−a)
HSNT-4 (1010)
(When mounted on board)
870 mW
115
°C/W
HSNT-4 (0808)
(When mounted on board)
850 mW
117
°C/W


Similar Part No. - S-1312B13-A4T1U3

ManufacturerPart #DatasheetDescription
logo
ABLIC Inc.
S-1312B13-A4T1U3 ABLIC-S-1312B13-A4T1U3 Datasheet
540Kb / 47P
   5.5 V INPUT, 150 mA VOLTAGE REGULATOR
Rev.2.5_00
More results

Similar Description - S-1312B13-A4T1U3

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S1312XXXH SII-S1312XXXH Datasheet
2Mb / 38P
   OPERATION LOW CURRENT CONSUMPTION HIGH RIPPLE-REJECTION LOW DROPOUT CMOS VOLTAGE REGULATOR
S-1167 SII-S-1167 Datasheet
474Kb / 31P
   ULTRA LOW CURRENT CONSUMPTION, HIGH RIPPLE REJECTION AND LOW DROPOUT CMOS VOLTAGE REGULATOR
logo
ABLIC Inc.
S-1167 ABLIC-S-1167 Datasheet
546Kb / 31P
   ULTRA LOW CURRENT CONSUMPTION, HIGH RIPPLE REJECTION AND LOW DROPOUT CMOS VOLTAGE REGULATOR
Rev.3.2_02
S-T111 ABLIC-S-T111 Datasheet
363Kb / 23P
   HIGH RIPPLE-REJECTION LOW DROPOUT CMOS VOLTAGE REGULATOR
Rev.3.1_02
logo
Seiko Instruments Inc
S-T111 SII-S-T111 Datasheet
238Kb / 23P
   HIGH RIPPLE-REJECTION LOW DROPOUT CMOS VOLTAGE REGULATOR
S-1165 SII-S-1165 Datasheet
280Kb / 23P
   HIGH RIPPLE-REJECTION LOW DROPOUT CMOS VOLTAGE REGULATOR
S-1312A10H-M5T1U3 SII-S-1312A10H-M5T1U3 Datasheet
2Mb / 38P
   HIGH RIPPLE-REJECTION LOW DROPOUT CMOS VOLTAGE REGULATOR
logo
Shenzhen Huazhimei Semi...
HM6207 HMSEMI-HM6207 Datasheet
1Mb / 11P
   Low dropout high ripple rejection CMOS voltage regulator
logo
ABLIC Inc.
S-1165 ABLIC-S-1165 Datasheet
385Kb / 23P
   HIGH RIPPLE-REJECTION LOW DROPOUT CMOS VOLTAGE REGULATOR
Rev.4.1_02
logo
Seiko Instruments Inc
S-1172 SII-S-1172 Datasheet
654Kb / 34P
   HIGH RIPPLE-REJECTION LOW DROPOUT HIGH OUTPUT CURRENT CMOS VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com