Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S4101 Datasheet(PDF) 2 Page - Rohm

Part # S4101
Description  N-channel SiC power MOSFET bare die
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

S4101 Datasheet(HTML) 2 Page - Rohm

  S4101 Datasheet HTML 1Page - Rohm S4101 Datasheet HTML 2Page - Rohm S4101 Datasheet HTML 3Page - Rohm S4101 Datasheet HTML 4Page - Rohm S4101 Datasheet HTML 5Page - Rohm S4101 Datasheet HTML 6Page - Rohm S4101 Datasheet HTML 7Page - Rohm S4101 Datasheet HTML 8Page - Rohm S4101 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
www.rohm.com
© 2015 ROHM Co., Ltd. All rights reserved.
Datasheet
S4101
Example of acceptable Vgs waveform
1200
Typ.
Unit
Max.
Min.
Values
--
V
Electrical characteristics (T
a = 25°C)
Parameter
Conditions
Drain - Source breakdown
voltage
V(BR)DSS
VGS = 0V, ID = 1mA
Symbol
nA
Tj = 150°C
2
1
Tj = 25°C
VGS = 4V, VDS = 0V
-
-
-
10
-
VGS = 22V, VDS = 0V
-
100
-
Gate - Source leakage current
IGSS
Gate threshold voltage
VDS = 10V, ID = 10mA
VGS (th)
Zero gate voltage
drain current
IDSS
A
Gate - Source leakage current
IGSS
-
100
nA
VDS = 1200V, VGS = 0V
Static drain - source
on - state resistance
RDS(on)
*3
-
Gate input resistance
RG
f = 1MHz, open drain
-
7
m
-60
-
Tj = 125°C
-
V
Tj = 25°C
40
50
2.7
-
5.6
VGS = 18V, ID = 20A
2/11
2017.08 - Rev.B


Similar Part No. - S4101

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
S4100 TI-S4100 Datasheet
315Kb / 8P
[Old version datasheet]   Multi-Function Reader Module Data Sheet
logo
Rohm
S4102 ROHM-S4102 Datasheet
665Kb / 13P
   N-channel SiC power MOSFET bare die
S4103 ROHM-S4103 Datasheet
665Kb / 13P
   N-channel SiC power MOSFET bare die
S4105 ROHM-S4105 Datasheet
674Kb / 13P
   N-channel SiC power MOSFET bare die
S4107 ROHM-S4107 Datasheet
849Kb / 12P
   N-channel SiC power MOSFET bare die
14.Jun.2018 - Rev.001
More results

Similar Description - S4101

ManufacturerPart #DatasheetDescription
logo
Rohm
S2305 ROHM-S2305 Datasheet
795Kb / 12P
   N-channel SiC power MOSFET bare die
S4103 ROHM-S4103 Datasheet
665Kb / 13P
   N-channel SiC power MOSFET bare die
S4002 ROHM-S4002 Datasheet
664Kb / 13P
   N-channel SiC power MOSFET bare die
S2301 ROHM-S2301_16 Datasheet
1,021Kb / 13P
   N-channel SiC power MOSFET bare die
S2308 ROHM-S2308_16 Datasheet
947Kb / 13P
   N-channel SiC power MOSFET bare die
S4008 ROHM-S4008 Datasheet
672Kb / 13P
   N-channel SiC power MOSFET bare die
S4105 ROHM-S4105 Datasheet
674Kb / 13P
   N-channel SiC power MOSFET bare die
S2206 ROHM-S2206 Datasheet
884Kb / 12P
   N-channel SiC power MOSFET bare die
S4503 ROHM-S4503 Datasheet
1Mb / 13P
   N-channel SiC power MOSFET bare die
9.Feb.2022 - Rev.001
S2308 ROHM-S2308 Datasheet
731Kb / 12P
   N-channel SiC power MOSFET bare die
S2301 ROHM-S2301 Datasheet
870Kb / 12P
   N-channel SiC power MOSFET bare die
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com