Electronic Components Datasheet Search |
|
SCH2080KE Datasheet(PDF) 1 Page - Rohm |
|
SCH2080KE Datasheet(HTML) 1 Page - Rohm |
1 / 14 page www.rohm.com © 2012 ROHM Co., Ltd. All rights reserved. Datasheet SCH2080KE N-channel SiC power MOSFET co-packaged with SiC-SBD Tube - Type Packing Reel size (mm) C SCH2080KE Basic ordering unit (pcs) Tape width (mm) - 30 Marking Packing code V 6 to 22 Unit 1200 A Value V A A 175 °C W °C 55 to 175 262 Range of storage temperature Tstg Power dissipation (Tc = 25°C) Junction temperature PD Tj PD Features 262W 1) Low on-resistance Gate - Source voltage (DC) Parameter Tc = 25°C Drain - Source voltage Tc = 100°C Continuous drain current Pulsed drain current 7) Pb-free lead plating ; RoHS compliant Absolute maximum ratings (Ta = 25°C) ・ Motor drives Application ・ Induction heating 5) Easy to parallel 3) Fast reverse recovery Outline Inner circuit Packaging specifications TO-247 2) Fast switching speed 4) Low VSD 1200V 80m 40A 6) Simple to drive VDSS RDS(on) (Typ.) ID VGSS-surge *3 10 to 26 V Gate - Source surge voltage (Tsurge ˂ 300nsec) VGSS ・ Solar inverters ・ DC/DC converters Symbol 40 80 ID,pulse *2 ID *1 28 VDSS ID *1 (1) Gate (2) Drain (3) Source *1 Body Diode *2 SBD G(1) D(2) *1 *2 S(3) 1/12 2017.06 - Rev.G |
Similar Part No. - SCH2080KE_17 |
|
Similar Description - SCH2080KE_17 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |