Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMA1220D Datasheet(PDF) 6 Page - Motorola, Inc

Part # MMA1220D
Description  Sensor
Download  670 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MMA1220D Datasheet(HTML) 6 Page - Motorola, Inc

Back Button MMA1220D Datasheet HTML 2Page - Motorola, Inc MMA1220D Datasheet HTML 3Page - Motorola, Inc MMA1220D Datasheet HTML 4Page - Motorola, Inc MMA1220D Datasheet HTML 5Page - Motorola, Inc MMA1220D Datasheet HTML 6Page - Motorola, Inc MMA1220D Datasheet HTML 7Page - Motorola, Inc MMA1220D Datasheet HTML 8Page - Motorola, Inc MMA1220D Datasheet HTML 9Page - Motorola, Inc MMA1220D Datasheet HTML 10Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 670 page
background image
vi
Table of Contents (continued)
SECTION THREE (continued)
AN1097 Calibration–Free Pressure
Sensor System
3–203
. . . . . . . . . . . . . . . . . . . . . .
AN1100 Analog to Digital Converter Resolution
Extension Using a Motorola
Pressure Sensor
3–208
. . . . . . . . . . . . . . . . . . . .
AN1303 A Simple 3–20 mA Pressure
Transducer Evaluation Board
3–211
. . . . . . . . .
AN1304 Integrated Sensor Simplifies Bar
Graph Pressure Gauge
3–214
. . . . . . . . . . . . . . .
AN1305 An Evaluation System for Direct
Interface of the MPX5100 Pressure
Sensor with a Microprocessor
3–219
. . . . . . . . .
AN1309 Compensated Sensor Bar Graph
Pressure Gauge
3–235
. . . . . . . . . . . . . . . . . . . . .
AN1315 An Evaluation System Interfacing the
MPX2000 Series Pressure Sensors
to a Microprocessor
3–242
. . . . . . . . . . . . . . . . . .
AN1316 Frequency Output Conversion for
MPX2000 Series Pressure Sensors
3–263
. . . .
AN1318 Interfacing Semiconductor Pressure
Sensors to Microcomputers
3–269
. . . . . . . . . . .
AN1322 Applying Semiconductor Sensors to
Bar Graph Pressure Gauges
3–279
. . . . . . . . . .
AN1325 Amplifiers for Semiconductor
Pressure Sensors
3–284
. . . . . . . . . . . . . . . . . . .
AN1326 Barometric Pressure Measurement
Using Semiconductor
Pressure Sensors
3–288
. . . . . . . . . . . . . . . . . . .
AN1513 Mounting Techniques and Plumbing
Options of Motorola’s MPX Series
Pressure Sensors
3–297
. . . . . . . . . . . . . . . . . . .
AN1516 Liquid Level Control Using a
Motorola Pressure Sensor
3–301
. . . . . . . . . . . .
AN1517 Pressure Switch Design with
Semiconductor Pressure Sensors
3–306
. . . . .
AN1518 Using a Pulse Width Modulated
Output with Semiconductor
Pressure Sensors
3–312
. . . . . . . . . . . . . . . . . . .
AN1525 The A–B–C’s of Signal–Conditioning
Amplifier Design for
Sensor Applications
3–318
. . . . . . . . . . . . . . . . . .
AN1536 Digital Boat Speedometers
3–325
. . . . . . . . . . . . .
AN1551 Low Pressure Sensing with the
MPX2010 Pressure Sensor
3–337
. . . . . . . . . . .
AN1556 Designing Sensor Performance
Specifications for
MCU–based Systems
3–346
. . . . . . . . . . . . . . . .
AN1571 Digital Blood Pressure Meter
3–355
. . . . . . . . . . . .
AN1573 Understanding Pressure
and Pressure Measurement
3–363
. . . . . . . . . . .
AN1586 Designing a Homemade Digital Output
for Analog Voltage Output Sensors
3–368
. . . . .
AN1636 Implementing Auto Zero for
Integrated Pressure Sensors
3–375
. . . . . . . . . .
AN1646 Noise Considerations for Integrated
Pressure Sensors
3–378
. . . . . . . . . . . . . . . . . . .
AN1660 Compound Coefficient Pressure Sensor
PSPICE Models
3–384
. . . . . . . . . . . . . . . . . . . . .
AN1668 Washing Appliance Sensor Selection
3–390
. . . . .
AN1950 Water Level Monitoring
3–395
. . . . . . . . . . . . . . . . .
AN4007 New Small Amplified Automotive
Vacuum Sensors
A Single Chip Sensor Solution
for Brake Booster Monitoring
3–413
. . . . . . . . . .
AN4010 Low–Pressure Sensing Using
MPX2010 Series Pressure Sensors
3–418
. . . .
Case Outlines
3–423
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Reference Information
Reference Tables
3–439
. . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Mounting and Handling Suggestions
3–441
. . . . . . . . . . . .
Standard Warranty Clause
3–442
. . . . . . . . . . . . . . . . . . . . .
Glossary of Terms
3–443
. . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Symbols, Terms, and Definitions
3–446
. . . . . . . . . . . . . . .
SECTION FOUR — Safety and Alarm Integrated
Circuits
Mini Selector Guide
4–2
. . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Data Sheets
MC14467–1
4– 3
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
MC14468
4– 9
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
MC14578
4– 15
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
MC14600
4–19
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
MC145010
4– 24
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
MC145011
4– 34
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
MC145012
4– 44
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
MC145017
4–54
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
MC145018
4– 60
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Application Notes
AN1690 Alarm IC General Applications
Overview
4– 66
. . . . . . . . . . . . . . . . . . . . . . . . . . .
AN4009 Alarm IC Sample Applications
4–70
. . . . . . . . . . . .
Case Outlines
4–72
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
SECTION FIVE — Alphanumeric Device Index
Alphanumeric Device Index
5–2
. . . . . . . . . . . . . . . . . . . . . .
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Similar Part No. - MMA1220D

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MMA1220D MOTOROLA-MMA1220D Datasheet
156Kb / 8P
   Low G Micromachined Accelerometer
logo
Freescale Semiconductor...
MMA1220D FREESCALE-MMA1220D Datasheet
282Kb / 10P
   Low G Micromachined Accelerometer
logo
Motorola, Inc
MMA1220DR2 MOTOROLA-MMA1220DR2 Datasheet
156Kb / 8P
   Low G Micromachined Accelerometer
logo
Freescale Semiconductor...
MMA1220DR2 FREESCALE-MMA1220DR2 Datasheet
282Kb / 10P
   Low G Micromachined Accelerometer
More results

Similar Description - MMA1220D

ManufacturerPart #DatasheetDescription
logo
Epson Company
TSU EPSON-TSU Datasheet
448Kb / 2P
   SENSOR QUARTZ PRESSURE SENSOR
logo
Epson ToYoCom
TSU-20G EPSONTOYOCOM-TSU-20G Datasheet
448Kb / 2P
   SENSOR QUARTZ PRESSURE SENSOR
logo
Roithner LaserTechnik G...
QL85H6S-ABC ROITHNER-QL85H6S-ABC Datasheet
242Kb / 5P
   sensor
logo
HOPE Microelectronics C...
TH10 HOPE-TH10 Datasheet
651Kb / 15P
   SENSOR
logo
Murata Manufacturing Co...
IML-0688 MURATA-IML-0688 Datasheet
185Kb / 2P
   Sensor
PKGS-45TAV-R MURATA-PKGS-45TAV-R_17 Datasheet
205Kb / 3P
   Sensor
IML-0638 MURATA-IML-0638_17 Datasheet
185Kb / 2P
   Sensor
IML-0650 MURATA-IML-0650_17 Datasheet
181Kb / 2P
   Sensor
IRA-S410ST03 MURATA-IRA-S410ST03_17 Datasheet
219Kb / 3P
   Sensor
PKGS-00LDP1-R MURATA-PKGS-00LDP1-R_17 Datasheet
201Kb / 3P
   Sensor
logo
Roithner LaserTechnik G...
QL78I6S ROITHNER-QL78I6S Datasheet
369Kb / 3P
   sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com