Electronic Components Datasheet Search |
|
S-1312D27H-A4T2U3 Datasheet(PDF) 4 Page - Seiko Instruments Inc |
|
S-1312D27H-A4T2U3 Datasheet(HTML) 4 Page - Seiko Instruments Inc |
4 / 38 page 105 °C OPERATION LOW CURRENT CONSUMPTION HIGH RIPPLE-REJECTION LOW DROPOUT CMOS VOLTAGE REGULATOR S-1312xxxH Series Rev.1.1_01 4 Product Name Structure Users can select the product type, output voltage, and package type for the S-1312xxxH Series. Refer to "1. Product name" regarding the contents of product name, "2. Function list of product types" regarding the product type, "3. Packages" regarding the package drawings, "4. Product name lists" regarding details of the product name. 1. Product name S-1312 x xx H - xxxx U 3 Environmental code U: Lead-free (Sn 100%), halogen-free Package abbreviation and IC packing specifications *1 M5T1: SOT-23-5, Tape A4T2: HSNT-4 (1010), Tape Operation temperature H: Ta = −40°C to +105°C Output voltage *2 10 to 35 (e.g., when the output voltage is 1.0 V, it is expressed as 10.) Product type *3 A to D *1. Refer to the tape drawing. *2. If you request the product which has 0.05 V step, contact our sales office. *3. Refer to "2. Function list of product types". 2. Function list of product types Table 1 Product Type ON / OFF Logic Discharge Shunt Function Pull-down Resistor A Active "H" Available Available B Active "H" Available Unavailable C Active "H" Unavailable Available D Active "H" Unavailable Unavailable 3. Packages Table 2 Package Drawing Codes Package Name Dimension Tape Reel Land SOT-23-5 MP005-A-P-SD MP005-A-C-SD MP005-A-R-SD − HSNT-4 (1010) PL004-A-P-SD PL004-A-C-SD PL004-A-R-SD PL004-A-L-SD |
Similar Part No. - S-1312D27H-A4T2U3 |
|
Similar Description - S-1312D27H-A4T2U3 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |