Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B39212B7750C810 Datasheet(PDF) 3 Page - EPCOS

Part # B39212B7750C810
Description  SAW Components
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B39212B7750C810 Datasheet(HTML) 3 Page - EPCOS

  B39212B7750C810 Datasheet HTML 1Page - EPCOS B39212B7750C810 Datasheet HTML 2Page - EPCOS B39212B7750C810 Datasheet HTML 3Page - EPCOS B39212B7750C810 Datasheet HTML 4Page - EPCOS B39212B7750C810 Datasheet HTML 5Page - EPCOS B39212B7750C810 Datasheet HTML 6Page - EPCOS B39212B7750C810 Datasheet HTML 7Page - EPCOS B39212B7750C810 Datasheet HTML 8Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
September 11, 2008
B7750
2140.00 MHz
SAW Components
SAW filter
Data sheet
Please read
cautions and warnings and
important notes at the end of this document.
Characteristics
Temperature range for specification:
T
=
-20 to +85 ˚C
Terminating source impedance:
ZS =50 Ω
Terminating load impedance:
ZL =50 Ω
min.
typ.
@ 25 ˚C
max.
Center frequency
fC
2140.0
MHz
Maximum insertion attenuation
α
max
2110.0
... 2170.0
MHz
2.6
2.8
dB
Amplitude ripple (p-p)
∆α
2110.0
... 2170.0
MHz
0.8
1.0
dB
Input VSWR
2110.0
... 2170.0
MHz
2.2
2.4
Output VSWR
2110.0
... 2170.0
MHz
2.2
2.4
Absolute Attenuation
α
0.0
... 1500.0
MHz
40
42
dB
1500.0
... 1880.0
MHz
35
40
dB
1920.0
... 1980.0
MHz
34
36
dB
2025.0
... 2050.0
MHz
20
25
dB
2205.0
... 2265.0
MHz
10
20
dB
2230.0
... 2260.0
MHz
22
24
dB
2300.0
... 2360.0
MHz
33
38
dB
2490.0
... 2550.0
MHz
37
43
dB
2870.0
... 2930.0
MHz
31
35
dB
4000.0
... 6000.0
MHz
20
31
dB


Similar Part No. - B39212B7750C810

ManufacturerPart #DatasheetDescription
logo
EPCOS
B39212B7750C810 EPCOS-B39212B7750C810 Datasheet
85Kb / 8P
   SAW filter W-CDMA
More results

Similar Description - B39212B7750C810

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
G3355K ETC-G3355K Datasheet
98Kb / 8P
   SAW COMPONENTS
logo
EPCOS
B5155 EPCOS-B5155 Datasheet
233Kb / 8P
   SAW Components
B39421R2702U310 EPCOS-B39421R2702U310 Datasheet
45Kb / 4P
   SAW Components
B39401R983U410 EPCOS-B39401R983U410 Datasheet
40Kb / 4P
   SAW Components
logo
TDK Electronics
B39182B9855P810 TDK-B39182B9855P810 Datasheet
136Kb / 8P
   SAW Components
B39901B8746P810 TDK-B39901B8746P810 Datasheet
98Kb / 7P
   SAW Components
logo
EPCOS
B3529 EPCOS-B3529 Datasheet
99Kb / 8P
   SAW Components
B3513 EPCOS-B3513 Datasheet
68Kb / 6P
   SAW Components
B3525 EPCOS-B3525 Datasheet
63Kb / 7P
   SAW Components
B7683 EPCOS-B7683 Datasheet
156Kb / 13P
   SAW Components
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com