Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NTE1714M Datasheet(PDF) 2 Page - NTE Electronics

Part # NTE1714M
Description  Integrated Circuit Remote Control Amplifier/Detector
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics

NTE1714M Datasheet(HTML) 2 Page - NTE Electronics

  NTE1714M Datasheet HTML 1Page - NTE Electronics NTE1714M Datasheet HTML 2Page - NTE Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Electrical Characteristics: (TA = +25°C, VCC = 5V, fin = 40kHz unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Power Supply Current
ICC
1.5
2.5
3.5
mA
Input Terminal Voltage
V (Pin7)
2.4
2.8
3.0
V
Input Voltage Threshold
Vin
50
100
µVP–P
Input Amplifier Voltage Gain
AV
V (Pin3) = 500mVP–P
60
dB
Input Impedance
rin
40
60
80
k
Output Voltage
VOL
Vin = 1mVP–P
0.5
V
VOH
Input Open
5.0
V
Output Leakage Current
IOH
VCC = VOH = 15V
2.0
µA
VCC
GND
Tank
Peak Hold
Input
1
2
3
4
Output
Filter
8
7
6
5
Filter
Pin Connection Diagram
14
.260 (6.6)
.390 (9.9)
Max
85
.155
(3.93)
.145 (3.68)
.300
(7.62)
.300 (7.62)
.100 (2.54)


Similar Part No. - NTE1714M

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE1714S NTE-NTE1714S Datasheet
19Kb / 2P
   Integrated Circuit Remote Control Amplifier/Detector
More results

Similar Description - NTE1714M

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE1714S NTE-NTE1714S Datasheet
19Kb / 2P
   Integrated Circuit Remote Control Amplifier/Detector
logo
Motorola, Inc
MC3373 MOTOROLA-MC3373 Datasheet
74Kb / 1P
   Remote Control Amplifier/Detector
logo
NTE Electronics
NTE1791 NTE-NTE1791 Datasheet
21Kb / 2P
   Integrated Circuit TV Remote Control Amplifier
NTE1757 NTE-NTE1757 Datasheet
35Kb / 3P
   Integrated Circuit Remote Control Receiver
NTE1300 NTE-NTE1300 Datasheet
21Kb / 2P
   Integrated Circuit TV Remote Control
NTE15004 NTE-NTE15004 Datasheet
21Kb / 2P
   Integrated Circuit Remote Control Preamplifier
NTE1682 NTE-NTE1682 Datasheet
20Kb / 2P
   Integrated Circuit Pre-Amplifier Circuit for Remote Control Signal Receivers
NTE1738 NTE-NTE1738 Datasheet
24Kb / 3P
   Integrated Circuit TV Remote Control Receiver
NTE1761 NTE-NTE1761 Datasheet
26Kb / 3P
   Integrated Circuit Infrared Remote Control Preamp
NTE1441 NTE-NTE1441 Datasheet
23Kb / 3P
   Integrated Circuit FM IF Amplifier, Detector
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com