Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B39321R0981U410 Datasheet(PDF) 3 Page - EPCOS

Part # B39321R0981U410
Description  SAW Components
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B39321R0981U410 Datasheet(HTML) 3 Page - EPCOS

  B39321R0981U410 Datasheet HTML 1Page - EPCOS B39321R0981U410 Datasheet HTML 2Page - EPCOS B39321R0981U410 Datasheet HTML 3Page - EPCOS B39321R0981U410 Datasheet HTML 4Page - EPCOS B39321R0981U410 Datasheet HTML 5Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
March 23, 2009
R 981
315.00 MHz
SAW Components
SAW resonator
Data sheet
Please read
cautions and warnings and
important notes at the end of this document.
Characteristics
Reference temperature:
TA = 25 ˚C
Terminating source impedance:
ZS = 50 Ω
Terminating load impedance:
ZL = 50 Ω
min.
typ.
max.
Center frequency1)
1) Center frequency is defined as maximum of the real part of the admittance.
fC
314.90
315.00
315.10
MHz
Minimum insertion attenuation
α
min
1.4
1.8
dB
Unloaded quality factor
QU
7600
11000
Ageing of fC
–50/+50
ppm
Equivalent circuit elements
Motional capacitance
C1
2.334
fF
Motional inductance
L1
109.4
µH
Motional resistance
R1
—19
27
Parallel capacitance2)
2) If used in two port configuration (pin 1 - input, pin 3 - output) C
0 is reduced by approx. 0.3 pF.
C0
3.3
pF
Temperature coefficient of frequency3)
3) Temperature dependence of f
C: fC(TA) = fC(T0) (1 + TCf (TA – T0)
2)
TCf
–0.032
ppm/K2
Turnover temperature
T0
20—50
˚C
Maximum ratings
Operable temperature range T
–40/+125 ˚C
Storage temperature range
Tstg
–40/+125 ˚C
DC voltage
VDC
12
V
Source power
PS
0
dBm


Similar Part No. - B39321R0981U410

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B39321R0901H110 TDK-B39321R0901H110 Datasheet
52Kb / 5P
   SAW Components SAW resonator
B39321R0903H110 TDK-B39321R0903H110 Datasheet
52Kb / 5P
   SAW Components SAW resonator
logo
EPCOS
B39321R0961H110 EPCOS-B39321R0961H110 Datasheet
32Kb / 5P
   SAW Components
logo
TDK Electronics
B39321R0963H110 TDK-B39321R0963H110 Datasheet
52Kb / 5P
   SAW Components SAW resonator
B39321R0993H110 TDK-B39321R0993H110 Datasheet
52Kb / 5P
   SAW Components SAW resonator
More results

Similar Description - B39321R0981U410

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
G3355K ETC-G3355K Datasheet
98Kb / 8P
   SAW COMPONENTS
logo
EPCOS
B5155 EPCOS-B5155 Datasheet
233Kb / 8P
   SAW Components
B39212B7750C810 EPCOS-B39212B7750C810 Datasheet
85Kb / 8P
   SAW Components
B39421R2702U310 EPCOS-B39421R2702U310 Datasheet
45Kb / 4P
   SAW Components
B39401R983U410 EPCOS-B39401R983U410 Datasheet
40Kb / 4P
   SAW Components
logo
TDK Electronics
B39182B9855P810 TDK-B39182B9855P810 Datasheet
136Kb / 8P
   SAW Components
B39901B8746P810 TDK-B39901B8746P810 Datasheet
98Kb / 7P
   SAW Components
logo
EPCOS
B3529 EPCOS-B3529 Datasheet
99Kb / 8P
   SAW Components
B3513 EPCOS-B3513 Datasheet
68Kb / 6P
   SAW Components
B3525 EPCOS-B3525 Datasheet
63Kb / 7P
   SAW Components
B7683 EPCOS-B7683 Datasheet
156Kb / 13P
   SAW Components
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com