Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FSA66 Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # FSA66
Description  Low Voltage UHS Single SPST Normally Open Analog Switch
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSA66 Datasheet(HTML) 4 Page - Fairchild Semiconductor

  FSA66 Datasheet HTML 1Page - Fairchild Semiconductor FSA66 Datasheet HTML 2Page - Fairchild Semiconductor FSA66 Datasheet HTML 3Page - Fairchild Semiconductor FSA66 Datasheet HTML 4Page - Fairchild Semiconductor FSA66 Datasheet HTML 5Page - Fairchild Semiconductor FSA66 Datasheet HTML 6Page - Fairchild Semiconductor FSA66 Datasheet HTML 7Page - Fairchild Semiconductor FSA66 Datasheet HTML 8Page - Fairchild Semiconductor FSA66 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
www.fairchildsemi.com
4
AC Loading and Waveforms
Input driven by 50
Ω source terminated in 50Ω
CL includes load and stray capacitance.
Input PRR
= 1.0 MHz; t
w = 500 ns
FIGURE 1. AC Test Circuit
FIGURE 2. AC Waveforms
FIGURE 3. Charge Injection Test
FIGURE 4. Off Isolation
FIGURE 5. Bandwidth


Similar Part No. - FSA66

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSA66 FAIRCHILD-FSA66 Datasheet
748Kb / 14P
   Low-Voltage UHS Single SPST Normally Open Analog Switch
logo
ON Semiconductor
FSA66 ONSEMI-FSA66 Datasheet
821Kb / 16P
   Low-Voltage UHS Single SPST Normally Open Analog Switch
June 2006 Rev. 1.0.1
FSA660 ONSEMI-FSA660 Datasheet
314Kb / 8P
   2:1 MIPI C-PHY (5.7 Gbps) 1-Data Lane Switch
September 2016 Rev. 1.0
FSA660TMX ONSEMI-FSA660TMX Datasheet
314Kb / 8P
   2:1 MIPI C-PHY (5.7 Gbps) 1-Data Lane Switch
September 2016 Rev. 1.0
logo
Fairchild Semiconductor
FSA66L6X FAIRCHILD-FSA66L6X Datasheet
748Kb / 14P
   Low-Voltage UHS Single SPST Normally Open Analog Switch
More results

Similar Description - FSA66

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSA66 FAIRCHILD-FSA66_06 Datasheet
748Kb / 14P
   Low-Voltage UHS Single SPST Normally Open Analog Switch
logo
ON Semiconductor
FSA66 ONSEMI-FSA66 Datasheet
821Kb / 16P
   Low-Voltage UHS Single SPST Normally Open Analog Switch
June 2006 Rev. 1.0.1
logo
Fairchild Semiconductor
NC7WB66 FAIRCHILD-NC7WB66 Datasheet
97Kb / 8P
   TinyLogic. Low Voltage UHS Dual SPST Normally Open Bus Switch
logo
ON Semiconductor
NS5B1G385 ONSEMI-NS5B1G385 Datasheet
144Kb / 8P
   Single (NO) Normally Open SPST Analog Switch
March, 2009 ??Rev. 0
logo
Fairchild Semiconductor
NC7SZ66 FAIRCHILD-NC7SZ66_05 Datasheet
220Kb / 10P
   Low Voltage Single SPST Normally Open Bus Switch
NC7SZ66 FAIRCHILD-NC7SZ66_10 Datasheet
568Kb / 9P
   Low Voltage Single SPST Normally Open Bus Switch
logo
ON Semiconductor
NC7SZ66 ONSEMI-NC7SZ66 Datasheet
630Kb / 11P
   Low Voltage Single SPST Normally Open Bus Switch
September 2013 Rev. 1.0.5
MC74VHC1GT66 ONSEMI-MC74VHC1GT66_07 Datasheet
119Kb / 10P
   SPST (NO) Normally Open Analog Switch
February, 2007 ??Rev. 13
MC74VHC1G66 ONSEMI-MC74VHC1G66_07 Datasheet
109Kb / 10P
   SPST (NO) Normally Open Analog Switch
February, 2007 ??Rev. 13
MC74VHC1G66 ONSEMI-MC74VHC1G66_11 Datasheet
138Kb / 9P
   SPST (NO) Normally Open Analog Switch
May, 2011 ??Rev. 15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com