Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S-1313D16-A4T1U3 Datasheet(PDF) 10 Page - Seiko Instruments Inc

Part # S-1313D16-A4T1U3
Description  SUPER LOW CURRENT CONSUMPTION LOW DROPOUT CMOS VOLTAGE REGULATOR
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-1313D16-A4T1U3 Datasheet(HTML) 10 Page - Seiko Instruments Inc

Back Button S-1313D16-A4T1U3 Datasheet HTML 6Page - Seiko Instruments Inc S-1313D16-A4T1U3 Datasheet HTML 7Page - Seiko Instruments Inc S-1313D16-A4T1U3 Datasheet HTML 8Page - Seiko Instruments Inc S-1313D16-A4T1U3 Datasheet HTML 9Page - Seiko Instruments Inc S-1313D16-A4T1U3 Datasheet HTML 10Page - Seiko Instruments Inc S-1313D16-A4T1U3 Datasheet HTML 11Page - Seiko Instruments Inc S-1313D16-A4T1U3 Datasheet HTML 12Page - Seiko Instruments Inc S-1313D16-A4T1U3 Datasheet HTML 13Page - Seiko Instruments Inc S-1313D16-A4T1U3 Datasheet HTML 14Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 56 page
background image
SUPER LOW CURRENT CONSUMPTION LOW DROPOUT CMOS VOLTAGE REGULATOR
S-1313 Series
Rev.2.1_00
10
3. HSNT-4 (1010)
Top view
14
23
Bottom view
41
32
*1
Figure 7
Table 9
Pin No.
Symbol
Description
1
VOUT
Output voltage pin
2
VSS
GND pin
3
ON / OFF
ON / OFF pin
4
VIN
Input voltage pin
*1. Connect the heatsink of backside at shadowed area to the board, and set electric potential open or GND.
However, do not use it as the function of electrode.
4. HSNT-4 (0808)
Top view
14
23
Bottom view
41
32
*1
Figure 8
Table 10
Pin No.
Symbol
Description
1
VOUT
Output voltage pin
2
VSS
GND pin
3
ON / OFF
ON / OFF pin
4
VIN
Input voltage pin
*1. Connect the heat sink of backside at shadowed area to the board, and set electric potential open or GND.
However, do not use it as the function of electrode.


Similar Part No. - S-1313D16-A4T1U3

ManufacturerPart #DatasheetDescription
logo
ABLIC Inc.
S-1313D16-A4T1U3 ABLIC-S-1313D16-A4T1U3 Datasheet
825Kb / 56P
   5.5 V INPUT, 200 mA VOLTAGE REGULATOR
Rev.2.2_00
More results

Similar Description - S-1313D16-A4T1U3

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-19200A33A-V5T2U SII-S-19200A33A-V5T2U Datasheet
2Mb / 32P
   LOW CURRENT CONSUMPTION LOW DROPOUT CMOS VOLTAGE REGULATOR
S-1206 SII-S-1206 Datasheet
653Kb / 36P
   ULTRA LOW CURRENT CONSUMPTION AND LOW DROPOUT CMOS VOLTAGE REGULATOR
logo
ABLIC Inc.
S-1206 ABLIC-S-1206 Datasheet
566Kb / 35P
   ULTRA LOW CURRENT CONSUMPTION AND LOW DROPOUT CMOS VOLTAGE REGULATOR
Rev.3.2_02
S-1142A ABLIC-S-1142A Datasheet
478Kb / 32P
   HIGH-WITHSTAND VOLTAGE LOW CURRENT CONSUMPTION LOW DROPOUT CMOS VOLTAGE REGULATOR
Rev.4.2_02
logo
Seiko Instruments Inc
S-1142C SII-S-1142C Datasheet
1Mb / 32P
   HIGH-WITHSTAND VOLTAGE LOW CURRENT CONSUMPTION LOW DROPOUT CMOS VOLTAGE REGULATOR
logo
ABLIC Inc.
S-1142C ABLIC-S-1142C Datasheet
451Kb / 32P
   HIGH-WITHSTAND VOLTAGE LOW CURRENT CONSUMPTION LOW DROPOUT CMOS VOLTAGE REGULATOR
Rev.1.3_00
logo
Seiko Instruments Inc
S1142C-A SII-S1142C-A Datasheet
1Mb / 31P
   HIGH-WITHSTAND VOLTAGE LOW CURRENT CONSUMPTION LOW DROPOUT CMOS VOLTAGE REGULATOR
S-1142A SII-S-1142A Datasheet
1Mb / 32P
   HIGH-WITHSTAND VOLTAGE LOW CURRENT CONSUMPTION LOW DROPOUT CMOS VOLTAGE REGULATOR
S1212B SII-S1212B Datasheet
3Mb / 58P
   HIGH-WITHSTAND VOLTAGE LOW CURRENT CONSUMPTION LOW DROPOUT CMOS VOLTAGE REGULATOR
logo
ACE Technology Co., LTD...
ACE501 ACE-ACE501_12 Datasheet
807Kb / 10P
   250mA CMOS Low Dropout Voltage Low consumption Regulator
VER 1.4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com