Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

G920CT11U Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # G920CT11U
Description  150mA Micro-power LDO Regulators
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

G920CT11U Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  G920CT11U Datasheet HTML 1Page - List of Unclassifed Manufacturers G920CT11U Datasheet HTML 2Page - List of Unclassifed Manufacturers G920CT11U Datasheet HTML 3Page - List of Unclassifed Manufacturers G920CT11U Datasheet HTML 4Page - List of Unclassifed Manufacturers G920CT11U Datasheet HTML 5Page - List of Unclassifed Manufacturers G920CT11U Datasheet HTML 6Page - List of Unclassifed Manufacturers G920CT11U Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Ver 0.0 Preliminary
Mar 27, 2001
TEL: 886-3-5788833
http://www.gmt.com.tw
5
G920
Global Mixed-mode Technology Inc.
Pin Description
PIN
NAME
FUNCTION
1
NC
This is a NC pin, should be left unconnected.
2
IN
Regulator Input. Supply voltage can range from +2.5V to +6.5V. Bypass with 1µF to GND.
3
OUT
Regulator Output. Sources up to 150mA. Bypass with a 1µF, <0.2
Ω typical ESR capacitor to
GND.
4
EN
Active-High Enable Input. A logic low reduces the supply current to less than 1
µA. Connect to IN for
normal operation.
5,6,7,8
GND
Ground. This pin also functions as a heatsink. Solder to large pads or the circuit board ground
plane to maximize thermal dissipation.
Detailed Description
The block diagram of the G920 is shown in Figure 1. It
consists of an error amplifier, 1.25V bandgap refer-
ence, PMOS output transistor, internal feedback
voltage divider, shutdown logic, over current protection
circuit, and over temperature protection circuit.
The internal feedback voltage divider’s central tap is
connected to the non-inverting input of the error ampli-
fier. The error amplifier compares non-inverting input
with the 1.25V bandgap reference. If the feedback
voltage is higher than 1.25V, the error amplifier’s out-
put becomes higher so that the PMOS output transis-
tor has a smaller gate-to-source voltage (VGS). This
reduces the current carrying capability of the PMOS
output transistor, as a result the output voltage de-
creases until the feedback v41oltage is equal to 1.25V.
Similarly, when the feedback voltage is less than
1.25V, the error amplifier causes the output PMOS to
conductor more current to pull the feedback voltage up
to 1.25V. Thus, through this feedback action, the error
amplifier, output PMOS, and the voltage divider effec-
tively form a unity-gain amplifier with the feedback
voltage force to be the same as the 1.25V bandgap
reference. The output voltage, VOUT, is then given by
the following equation:
VOUT = 1.25 (1 + R1/R2).
(1)
For the G920, the pre-set output voltage is 3.3V.
Figure 1. Functional Diagram
EN
IN
OUT
SHUTDOWN
LOGIC
1.25V
Vref
ERROR
AMP
OVER CURRENT
PROTECT & DYNAMIC
FEEDBACK
GND
R1
R2
OVER TEMP.
PROTECT
EN
IN
OUT
SHUTDOWN
LOGIC
1.25V
Vref
ERROR
AMP
OVER CURRENT
PROTECT & DYNAMIC
FEEDBACK
GND
R1
R2
OVER TEMP.
PROTECT


Similar Part No. - G920CT11U

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G920CT11U GMT-G920CT11U Datasheet
65Kb / 1P
   Low Quiescent Current Voltage Regulator
More results

Similar Description - G920CT11U

ManufacturerPart #DatasheetDescription
logo
Rohm
BH25NB1WHFV ROHM-BH25NB1WHFV_11 Datasheet
303Kb / 9P
   1ch 150mA CMOS LDO Regulators
BH12PB1WHFV ROHM-BH12PB1WHFV_11 Datasheet
353Kb / 11P
   1ch 150mA CMOS LDO Regulators
BH15RB1WGUT ROHM-BH15RB1WGUT_11 Datasheet
303Kb / 9P
   1ch 150mA CMOS LDO Regulators
logo
RICOH electronics devic...
R5323N RICOH-R5323N Datasheet
568Kb / 19P
   SOT23-6 150mA 2ch LDO REGULATORS?
logo
Linear Technology
LT1762 LINER-LT1762 Datasheet
229Kb / 16P
   150mA, Low Noise, LDO Micropower Regulators
LT1762 LINER-LT1762_15 Datasheet
425Kb / 16P
   150mA, Low Noise, LDO Micropower Regulators
logo
Fairchild Semiconductor
ILC7280 FAIRCHILD-ILC7280 Datasheet
383Kb / 9P
   Micropower Dual 150mA CMOS RF LDO-TM Regulators
logo
Impala Linear Corporati...
ILC7281 IMPALA-ILC7281 Datasheet
74Kb / 9P
   MICROPOWER DUAL 150MA CMOS RF LDO REGULATORS WITH POWER SUPPLY RESET MONITOR
logo
RICOH electronics devic...
R1183Z RICOH-R1183Z Datasheet
407Kb / 26P
   150mA LDO REGULATOR
R1180N121B RICOH-R1180N121B Datasheet
725Kb / 24P
   150mA LDO REGULATOR
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com