Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IR3088AM Datasheet(PDF) 4 Page - International Rectifier

Part # IR3088AM
Description  XPHASETM PHASE IC WITH FAULT AND OVERTEMP DETECT
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3088AM Datasheet(HTML) 4 Page - International Rectifier

  IR3088AM Datasheet HTML 1Page - International Rectifier IR3088AM Datasheet HTML 2Page - International Rectifier IR3088AM Datasheet HTML 3Page - International Rectifier IR3088AM Datasheet HTML 4Page - International Rectifier IR3088AM Datasheet HTML 5Page - International Rectifier IR3088AM Datasheet HTML 6Page - International Rectifier IR3088AM Datasheet HTML 7Page - International Rectifier IR3088AM Datasheet HTML 8Page - International Rectifier IR3088AM Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 34 page
background image
IR3088A
PARAMETER
TEST CONDITION
MIN
TYP
MAX
UNIT
Ramp Comparator
Input Offset Voltage
20
40
80
mV
Hysteresis
Note 1
-10
0
10
mV
RMPIN+, RMPIN- Bias
Current
-1
-0.5
1
µA
Propagation Delay
VCCH = 12V. Measure time from
RMPIN input (50mV overdrive) to
GATEL transition to <11V.
100
150
240
ns
PWM Comparator
PWM Comparator Input Offset
Voltage
-5
5
15
mV
EAIN & PWMRMP Bias
Current
Clamp and Current Share Adjust OFF
-1
-0.4
1
µA
Propagation Delay
VCCH = 12V. Measure time from
PWMRMP input (50mV overdrive) to
GATEH transition to < 11V.
70
150
ns
Common Mode Input Range
Exceeding the Common Mode input
range results in 100% duty cycle
5
V
Share Adjust Error Amplifier
Input Offset Voltage
10
20
30
mV
Input Voltage Range
EAIN – PWMRMP, Note 1
-3.5
3.5
V
PWMRMP Adjust Current
4
8
mA
Transconductance
I(PWMRMP) = 3.5mA, Note 1
0.9
1.6
2.3
A/V
SCOMP Source/Sink Current
Note 1
20
30
40
µA
SCOMP Activation Voltage
Amount SCOMP must increase from its
minimum voltage until the Ramp Slope
Adjust current equals = 10
µA
60
150
300
mV
PWMRMP Min Voltage
I(PWMRMP) = 500
µA
150
225
350
mV
0% Duty Cycle Comparator
Threshold Voltage
Compare to V(DACIN)
88
91
94
%
Propagation Delay
VCCL = 12V. Measure time from EAIN
< 0.9 x V(DACIN) (200mV overdrive) to
GATEL transition to < 11V. Note 1.
100
150
ns
Phase Fault Comparator
Threshold Voltage
Compare to V(DACIN)
88
91
94
%
Output Voltage
I(PHSFLT) = 4mA
300
400
mV
PHSFLT Leakage Current
V(PHSFLT) = 5.5V
0
10
µA
VRHOT Comparator
HOTSET Bias Current
-2
-0.5
1
µA
Output Voltage
I(VRHOT) = 29mA
150
400
mV
VRHOT Leakage Current
V(VRHOT) = 5.5V
0
10
µA
Threshold Hysteresis
TJ ≥ 85
oC
3.0
7.0
9.0
oC
MIN
TYP
MAX
Threshold Voltage
TJ ≥ 85
oC
4.73mV/
oC x T
J
+ 1.176V
4.73mV/
oC x
TJ + 1.241V
4.73mV/
oC x
TJ + 1.356V
V
Page 4 of 34
9/30/04


Similar Part No. - IR3088AM

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR3088AM IRF-IR3088AM Datasheet
1Mb / 33P
   XPHASETM PHASE IC WITH FAULT AND OVERTEMP DETECT
IR3088AMTR IRF-IR3088AMTR Datasheet
1Mb / 33P
   XPHASETM PHASE IC WITH FAULT AND OVERTEMP DETECT
More results

Similar Description - IR3088AM

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR3088A IRF-IR3088A_05 Datasheet
1Mb / 33P
   XPHASETM PHASE IC WITH FAULT AND OVERTEMP DETECT
IR3088APBF IRF-IR3088APBF Datasheet
558Kb / 34P
   XPHASETM PHASE IC WITH FAULT AND OVERTEMP DETECT
IR3086A IRF-IR3086A Datasheet
1Mb / 33P
   XPHASETM PHASE IC WITH OVP, FAULT AND OVERTEMP DETECT
IR3088 IRF-IR3088 Datasheet
1Mb / 34P
   XPHASE PHASE IC WITH FAULT AND OVERTEMP DETECT
IR3087PBF IRF-IR3087PBF Datasheet
1Mb / 35P
   XPHASETM PHASE IC WITH OPTI-PHASETM, OVP, AND OVERTEMP DETECT
IR3086 IRF-IR3086 Datasheet
417Kb / 15P
   PHASE IC WITH OVP, FAULT AND OVERTEMP DETECT
IR3086APBF IRF-IR3086APBF Datasheet
541Kb / 33P
   XPHASE PHASE IC WITH OVP, FAULT AND OVERTEMP DETECT
IR3080PBF IRF-IR3080PBF Datasheet
1Mb / 41P
   XPHASETM VRD10 CONTROL IC WITH VCCVID & OVERTEMP DETECT
IR3080 IRF-IR3080 Datasheet
2Mb / 41P
   XPHASETM VRD10 CONTROL IC WITH VCCVID & OVERTEMP DETECT
IR3087 IRF-IR3087 Datasheet
1Mb / 35P
   XPHASE PHASE IC WITH OPTI-PHASE, OVP, AND OVERTEMP DETECT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com