Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRGP20B120U-E Datasheet(PDF) 8 Page - International Rectifier

Part # IRGP20B120U-E
Description  INSULATED GATE BIPOLAR TRANSISTOR
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRGP20B120U-E Datasheet(HTML) 8 Page - International Rectifier

Back Button IRGP20B120U-E Datasheet HTML 2Page - International Rectifier IRGP20B120U-E Datasheet HTML 3Page - International Rectifier IRGP20B120U-E Datasheet HTML 4Page - International Rectifier IRGP20B120U-E Datasheet HTML 5Page - International Rectifier IRGP20B120U-E Datasheet HTML 6Page - International Rectifier IRGP20B120U-E Datasheet HTML 7Page - International Rectifier IRGP20B120U-E Datasheet HTML 8Page - International Rectifier IRGP20B120U-E Datasheet HTML 9Page - International Rectifier IRGP20B120U-E Datasheet HTML 10Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
IRGP20B120U-E
8
www.irf.com
Fig. CT.1 - Gate Charge Circuit (turn-off)
Fig. CT.2 - RBSOA Circuit
Fig. CT.3 - S.C. SOA Circuit
Fig. CT.4 - Switching Loss Circuit
Fig. CT.5 - Resistive Load Circuit
1K
VCC
DUT
0
L
DC
Driver
DUT
900V
DIODE CLAMP
L
Rg
VCC
DUT /
DRIVER
Rg
VCC
DUT
R = VCC
ICM
L
Rg
80 V
DUT
1000V
+
-
L
Rg
VCC
DUT
Fig. CT.6 - Unclamped Inductive Load
Circuit


Similar Part No. - IRGP20B120U-E

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRGP20B120U-EP IRF-IRGP20B120U-EP Datasheet
177Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR
IRGP20B120U-EP IRF-IRGP20B120U-EP Datasheet
186Kb / 11P
   INSULATED GATE BIPOLAR TRANSISTOR
IRGP20B120U-EP IRF-IRGP20B120U-EP_15 Datasheet
186Kb / 11P
   INSULATED GATE BIPOLAR TRANSISTOR
More results

Similar Description - IRGP20B120U-E

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRG4BH20K-L IRF-IRG4BH20K-L Datasheet
167Kb / 8P
   INSULATED GATE BIPOLAR TRANSISTOR
logo
Motorola, Inc
MGP14N60E MOTOROLA-MGP14N60E Datasheet
125Kb / 6P
   Insulated Gate Bipolar Transistor
MGW30N60 MOTOROLA-MGW30N60 Datasheet
214Kb / 6P
   Insulated Gate Bipolar Transistor
logo
ON Semiconductor
MGP20N60U ONSEMI-MGP20N60U Datasheet
120Kb / 5P
   Insulated Gate Bipolar Transistor
1998 REV 1
MGS13002D ONSEMI-MGS13002D Datasheet
138Kb / 6P
   Insulated Gate Bipolar Transistor
1998 REV 2
MGW21N60ED ONSEMI-MGW21N60ED Datasheet
152Kb / 6P
   Insulated Gate Bipolar Transistor
MMG05N60D ONSEMI-MMG05N60D Datasheet
138Kb / 6P
   Insulated Gate Bipolar Transistor
REV 2
logo
International Rectifier
IRG4PSC71UPBF IRF-IRG4PSC71UPBF_15 Datasheet
294Kb / 8P
   INSULATED GATE BIPOLAR TRANSISTOR
IRG4PC30KPBF IRF-IRG4PC30KPBF_15 Datasheet
261Kb / 9P
   INSULATED GATE BIPOLAR TRANSISTOR
IRG4PC30SPBF IRF-IRG4PC30SPBF_15 Datasheet
250Kb / 9P
   INSULATED GATE BIPOLAR TRANSISTOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com