Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CM09-P32S-L Datasheet(PDF) 2 Page - DDK Ltd.

Part # CM09-P32S-L
Description  One-Touch Locking Styled , Small Sized Circular Connectors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DDK [DDK Ltd.]
Direct Link  http://www.ddknet.co.jp/English/index.html
Logo DDK - DDK Ltd.

CM09-P32S-L Datasheet(HTML) 2 Page - DDK Ltd.

  CM09-P32S-L Datasheet HTML 1Page - DDK Ltd. CM09-P32S-L Datasheet HTML 2Page - DDK Ltd. CM09-P32S-L Datasheet HTML 3Page - DDK Ltd. CM09-P32S-L Datasheet HTML 4Page - DDK Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Unit:mm
CM09 Series
http://www.ddknet.co.jp
◎ Specifications and/or dimensions in this catalog are subject to change without notice.
  Please varify the latest specifications with our drawings.
2
○Plug
○Cable Receptacle
Applicable Cable Outside Dia. : φ 11 〜 φ 12.5
Applicable Cable Outside Dia. : φ 11 〜 φ 12.5
Item
P/N
Plug for Pin Contacts
CM09-P25P
Plug for Socket Contacts
CM09-P25S
(Without contacts)
23
25
22
18
14
13
3
1
2
19
64
3
1
2
8
13
18
14
19
22
25
23
CM09-P25P
CM09-P25S
3
1
2
63.3
8
13
18
14
19
22
25
23
CM09-CR25S
23
25
22
18
14
13
3
1
2
19
CM09-CR25P
Item
P/N
Cable Receptacle for Pin Contacts
CM09-CR25P
Cable Receptacle for Socket Contacts CM09-CR25S
(Without contacts)
25Pin
32Pin
Item
P/N
Applicable Cable
Outside Dia.
Plug for Pin Contacts
CM09-P32P
φ7〜φ9
CM09-P32P-L
φ 9 〜φ 10.5
Plug for Socket Contacts
CM09-P32S
φ7〜φ9
CM09-P32S-L
φ 9 〜φ 10.5
2
32
31
30
23
28
29
24
18
17
10
4
11
5
(100)
1
2
3
4
5
10
11
17
18
23
24
28
29
30
31
32
CM09-P32P
CM09-P32S
1 2
Applicable Cable Outside Dia. : φ 7 〜 φ 10.5
(Without contacts)
25Pin


Similar Part No. - CM09-P32S-L

ManufacturerPart #DatasheetDescription
logo
DDK Ltd.
CM09-P25P DDK-CM09-P25P Datasheet
200Kb / 3P
   One-Touch Locking Style Small Sized Circular Connectors
CM09-P25S DDK-CM09-P25S Datasheet
200Kb / 3P
   One-Touch Locking Style Small Sized Circular Connectors
More results

Similar Description - CM09-P32S-L

ManufacturerPart #DatasheetDescription
logo
DDK Ltd.
CMV1-SP10S-S DDK-CMV1-SP10S-S Datasheet
918Kb / 7P
   One-Touch Locking Style Small Sized Circular Connectors
CM10 DDK-CM10 Datasheet
334Kb / 5P
   One-Touch Locking Style Small Sized Circular Connectors
CM09 DDK-CM09 Datasheet
200Kb / 3P
   One-Touch Locking Style Small Sized Circular Connectors
CM10-SP10S-S-D DDK-CM10-SP10S-S-D Datasheet
929Kb / 5P
   One-Touch Locking Style Small Sized Circular Connectors
CM10-SP10S-S(D6) DDK-CM10-SP10S-S(D6) Datasheet
915Kb / 5P
   One-Touch Locking Style Small Sized Circular Connectors
CM04T DDK-CM04T Datasheet
179Kb / 2P
   M12 Sized & Sealed Circular Connectors
CM04TA-8DP8S-010 DDK-CM04TA-8DP8S-010 Datasheet
990Kb / 2P
   M12 Sized & Sealed Circular Connectors
FSE DDK-FSE Datasheet
121Kb / 3P
   Locking-with-one-touch system
logo
Panasonic Semiconductor
EVQ-PUJ02K PANASONIC-EVQ-PUJ02K Datasheet
114Kb / 4P
   Small-sized Side-operational SMD Light Touch Switches
logo
Japan Aviation Electron...
JL10 JAE-JL10 Datasheet
1Mb / 15P
   One-touch / Screw Mating Compatible Circular Waterproof Connector
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com