Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB10M Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # MB10M
Description  1000V 1.0 Amp Miniature SMD Glass Passivated Bridge Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

MB10M Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  MB10M Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH MB10M Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Elektronische Bauelemente
MB10M
1000V 1.0 Amp
Miniature SMD Glass Passivated Bridge Rectifiers
29-May-2014 Rev. A
Page 2 of 2
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
RATINGS AND CHARACTERISTIC CURVES


Similar Part No. - MB10M

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MB10M MCC-MB10M Datasheet
101Kb / 2P
   0.5Amp Single Phase Glass Passivated Bridge Rectifier 50 to 1000 Volts
logo
Shenzhen Yixinwei Techn...
MB10M YIXIN-MB10M Datasheet
215Kb / 2P
   Miniature Glass Passivated Single-Phase Bridge Rectifiers
logo
MAKO SEMICONDUCTOR CO.,...
MB10M MAKOSEMI-MB10M Datasheet
172Kb / 2P
   Surface Mount Bridge Rectifier
logo
Diode Semiconductor Kor...
MB10M DSK-MB10M Datasheet
129Kb / 2P
   SILICON BRIDGE RECTIFIERS
logo
TAITRON Components Inco...
MB10M TAITRON-MB10M Datasheet
144Kb / 4P
   0.5A Glass Passivated Bridge Rectifier
More results

Similar Description - MB10M

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
MB08M SECOS-MB08M Datasheet
188Kb / 2P
   1000V 0.8 Amp Miniature SMD Glass Passivated Bridge Rectifiers
MB206L SECOS-MB206L_15 Datasheet
276Kb / 3P
   Miniature SMD Glass Passivated Bridge Rectifiers
MB205L SECOS-MB205L Datasheet
295Kb / 2P
   Miniature SMD Glass Passivated Bridge Rectifiers
MB08M SECOS-MB08M_15 Datasheet
188Kb / 2P
   Miniature SMD Glass Passivated Bridge Rectifiers
MB105 SECOS-MB105_15 Datasheet
213Kb / 2P
   Miniature SMD Glass Passivated Bridge Rectifiers
MB205L SECOS-MB205L_15 Datasheet
295Kb / 2P
   Miniature SMD Glass Passivated Bridge Rectifiers
MB206L SECOS-MB206L Datasheet
334Kb / 3P
   Miniature SMD Glass Passivated Bridge Rectifiers
MB10M SECOS-MB10M_15 Datasheet
145Kb / 2P
   Miniature SMD Glass Passivated Bridge Rectifiers
1N4001G SECOS-1N4001G Datasheet
144Kb / 2P
   VOLTAGE 50V ~ 1000V 1.0 AMP Glass Passivated Silicon Rectifiers
logo
First Components Intern...
SMA4001M FCI-SMA4001M Datasheet
107Kb / 2P
   1.0 Amp GLASS PASSIVATED MINIATURE PLASTIC SILICON RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com