Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MD151S Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # MD151S
Description  Voltage 50V ~ 1000V 1.5 Amp Surface Mount Bridge Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

MD151S Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  MD151S Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH MD151S Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Elektronische Bauelemente
MD151S ~ MD157S
Voltage 50V ~ 1000V
1.5 Amp Surface Mount Bridge Rectifiers
18-Apr-2014 Rev.A
Page 2 of 2
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
RATINGS AND CHARACTERISTIC CURVES


Similar Part No. - MD151S

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
MD151S SECOS-MD151S_15 Datasheet
384Kb / 2P
   1.5 Amp Surface Mount Bridge Rectifiers
More results

Similar Description - MD151S

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
KBP1005G SECOS-KBP1005G Datasheet
207Kb / 2P
   VOLTAGE 50V ~ 1000V 1.5 AMP Bridge Rectifiers
TB151S SECOS-TB151S Datasheet
94Kb / 1P
   Voltage 50V ~ 1000V 1.5 Amp Silicon Bridge Rectifiers
1N5391 SECOS-1N5391 Datasheet
232Kb / 2P
   VOLTAGE 50V ~ 1000V 1.5 AMP Silicon Rectifiers
KBP2005G SECOS-KBP2005G Datasheet
157Kb / 2P
   VOLTAGE 50V ~ 1000V 2 AMP Bridge Rectifiers
DB1501 SECOS-DB1501 Datasheet
729Kb / 2P
   1.5 Amp Surface Mount Bridge Rectifiers
DB1501S SECOS-DB1501S_10 Datasheet
155Kb / 2P
   1.5 Amp Surface Mount Bridge Rectifiers
DB1501 SECOS-DB1501_15 Datasheet
343Kb / 2P
   1.5 Amp Surface Mount Bridge Rectifiers
MD151S SECOS-MD151S_15 Datasheet
384Kb / 2P
   1.5 Amp Surface Mount Bridge Rectifiers
DB1501S SECOS-DB1501S_15 Datasheet
107Kb / 2P
   1.5 Amp Surface Mount Bridge Rectifiers
DB1501S SECOS-DB1501S Datasheet
111Kb / 2P
   1.5 Amp Surface Mount Bridge Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com