Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M830 Datasheet(PDF) 2 Page - Integrated Circuit Systems

Part # M830
Description  12.249Gb/s OC-192 Clock & Data Recovery Transmitter Module
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

M830 Datasheet(HTML) 2 Page - Integrated Circuit Systems

  M830 Datasheet HTML 1Page - Integrated Circuit Systems M830 Datasheet HTML 2Page - Integrated Circuit Systems M830 Datasheet HTML 3Page - Integrated Circuit Systems M830 Datasheet HTML 4Page - Integrated Circuit Systems M830 Datasheet HTML 5Page - Integrated Circuit Systems M830 Datasheet HTML 6Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Micro Networks
324 Clark Street
Worcester, MA 01606
tel: 508-852-5400
fax: 508-852-8456
www.micronetworks.com
M830 Series
Preliminary Specifications
Micro Networks
An Integrated Circuit Systems Company
SPECIFICATIONS
Specifications @ Vcc = +5.0 Volts, Vee = -5.0 Volts, Data in = 231-1 PRBS NRZ,
Mark ratio = 1:2, and TA = +25°C unless otherwise specified
PARAMETER
Min
Typ
Max
Units
Condition
Data Rate
12.2493
Gb/s
NRZ
Data Input Level
200
600
mVp-p
Single-ended, 50Ω, AC coupled
Data Input Return Loss
10
12
dB
50MHz to 7GHz
Data Output Voltage
750
900
1100
mVp-p
Data & Data
Data Output Jitter
7.5
10
psec p-p
27–1 PRBS NRZ
Data Output Duty Cycle Distortion
2.5
5
%
Data Output Rise Time (20% to 80%)
25
35
psec
50Ω, AC coupled
Data Output Fall Time (80% to 20%)
25
35
psec
50Ω, AC coupled
Data Output Return Loss
10
12
dB
50MHz to 9GHz
PLL Loop BW
.3
MHz
Decision Threshold Control
10
90
%
Relative to max Data Input Voltage
Ref -0.2 to -0.75V
Decision Threshold Control
Voltage Range
-0.75
-0.2
Volts
Internal load of 45Ω to -0.45V
Clock Output Level
800
1200
1400
mVp-p
50Ω, AC coupled
Clock Phase Control
1
UI
Clock Phase Control Voltage
0
+15
Volts
10kΩ, minimum load impedance
Clock SSB Phase Noise
@100Hz Offset
-70
dBc/Hz
231–1 PRBS NRZ
@1kHz Offset
-85
dBc/Hz
@10kHz Offset
-90
dBc/Hz
Clock Jitter
7.5
9
psec p-p
27–1 PRBS NRZ
Spurious Output
-50
dBc
Harmonic Output
-30
dBc
Supply Voltage
Vcc
+4.75
+5.0
+5.25
Volts
Vee
-5.25
-5.0
-4.75
Volts
Supply Current
Icc
450
600
mA
Iee
300
550
mA


Similar Part No. - M830

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
M830120 AVX-M830120 Datasheet
982Kb / 9P
   GNSS or GPS L1/L2/L5/L6 Ceramic Antenna
3/31/2022
M830120-01 AVX-M830120-01 Datasheet
982Kb / 9P
   GNSS or GPS L1/L2/L5/L6 Ceramic Antenna
3/31/2022
M830120-02 AVX-M830120-02 Datasheet
982Kb / 9P
   GNSS or GPS L1/L2/L5/L6 Ceramic Antenna
3/31/2022
logo
List of Unclassifed Man...
M830310 ETC2-M830310 Datasheet
163Kb / 2P
   Savvi Embedded Bluetooth Antennas 2.4 - 2.5 GHz
logo
AVX Corporation
M830320 AVX-M830320 Datasheet
1Mb / 6P
   Wi-Fi / BT / Zigbee Ceramic Antenna
5/4/2021
More results

Similar Description - M830

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
M840 ICST-M840 Datasheet
1,006Kb / 4P
   OC-192 MULTI-RATE CLOCK RECOVERY MODULE
logo
Filtronic Compound Semi...
OC48 FILTRONIC-OC48 Datasheet
24Kb / 2P
   OC 48 & OC 192 PHASE SHIFTER FOR CLOCK & DATA RECOVERY 6705 K
logo
Silicon Laboratories
SI5540 SILABS-SI5540 Datasheet
308Kb / 20P
   SiPHY OC-192/STM-64 TRANSMITTER
logo
Integrated Device Techn...
IDT5T940 IDT-IDT5T940 Datasheet
68Kb / 10P
   PRECISION CLOCK GENERATOR OC-192 APPLICATIONS
logo
Renesas Technology Corp
894D115I-01 RENESAS-894D115I-01 Datasheet
423Kb / 17P
   OC-12/STM-4 and OC-3/STM-1 Clock/Data Recovery Device
Rev C 2/19/15
894D115I-04 RENESAS-894D115I-04 Datasheet
441Kb / 16P
   OC-12/STM-4 AND OC-3/STM-1 Clock/Data Recovery Device
January 27, 2016
logo
Analog Devices
ADN2811 AD-ADN2811 Datasheet
359Kb / 16P
   OC-48/OC-48 FEC Clock and Data Recovery IC with Integrated Limiting Amp
REV. A
ADN2811 AD-ADN2811_15 Datasheet
485Kb / 20P
   OC-48/OC-48 FEC Clock and Data Recovery IC with Integrated Limiting Amp
REV. B
logo
TriQuint Semiconductor
TQ8103 TRIQUINT-TQ8103 Datasheet
194Kb / 9P
   622 Mb/s Clock & Data Recovery
logo
Filtronic Compound Semi...
FMA501 FILTRONIC-FMA501 Datasheet
682Kb / 4P
   OC-192 MODULATOR DRIVER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com