Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B39588N3958M100 Datasheet(PDF) 2 Page - EPCOS

Part # B39588N3958M100
Description  IF Filter for Video Applications
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B39588N3958M100 Datasheet(HTML) 2 Page - EPCOS

  B39588N3958M100 Datasheet HTML 1Page - EPCOS B39588N3958M100 Datasheet HTML 2Page - EPCOS B39588N3958M100 Datasheet HTML 3Page - EPCOS B39588N3958M100 Datasheet HTML 4Page - EPCOS B39588N3958M100 Datasheet HTML 5Page - EPCOS B39588N3958M100 Datasheet HTML 6Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
May 08, 2001
SAW Components
N 3958 M
58,75 MHz
IF Filter for Video Applications
Data Sheet
Plastic package SIP5K
Standard
s
M
Features
s
TV IF filter with Nyquist slope and sound sup-
pression
s
Constant group delay
Terminals
s
Tinned CuFe alloy
Pin configuration
1
Input
2
Input - ground
3
Chip carrier - ground
4
Output
5
Output
Type
Ordering code
Marking and package
according to
Packing
according to
N 3958 M
B39588-N3958-M100
C61157-A1-A15
F61074-V8067-Z000
Maximum ratings
Operable temperature range
TA
–25/+65
˚C
Storage temperature range
Tstg
–40/+85
˚C
DC voltage
VDC
12
V
between any terminals
AC voltage
Vpp
10
V
between any terminals
Dimensions in mm, approx. weight 1,0 g


Similar Part No. - B39588N3958M100

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B3950 TDK-B3950 Datasheet
128Kb / 10P
   SAW Components SAW filter Short range devices
logo
EPCOS
B39501-B3688-H310 EPCOS-B39501-B3688-H310 Datasheet
72Kb / 5P
   SAW Components Low-Loss Filter 499,25 MHz
logo
TDK Electronics
B3951 TDK-B3951 Datasheet
140Kb / 10P
   SAW Components SAW filter Short range devices
logo
EPCOS
B39510-B3862-H510 EPCOS-B39510-B3862-H510 Datasheet
61Kb / 6P
   SAW Components Low-Loss Filter 51,00 MHz
B39521B5106U410 EPCOS-B39521B5106U410 Datasheet
81Kb / 8P
   SAW IF Filter for Base Stations WiMax
More results

Similar Description - B39588N3958M100

ManufacturerPart #DatasheetDescription
logo
Advanced Crystal Techno...
ACTK6046D ACT-ACTK6046D Datasheet
102Kb / 3P
   IF Filter for Video Applications
SEPT 04
logo
EPCOS
M3951M EPCOS-M3951M Datasheet
85Kb / 6P
   IF Filter for Video Applications
K3958M EPCOS-K3958M Datasheet
89Kb / 6P
   IF Filter for Video Applications
M3953M EPCOS-M3953M Datasheet
86Kb / 6P
   IF Filter for Video Applications
logo
TAI-SAW TECHNOLOGY CO.,...
TB0808A TAI-SAW-TB0808A Datasheet
350Kb / 5P
   IF SAW Filter 33.9 & 38.9 MHz for Video Applications
TB0807A TAI-SAW-TB0807A Datasheet
358Kb / 4P
   IF SAW Filter 33.9 & 38.9 MHz for Video Applications
TB0834A TAI-SAW-TB0834A Datasheet
379Kb / 5P
   IF SAW Filter 33.9 & 38.9 MHz for Video Applications
logo
EPCOS
K3953M EPCOS-K3953M Datasheet
90Kb / 6P
   IF Filter for Video Applications 33,90 MHz and 38,90 MHz
logo
Sanyo Semicon Device
TSB6326C SANYO-TSB6326C Datasheet
275Kb / 1P
   IF Filter for Video and Sound
logo
EPCOS
J1951M EPCOS-J1951M Datasheet
88Kb / 6P
   IF Filter for Intercarrier Applications
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com