Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ABB2516 Datasheet(PDF) 8 Page - Advanced Semiconductor Business Inc.

Part # ABB2516
Description  50 ~ 1200 MHz CATV Push-Pull Amplifier MMIC
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASB [Advanced Semiconductor Business Inc.]
Direct Link  http://www.asb.co.kr
Logo ASB - Advanced Semiconductor Business Inc.

ABB2516 Datasheet(HTML) 8 Page - Advanced Semiconductor Business Inc.

  ABB2516 Datasheet HTML 1Page - Advanced Semiconductor Business Inc. ABB2516 Datasheet HTML 2Page - Advanced Semiconductor Business Inc. ABB2516 Datasheet HTML 3Page - Advanced Semiconductor Business Inc. ABB2516 Datasheet HTML 4Page - Advanced Semiconductor Business Inc. ABB2516 Datasheet HTML 5Page - Advanced Semiconductor Business Inc. ABB2516 Datasheet HTML 6Page - Advanced Semiconductor Business Inc. ABB2516 Datasheet HTML 7Page - Advanced Semiconductor Business Inc. ABB2516 Datasheet HTML 8Page - Advanced Semiconductor Business Inc.  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
8/8
ASB Inc.
 sales@asb.co.kr
August 2017
ABB2516
6. Recommended Soldering Reflow Profile
(End of Datasheet)
Copyright
2017 ASB Inc. All rights reserved. Specifications subject to change without notice. ASB
assumes no responsibility for any errors which may appear in this datasheet. No part of the datasheet
may be copied or reproduced in any form or by any means without the prior written consent of ASB.
20~40 sec
260
C
200
C
150
C
60~180 sec
Ramp-up
(3
C/sec)
Ramp-down
(6
C/sec)


Similar Part No. - ABB2516

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor ...
ABB2513 ASB-ABB2513 Datasheet
571Kb / 8P
   50 ~ 1200 MHz CATV Push-Pull Amplifier MMIC
August 2017
ABB2518 ASB-ABB2518 Datasheet
577Kb / 8P
   5 ~ 1200 MHz CATV Push-Pull Amplifier MMIC
August 2017
More results

Similar Description - ABB2516

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor ...
ABB2513 ASB-ABB2513 Datasheet
571Kb / 8P
   50 ~ 1200 MHz CATV Push-Pull Amplifier MMIC
August 2017
ABB2518 ASB-ABB2518 Datasheet
577Kb / 8P
   5 ~ 1200 MHz CATV Push-Pull Amplifier MMIC
August 2017
ABU2513 ASB-ABU2513 Datasheet
820Kb / 12P
   5 ~ 1400 MHz CATV Push-pull Amplifier MMIC
September 2017
logo
M/A-COM Technology Solu...
MAAMSS0044 MA-COM-MAAMSS0044 Datasheet
210Kb / 5P
   Push Pull CATV Amplifier 50 - 1000 MHz
logo
Advanced Semiconductor ...
ABU2516 ASB-ABU2516 Datasheet
798Kb / 12P
   5 ~ 1400 MHz CATV Push-pull Amplifier MMIC
September 2017
ABU2518 ASB-ABU2518 Datasheet
779Kb / 12P
   5 ~ 1400 MHz CATV Push-pull Amplifier MMIC
September 2017
ASL39D2 ASB-ASL39D2 Datasheet
2Mb / 29P
   1.2GHz CATV Push-pull Amplifier MMIC
July 2017
ASL920 ASB-ASL920 Datasheet
921Kb / 18P
   1.2GHz CATV Push-pull Amplifier MMIC
March 2017
ASL882 ASB-ASL882 Datasheet
874Kb / 16P
   1.2GHz CATV Push-pull Amplifier MMIC
March 2017
AWB31D7 ASB-AWB31D7_17 Datasheet
846Kb / 15P
   1.2GHz CATV Push-pull Amplifier MMIC
June 2017
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com