Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1578 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX1578
Description  Complete Bias and White LED Power Supplies for Small TFT Displays
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1578 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX1578 Datasheet HTML 1Page - Maxim Integrated Products MAX1578 Datasheet HTML 2Page - Maxim Integrated Products MAX1578 Datasheet HTML 3Page - Maxim Integrated Products MAX1578 Datasheet HTML 4Page - Maxim Integrated Products MAX1578 Datasheet HTML 5Page - Maxim Integrated Products MAX1578 Datasheet HTML 6Page - Maxim Integrated Products MAX1578 Datasheet HTML 7Page - Maxim Integrated Products MAX1578 Datasheet HTML 8Page - Maxim Integrated Products MAX1578 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
Complete Bias and White LED Power Supplies
for Small TFT Displays
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(Circuit of Figure 3, VIN = 3V, CTRL = ONBIAS = IN, TA= -40
°C to +85°C, typical values are at TA= +25°C, unless otherwise noted. Note 1)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
IN, CS, C1N, C2N, MAIN, ONBIAS, VDD to GND.....-0.3V to +6V
CTRL to GND..................-0.3V to the lesser of +6V or (VIN + 2V)
LX, OUT to GND .....................................................-0.3V to +37V
COMP to GND .............................................-0.3V to (VIN + 0.3V)
CU1 to MAIN ............................................................-0.3V to +6V
CU2 to CU1 ..............................................................-0.3V to +6V
CU3 to CU2 ..............................................................-0.3V to +6V
CU3 to POS ............................................................-0.3V to +18V
CU3 to GND ...........................................................-0.3V to +18V
POS to GND ...........................................................-0.3V to +18V
CD1 to MAIN ..........................................................+0.3V to -12V
CD1 to GND .............................................................+0.3V to -6V
CD2 to CD1 ..............................................................+0.3V to -6V
NEG to CD2..............................................................+0.3V to -6V
NEG, CD2 to GND..................................................+0.3V to -12V
C1P, C2P to GND ...........................................-0.3V to (VIN + 6V)
PMP, PMPB to GND ................................-0.3V to (VMAIN + 0.3V)
GND to PGND .......................................................-0.3V to +0.3V
ILX ...................................................................................1.0ARMS
Continuous Power Dissipation (TA = +70
°C)
24-Pin 4mm x 4mm Thin QFN
(derate 20.8mW/
°C above +70°C) .............................1667mW
Short-Circuit Duration (MAIN, POS, NEG)..................Continuous
Operating Temperature Range ...........................-40
°C to +85°C
Junction Temperature ......................................................+150
°C
Storage Temperature Range .............................-65
°C to +150°C
Lead Temperature (soldering, 10s) ................................ +300
°C
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
IN Operating Supply Range
2.7
5.5
V
IN Undervoltage-Lockout (UVLO)
Threshold
Rising edge, 30mV hysteresis
2.1
2.35
2.6
V
IN Quiescent Current
Switching
3
5
mA
TA = +25°C
0.4
1
IN Shutdown Current
VCTRL = VONBIAS = 0V
TA = +85°C
1
µA
Thermal Shutdown
Rising temperature, 20°C hysteresis (typ)
+160
°C
MAIN CHARGE PUMP WITH LINEAR REGULATOR
Main Pump Efficiency
ILOAD = 25mA, VIN = 3.9V
83
%
VIN
≥ 3.8V in 1.5x mode
9
20
VDD Charge-Pump Open-Loop
Output Impedance
VIN
≥ 3.0V in 2.0x mode
7.5
20
Operating Frequency
200
250
300
kHz
VDD Output Voltage
Charge-pump pause threshold
5.2
5.5
5.7
V
VIN Falling Switchover to 2.0x Mode
3.75
3.85
3.95
V
VIN Rising Switchover to 1.5x Mode
3.8
3.9
4.0
V
Quiescent Current
(Charge Pumps Only)
VCTRL = 0V, ONBIAS = IN
0.87
1.30
mA
VMAIN Regulation Voltage
0.1mA < ILOAD < 25mA
4.9
5.0
5.1
V
Discharge Switch Resistance
at VMAIN
VONBIAS = 0V
1
3
k
POS, NEG CHARGE PUMPS
Operating Frequency
12.0
15.6
19.5
kHz
Duty Cycle
50
%
POS Pump Efficiency
ILOAD = 100µA
97
%
POS Output Voltage
ILOAD = 0 to 100µA
13.9
14.7
15.3
V
POS Discharge Switch Resistance
VONBIAS = 0V
3
6
k
NEG Pump Efficiency
ILOAD = -100µA
97
%


Similar Part No. - MAX1578

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1578 MAXIM-MAX1578 Datasheet
265Kb / 13P
   Complete Bias and White LED Power Supplies for Small TFT Displays
2005
MAX1578ETG MAXIM-MAX1578ETG Datasheet
265Kb / 13P
   Complete Bias and White LED Power Supplies for Small TFT Displays
2005
MAX1578ETG++ MAXIM-MAX1578ETG+ Datasheet
265Kb / 13P
   Complete Bias and White LED Power Supplies for Small TFT Displays
2005
MAX1578 MAXIM-MAX1578_V01 Datasheet
265Kb / 13P
   Complete Bias and White LED Power Supplies for Small TFT Displays
2005
More results

Similar Description - MAX1578

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1578 MAXIM-MAX1578_V01 Datasheet
265Kb / 13P
   Complete Bias and White LED Power Supplies for Small TFT Displays
2005
logo
Linear Technology
LTC3450 LINER-LTC3450_15 Datasheet
196Kb / 12P
   Triple Output Power Supply for Small TFT-LCD Displays
LTC3450 LINER-LTC3450 Datasheet
401Kb / 12P
   Triple Output Power Supply for Small TFT-LCD Displays
logo
Diodes Incorporated
AP5727 DIODES-AP5727_11 Datasheet
239Kb / 10P
   BIAS POWER SUPPLY FOR OLED SUB DISPLAY AND TFT-LED
DS31887 Rev. 2 - 2
logo
Texas Instruments
LM3631 TI1-LM3631 Datasheet
1Mb / 57P
[Old version datasheet]   Complete LCD Backlight and Bias Power
logo
Maxim Integrated Produc...
MAX20070 MAXIM-MAX20070_V01 Datasheet
791Kb / 35P
   Integrated TFT Power Supplies and LED Backlight Drivers
2017
logo
Diodes Incorporated
AP5727 DIODES-AP5727 Datasheet
420Kb / 2P
   Boost converter for the bias voltage of small size OLED and LCD displays
logo
ETA SOLUTIONS CO. LIMIT...
ETA1617 ETA-ETA1617 Datasheet
160Kb / 1P
   40V Boost Converter for LED driver / TFT Bias / USB Power
logo
Shenzhen Huazhimei Semi...
HM5666B HMSEMI-HM5666B Datasheet
1Mb / 7P
   40V Boost Converter for LED driver / TFT Bias / USB Power
logo
Texas Instruments
TPS65161 TI-TPS65161 Datasheet
1Mb / 28P
[Old version datasheet]   BIAS POWER SUPPLY FOR TV AND MONITOR TFT LCD PANELS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com