Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX5477-MAX5479 Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX5477-MAX5479
Description  Dual, 256-Tap, Nonvolatile, I2C-Interface, Digital Potentiometers
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5477-MAX5479 Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX5477-MAX5479 Datasheet HTML 4Page - Maxim Integrated Products MAX5477-MAX5479 Datasheet HTML 5Page - Maxim Integrated Products MAX5477-MAX5479 Datasheet HTML 6Page - Maxim Integrated Products MAX5477-MAX5479 Datasheet HTML 7Page - Maxim Integrated Products MAX5477-MAX5479 Datasheet HTML 8Page - Maxim Integrated Products MAX5477-MAX5479 Datasheet HTML 9Page - Maxim Integrated Products MAX5477-MAX5479 Datasheet HTML 10Page - Maxim Integrated Products MAX5477-MAX5479 Datasheet HTML 11Page - Maxim Integrated Products MAX5477-MAX5479 Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
Dual, 256-Tap, Nonvolatile, I2C-Interface,
Digital Potentiometers
8
_______________________________________________________________________________________
Pin Description
PIN
TSSOP
THIN QFN
NAME
FUNCTION
1
15
HA
Potentiometer A High Terminal
2
14
WA
Potentiometer A Wiper Terminal
3
13
LA
Potentiometer A Low Terminal
4
12
HB
Potentiometer B High Terminal
5
11
WB
Potentiometer B Wiper Terminal
6
10
LB
Potentiometer B Low Terminal
79
WP
Write-Protect Input. Connect to GND to allow changes to the wiper position and the data stored
in the EEPROM. Connect to VDD or leave open to enable the write protection of the EEPROM.
87
GND
Ground
9
6
A2
Address Input 2. Connect to VDD or GND (see Table 1).
10
5
A1
Address Input 1. Connect to VDD or GND (see Table 1).
11
4
A0
Address Input 0. Connect to VDD or GND (see Table 1).
12
3
SDA
I
2C Serial Data
13
2
SCL
I
2C Clock Input
14
1
VDD
Power-Supply Input. Connect a +2.7V to +5.25V power supply to VDD and bypass VDD to GND
with a 0.1µF capacitor installed as close to the device as possible.
8, 16
N.C.
No Connection. Do not connect.
EP
EP
Exposed Paddle. Do not connect.
SDA
SCL
START
CONDITION
(S)
tHD:STA
tR
tF
tHIGH
tLOW
tSU:DAT
tHD:DAT
REPEATED START
CONDITION
(SR)
tHD:STA
tSU:STA
tSU:STO
tBUF
STOP
CONDITION
(P)
START
CONDITION
(S)
ACKNOWLEDGE
(A)
PARAMETERS ARE MEASURED FROM 30% TO 70%.
Detailed Description
The MAX5477/MAX5478/MAX5479 contain two resistor
arrays with 255 elements in each array. The MAX5477
has a total end-to-end resistance of 10k
Ω, the
MAX5478 has an end-to-end resistance of 50k
Ω, and
the MAX5479 has an end-to-end resistance of 100k
Ω.
The MAX5477/MAX5478/MAX5479 provide access to
the high, low, and wiper terminals for a standard volt-
age-divider configuration. Connect H_, L_, and W_ in
any desired configuration as long as their voltages
remain between GND and VDD.
Figure 1. I2C Serial-Interface Timing Diagram


Similar Part No. - MAX5477-MAX5479

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5477 MAXIM-MAX5477 Datasheet
716Kb / 17P
   Dual, 256-Tap, Nonvolatile, I2C-Interface, Digital Potentiometers
Rev 4; 1/06
MAX5477 MAXIM-MAX5477 Datasheet
318Kb / 16P
   Dual, 256-Tap, Nonvolatile, I2C-Interface, Digital Potentiometers
Rev 5; 11/11
MAX5477ETE MAXIM-MAX5477ETE Datasheet
716Kb / 17P
   Dual, 256-Tap, Nonvolatile, I2C-Interface, Digital Potentiometers
Rev 4; 1/06
MAX5477EUD MAXIM-MAX5477EUD Datasheet
716Kb / 17P
   Dual, 256-Tap, Nonvolatile, I2C-Interface, Digital Potentiometers
Rev 4; 1/06
MAX5477EVKIT MAXIM-MAX5477EVKIT Datasheet
449Kb / 10P
   Power-On Recall of Wiper Position from Nonvolatile Memory
2005
More results

Similar Description - MAX5477-MAX5479

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5477 MAXIM-MAX5477_11 Datasheet
318Kb / 16P
   Dual, 256-Tap, Nonvolatile, I2C-Interface, Digital Potentiometers
Rev 5; 11/11
MAX5477 MAXIM-MAX5477_06 Datasheet
716Kb / 17P
   Dual, 256-Tap, Nonvolatile, I2C-Interface, Digital Potentiometers
Rev 4; 1/06
MAX5417LETA-T MAXIM-MAX5417LETA-T Datasheet
296Kb / 14P
   256-Tap, Nonvolatile, I2C-Interface, Digital Potentiometers
Rev 4; 4/10
MAX5417 MAXIM-MAX5417 Datasheet
796Kb / 15P
   256-Tap, Nonvolatile, I2C-Interface, Digital Potentiometers
Rev 2; 8/04
MAX5417 MAXIM-MAX5417_09 Datasheet
289Kb / 14P
   256-Tap, Nonvolatile, I2C-Interface, Digital Potentiometers
Rev 3; 3/09
MAX5422 MAXIM-MAX5422 Datasheet
611Kb / 11P
   256-Tap, Nonvolatile, SPI-Interface, Digital Potentiometers
Rev 0; 7/04
MAX5487 MAXIM-MAX5487 Datasheet
420Kb / 14P
   Dual, 256-Tap, Nonvolatile, SPI-Interface, Linear-Taper Digital Potentiometers
Rev 1; 1/05
MAX5487 MAXIM-MAX5487_10 Datasheet
417Kb / 13P
   Dual, 256-Tap, Nonvolatile, SPI-Interface, Linear-Taper Digital Potentiometers
Rev 4; 4/10
MAX5432 MAXIM-MAX5432_07 Datasheet
320Kb / 19P
   32-Tap, Nonvolatile, I2C, Linear, Digital Potentiometers
Rev 3; 11/07
logo
Analog Devices
AD5251 AD-AD5251 Datasheet
566Kb / 28P
   Dual 64-/256-Position I2C Nonvolatile Memory Digital Potentiometers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com