Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FS24-500-C2-B Datasheet(PDF) 1 Page - TRIAD MAGNETICS

Part # FS24-500-C2-B
Description  CLASS 2/3 TRANSFORMER
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIAD [TRIAD MAGNETICS]
Direct Link  http://www.triadmagnetics.com
Logo TRIAD - TRIAD MAGNETICS

FS24-500-C2-B Datasheet(HTML) 1 Page - TRIAD MAGNETICS

  FS24-500-C2-B Datasheet HTML 1Page - TRIAD MAGNETICS  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
CLASS 2/3 TRANSFORMER
www.TriadMagnetics.com
Phone: (951) 277-0757
Fax: (951) 277-2757
460 Harley Knox Blvd.
Perris, CA
92571
Publish Date: March 13, 2017
FS24-500-C2
Description:
The FS24-500-C2 is a series/parallel primary and dual secondary, split bobbin
design which operates with either a parallel input of 115V or a series input of 230V.
secondaries are 12V @ 0.5A each. They can be used independently (up to
300V difference between them) or in series for double the voltage or in parallel for
double the current. The split bobbin design eliminates the need for costly
electrostatic shielding.
Electrical Specifications (@25C)
1. Maximum Power: 12.0VA
2. Primary: Series: 230V; Parallel: 115V
3. Secondaries: 12.0V @ 0.5A each
4. Voltage Regulation: 25% TYP @ full load to no load
5. Operating Temperature: -40C to 80C
6. Storage Temperature: -55C to 150C
7. Hipot tested 100% at 4200 VRMS pri to sec
8. Hipot tested 100% at 2160 VRMS sec to sec
9. Recommended fuse (fuse on primary): For 115V - Cooper/Bussman, Type MDL,
rated 500mA, 250V. For 230V
– Littlefuse, Type 313, rated 250mA, 250V
Construction:
Three flange bobbin construction with primaries and secondaries wound side by
side for low capacitive coupling.
UL Class F Insulation System (155°C).
Agency File:
UL: File E65390, UL 5085-1 & 3 (1585), Class 2 not wet / Class 3 wet Transformer
cUL: File E65390, UL 5085-1 & 3 (1585) For Canadian Use (CSA 22.2, No.66.3-06)
TUV Certificate No.: R72120839, EN61558, Safety Isolating xfmr, general use
Max Dimensions:
Units in inches.
H
W
L
A
B
C
D
E
F
1.516
1.614
1.929
0.315
0.416
1.429
0.041
0.020
0.236
Weight: 0.70 lbs
Schematic:
RoHS Compliance: As of manufacturing date February 2005, all standard products meet
the requirements of 2011/65/EU, known as the RoHS initiative.
Note:
Order and shipping documentation may have a “-B” suffix; this indicates Bulk packaging
but does not show on the actual part number marked on the transformer.
*Upon printing, this document is considered “uncontrolled”. Please contact Triad Magnetics
website for the most current version. For soldering and washing information please see
http://www.triadmagnetics.com/faq.html
1
2
3
4
L
H
W
E
A
B
A
C
0.06" DIAMETER
HOLE
D
F
1
5
8
4
Board Layout
5
PARALLEL
4
3
2
1
12V @ 0.5A
4
3
2
1
SERIES
115V
50/60Hz
6
7
8
1
2
3
4
12V @ 0.5A
230V
50/60Hz


Similar Part No. - FS24-500-C2-B

ManufacturerPart #DatasheetDescription
logo
TRIAD MAGNETICS
FS24-500-C2 TRIAD-FS24-500-C2 Datasheet
56Kb / 1P
   CLASS 2/3 TRANSFORMER
More results

Similar Description - FS24-500-C2-B

ManufacturerPart #DatasheetDescription
logo
TRIAD MAGNETICS
F24-045-C2 TRIAD-F24-045-C2 Datasheet
49Kb / 1P
   CLASS 2/3 TRANSFORMER
FS20-300-C2 TRIAD-FS20-300-C2 Datasheet
56Kb / 1P
   CLASS 2/3 TRANSFORMER
FS28-200-C2 TRIAD-FS28-200-C2 Datasheet
56Kb / 1P
   CLASS 2/3 TRANSFORMER
F20-300-C2 TRIAD-F20-300-C2 Datasheet
50Kb / 1P
   CLASS 2/3 TRANSFORMER
F24-1500-C2 TRIAD-F24-1500-C2 Datasheet
48Kb / 1P
   CLASS 2/3 TRANSFORMER
F28-200-C2 TRIAD-F28-200-C2 Datasheet
48Kb / 1P
   CLASS 2/3 TRANSFORMER
FS24-1500-C2 TRIAD-FS24-1500-C2 Datasheet
56Kb / 1P
   CLASS 2/3 TRANSFORMER
FS20-300-C2-B TRIAD-FS20-300-C2-B Datasheet
181Kb / 1P
   CLASS 2/3 TRANSFORMER
F20-1800-C2 TRIAD-F20-1800-C2 Datasheet
48Kb / 1P
   CLASS 2/3 TRANSFORMER
F24-100-C2 TRIAD-F24-100-C2 Datasheet
48Kb / 1P
   CLASS 2/3 TRANSFORMER
F28-040-C2 TRIAD-F28-040-C2 Datasheet
48Kb / 1P
   CLASS 2/3 TRANSFORMER
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com