Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX5477EUD Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX5477EUD
Description  Dual, 256-Tap, Nonvolatile, I2C-Interface, Digital Potentiometers
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5477EUD Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX5477EUD Datasheet HTML 6Page - Maxim Integrated Products MAX5477EUD Datasheet HTML 7Page - Maxim Integrated Products MAX5477EUD Datasheet HTML 8Page - Maxim Integrated Products MAX5477EUD Datasheet HTML 9Page - Maxim Integrated Products MAX5477EUD Datasheet HTML 10Page - Maxim Integrated Products MAX5477EUD Datasheet HTML 11Page - Maxim Integrated Products MAX5477EUD Datasheet HTML 12Page - Maxim Integrated Products MAX5477EUD Datasheet HTML 13Page - Maxim Integrated Products MAX5477EUD Datasheet HTML 14Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
Dual, 256-Tap, Nonvolatile, I2C-Interface,
Digital Potentiometers
10
______________________________________________________________________________________
VDD. Connect WP to GND to allow write commands to
the EEPROM and to update the wiper position from
either the value in the EEPROM or directly from the I2C
interface. Connecting WP to GND increases the supply
current by 19.6µA (max).
Serial Addressing
The MAX5477/MAX5478/MAX5479 operate as slave
devices that send and receive data through an I2C-/
SMBus™-compatible 2-wire serial interface. The inter-
face uses a serial data access (SDA) line and a serial
clock line (SCL) to achieve bidirectional communication
between master(s) and slave(s). A master, typically a
microcontroller, initiates all data transfers to the
MAX5477/MAX5478/MAX5479, and generates the SCL
clock that synchronizes the data transfer (Figure 1).
The MAX5477/MAX5478/MAX5479 SDA line operates
as both an input and an open-drain output. The SDA
line requires a pullup resistor, typically 4.7k
Ω. The
MAX5477/MAX5478/MAX5479 SCL line operates only
as an input. The SCL line requires a pullup resistor (typ-
ically 4.7k
Ω) if there are multiple masters on the 2-wire
interface, or if the master in a single-master system has
an open-drain SCL output. SCL and SDA should not
exceed VDD in a mixed-voltage system, despite the
open-drain drivers.
Each transmission consists of a START (S) condition
(Figure 3) sent by a master, followed by the
MAX5477/MAX5478/MAX5479 7-bit slave address plus
the NOP/W bit (Figure 4), 1 command byte and 1 data
byte, and finally a STOP (P) condition (Figure 3).
Start and Stop Conditions
Both SCL and SDA remain high when the interface is
not busy. A master controller signals the beginning of a
transmission with a START condition by transitioning
SDA from high to low while SCL is high. The master
controller issues a STOP condition by transitioning the
SDA from low to high while SCL is high, when it finishes
communicating with the slave. The bus is then free for
another transmission (Figure 3).
Bit Transfer
One data bit is transferred during each clock pulse.
The data on the SDA line must remain stable while SCL
is high (Figure 5).
Acknowledge
The acknowledge bit is a clocked 9th bit that the recipient
uses to handshake receipt of each byte of data (Figure
6). Thus, each byte transferred effectively requires 9 bits.
The master controller generates the 9th clock pulse, and
the recipient pulls down SDA during the acknowledge
clock pulse, so the SDA line remains stable low during
the high period of the clock pulse.
Slave Address
The MAX5477/MAX5478/MAX5479 have a 7-bit-long
slave address (Figure 4). The 8th bit following the 7-bit
ADDRESS INPUTS
A2
A1
A0
SLAVE ADDRESS
GND
GND
GND
0101000
GND
GND
VDD
0101001
GND
VDD
GND
0101010
GND
VDD
VDD
0101011
VDD
GND
GND
0101100
VDD
GND
VDD
0101101
VDD
VDD
GND
0101110
VDD
VDD
VDD
0101111
SDA
DATA STABLE,
DATA VALID
CHANGE OF
DATA ALLOWED
SCL
Figure 5. Bit Transfer
1
SCL
START
CONDITION
SDA
28
9
CLOCK PULSE FOR
ACKNOWLEDGMENT
ACKNOWLEDGE
NOT ACKNOWLEDGE
Figure 6. Acknowledge
SMBus is a trademark of Intel Corporation.
Table 1. Slave Addresses


Similar Part No. - MAX5477EUD

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5477EUD MAXIM-MAX5477EUD Datasheet
716Kb / 17P
   Dual, 256-Tap, Nonvolatile, I2C-Interface, Digital Potentiometers
Rev 4; 1/06
More results

Similar Description - MAX5477EUD

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5477 MAXIM-MAX5477_11 Datasheet
318Kb / 16P
   Dual, 256-Tap, Nonvolatile, I2C-Interface, Digital Potentiometers
Rev 5; 11/11
MAX5477 MAXIM-MAX5477_06 Datasheet
716Kb / 17P
   Dual, 256-Tap, Nonvolatile, I2C-Interface, Digital Potentiometers
Rev 4; 1/06
MAX5417LETA-T MAXIM-MAX5417LETA-T Datasheet
296Kb / 14P
   256-Tap, Nonvolatile, I2C-Interface, Digital Potentiometers
Rev 4; 4/10
MAX5417 MAXIM-MAX5417 Datasheet
796Kb / 15P
   256-Tap, Nonvolatile, I2C-Interface, Digital Potentiometers
Rev 2; 8/04
MAX5417 MAXIM-MAX5417_09 Datasheet
289Kb / 14P
   256-Tap, Nonvolatile, I2C-Interface, Digital Potentiometers
Rev 3; 3/09
MAX5422 MAXIM-MAX5422 Datasheet
611Kb / 11P
   256-Tap, Nonvolatile, SPI-Interface, Digital Potentiometers
Rev 0; 7/04
MAX5487 MAXIM-MAX5487 Datasheet
420Kb / 14P
   Dual, 256-Tap, Nonvolatile, SPI-Interface, Linear-Taper Digital Potentiometers
Rev 1; 1/05
MAX5487 MAXIM-MAX5487_10 Datasheet
417Kb / 13P
   Dual, 256-Tap, Nonvolatile, SPI-Interface, Linear-Taper Digital Potentiometers
Rev 4; 4/10
MAX5432 MAXIM-MAX5432_07 Datasheet
320Kb / 19P
   32-Tap, Nonvolatile, I2C, Linear, Digital Potentiometers
Rev 3; 11/07
logo
Analog Devices
AD5251 AD-AD5251 Datasheet
566Kb / 28P
   Dual 64-/256-Position I2C Nonvolatile Memory Digital Potentiometers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com