Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0705410037 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 0705410037
Description  2.54mm Pitch SL Header, Single Row, Vertical, 3.05mm Pocket, Shrouded
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX1 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX1 - Molex Electronics Ltd.

0705410037 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  0705410037_17 Datasheet HTML 1Page - Molex Electronics Ltd. 0705410037_17 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Termination Interface: Style
Through Hole
Electrical
Current - Maximum per Contact
3.0A
Voltage - Maximum
250V
Solder Process Data
Duration at Max. Process Temperature (seconds)
003
Lead-freeProcess Capability
WAVE
Max. Cycles at Max. Process Temperature
001
Process Temperature max. C
260
Material Info
Reference - Drawing Numbers
Packaging Specification
PK-70873-0014
Product Specification
PS-70400-001, PS-70541-001, TS-70541-001-001,
TS-70541-100-001
Sales Drawing
SDA-70541-****
This document was generated on 08/29/2017
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 0705410037_17

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0705410037 MOLEX8-0705410037 Datasheet
201Kb / 4P
   2.54mm (.100") Pitch SL Header, Single Row, Vertical, .120" Pocket, Shrouded, with Beveled Plastic Peg
More results

Similar Description - 0705410037_17

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0705419079 MOLEX1-0705419079_17 Datasheet
40Kb / 2P
   2.54mm Pitch SL Header, Single Row, Vertical, 3.05mm Pocket, Shrouded
0705430046 MOLEX1-0705430046_17 Datasheet
42Kb / 2P
   2.54mm Pitch SL Header, Single Row, Vertical, 3.05mm Pocket, Shrouded
0705410004 MOLEX1-0705410004_17 Datasheet
40Kb / 2P
   2.54mm Pitch SL Header, Single Row, Vertical, 3.05mm Pocket, Shrouded
0705430002 MOLEX1-0705430002_17 Datasheet
42Kb / 2P
   2.54mm Pitch SL Header, Single Row, Vertical, 3.05mm Pocket, Shrouded
0705430043 MOLEX1-0705430043_17 Datasheet
42Kb / 2P
   2.54mm Pitch SL Header, Single Row, Vertical, 3.05mm Pocket, Shrouded
0705419040 MOLEX1-0705419040_17 Datasheet
40Kb / 2P
   2.54mm Pitch SL Header, Single Row, Vertical, 3.05mm Pocket, Shrouded
0705410007 MOLEX1-0705410007_17 Datasheet
40Kb / 2P
   2.54mm Pitch SL Header, Single Row, Vertical, 3.05mm Pocket, Shrouded
0705410073 MOLEX1-0705410073_17 Datasheet
40Kb / 2P
   2.54mm Pitch SL Header, Single Row, Vertical, 3.05mm Pocket, Shrouded
0705430011 MOLEX1-0705430011_17 Datasheet
42Kb / 2P
   2.54mm Pitch SL Header, Single Row, Vertical, 3.05mm Pocket, Shrouded
0705430045 MOLEX1-0705430045_17 Datasheet
42Kb / 2P
   2.54mm Pitch SL Header, Single Row, Vertical, 3.05mm Pocket, Shrouded
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com