Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCN10-32S-2.54WA Datasheet(PDF) 5 Page - Hirose Electric

Part # PCN10-32S-2.54WA
Description  Comply with IEC603-2/DIN41612 standard
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

PCN10-32S-2.54WA Datasheet(HTML) 5 Page - Hirose Electric

  PCN10-32S-2.54WA Datasheet HTML 1Page - Hirose Electric PCN10-32S-2.54WA Datasheet HTML 2Page - Hirose Electric PCN10-32S-2.54WA Datasheet HTML 3Page - Hirose Electric PCN10-32S-2.54WA Datasheet HTML 4Page - Hirose Electric PCN10-32S-2.54WA Datasheet HTML 5Page - Hirose Electric PCN10-32S-2.54WA Datasheet HTML 6Page - Hirose Electric PCN10-32S-2.54WA Datasheet HTML 7Page - Hirose Electric PCN10-32S-2.54WA Datasheet HTML 8Page - Hirose Electric PCN10-32S-2.54WA Datasheet HTML 9Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 37 page
background image
A33
BContact numbers
Receptacle straight type
Type C (Type B)
According to the inter-combination with DIN standard type C (type B) and type R (type Q), the contact numbers
and row numbers represent contact No. (No.1 to 32) and row No. (a, b, c).
qDIN standard type C and type R represent the 3-row 96 contacts type, including 32 contacts in single-row.
qDIN standard type B and type Q represent the 2-row 64 contacts type, including 32 contacts in single-row.
Note: The DIN connector is basically standardized in combination with straight and right angle types. As shown
above in illustrationss;
The contact numbers is matched in combination with (1)-(2) and (3)-(4), while the contact numbers are
inverted in combination with (1)-(2) and (3)-(4).
Pin header right angle type
Type C (Type B)
Pin header straight type
Type R (Type Q)
Receptacle right angle type
Type R (Type Q)
1
2
3
4
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information.
All non-RoHS products have been discontinued, or will be discontinued soon. Please check the products status on the Hirose website RoHS search at www.hirose-connectors.com, or contact your Hirose sales representative.


Similar Part No. - PCN10-32S-2.54WA

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
PCN10-32S-2.54WA HIROSE-PCN10-32S-2.54WA Datasheet
2Mb / 9P
   Product Compliant to DIN41612/IEC603-2 Standard
More results

Similar Description - PCN10-32S-2.54WA

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
PCN12A-10P-2.54DS HIROSE-PCN12A-10P-2.54DS Datasheet
1Mb / 8P
   Product Compliant to DIN41612/IEC603-2 Standard
PCN10-16P-2.54DS HIROSE-PCN10-16P-2.54DS Datasheet
2Mb / 9P
   Product Compliant to DIN41612/IEC603-2 Standard
PCN13-10S-2.54DSA HIROSE-PCN13-10S-2.54DSA Datasheet
1Mb / 8P
   Product Compliant to DIN41612/IEC603-2 Standard
logo
FCI connector
8609XXX7313XX5 FCI-CONNECTOR-8609XXX7313XX5 Datasheet
214Kb / 1P
   DIN STANDARD HEADER(ANGLED SPILL DIN41612 STYLE-C/2)
logo
jb Capacitors Company
JCZ JBCAPACITORS-JCZ Datasheet
333Kb / 3P
   Comply with the RoHS directive
logo
Delta Electronics, Inc.
GPS-450AA-100 DELTA-GPS-450AA-100 Datasheet
154Kb / 1P
   Comply with Intel ATX12V 2.0
logo
Bothhand USA, LP.
VP6018RZM-HF BOTHHAND-VP6018RZM-HF Datasheet
102Kb / 2P
   Comply with ROHS & Halogen Free requirements.
TS21AY-HF BOTHHAND-TS21AY-HF Datasheet
232Kb / 2P
   Comply with ROHS & Halogen Free requirements
VP6014M-HF BOTHHAND-VP6014M-HF Datasheet
269Kb / 2P
   Comply with ROHS & Halogen Free requirements.
TS8121CM-HF BOTHHAND-TS8121CM-HF Datasheet
88Kb / 2P
   Comply with ROHS & Halogen Free requirements.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com