Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCN10-32S-2.54WB Datasheet(PDF) 7 Page - Hirose Electric

Part # PCN10-32S-2.54WB
Description  Comply with IEC603-2/DIN41612 standard
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

PCN10-32S-2.54WB Datasheet(HTML) 7 Page - Hirose Electric

Back Button PCN10-32S-2.54WB Datasheet HTML 3Page - Hirose Electric PCN10-32S-2.54WB Datasheet HTML 4Page - Hirose Electric PCN10-32S-2.54WB Datasheet HTML 5Page - Hirose Electric PCN10-32S-2.54WB Datasheet HTML 6Page - Hirose Electric PCN10-32S-2.54WB Datasheet HTML 7Page - Hirose Electric PCN10-32S-2.54WB Datasheet HTML 8Page - Hirose Electric PCN10-32S-2.54WB Datasheet HTML 9Page - Hirose Electric PCN10-32S-2.54WB Datasheet HTML 10Page - Hirose Electric PCN10-32S-2.54WB Datasheet HTML 11Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 37 page
background image
A35
PCN10EA*P-2.54DS
PCN10-*P-2.54DSA
Unit:mm
CL No.
Part Number
583-0256-2
583-0181-5
583-0182-8
583-0183-0
583-0184-3
583-0185-6
583-0186-9
583-0187-1
PCN10EA-016P-2.54DS
PCN10EA-020P-2.54DS
PCN10EA-032P-2.54DS
PCN10EA-044P-2.54DS
PCN10EA-050P-2.54DS
PCN10EA-064P-2.54DS
PCN10EA-090P-2.54DS
PCN10EA-100P-2.54DS
Number of Contacts
16
20
32
44
50
64
90
100
A
B
33.04
38.12
53.36
68.60
76.22
94.00
127.02
139.72
24.39
29.47
44.71
59.95
67.57
85.35
118.37
131.07
C
D
27.94
33.02
48.26
63.50
71.12
88.90
121.92
134.62
BPCB mounting pattern
17.78
22.86
38.10
53.34
60.96
78.74
111.76
124.46
qThe PCB mounting pattern is
equivalent to PCN10A-*P-2.54DS.
(Refer to page A34.)
Note: DIN standard type Q (Reverse type of type B) indicates PCN10Q-64P-2.54DSA.
*Type Q differs in the outer dimensions and PCB mounting pattern.
sPin Header: 2-row Straight Type
sPin Header: 2-row Right Angle Type
qWith Board prefixed lock pin
CL No.
Part Number
Unit:mm
583-0139-9
583-0007-8
583-0488-8
583-0008-0
583-0009-3
583-0010-2
583-0251-9
PCN10-020P-2.54DSA
PCN10-032P-2.54DSA
PCN10-044P-2.54DSA
PCN10-050P-2.54DSA
PCN10-064P-2.54DSA
PCN10-090P-2.54DSA
PCN10-100P-2.54DSA
Number of Contacts
20
32
44
50
64
90
100
A
B
43.30
58.54
73.78
81.40
99.18
132.20
144.90
38.10
53.34
68.58
76.20
93.98
127.00
139.70
C
D
29.47
44.71
59.95
67.57
85.35
118.37
131.07
22.86
38.10
53.54
60.96
78.74
111.76
124.46
Note
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information.
All non-RoHS products have been discontinued, or will be discontinued soon. Please check the products status on the Hirose website RoHS search at www.hirose-connectors.com, or contact your Hirose sales representative.


Similar Part No. - PCN10-32S-2.54WB

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
PCN10-32S-2.54WB HIROSE-PCN10-32S-2.54WB Datasheet
2Mb / 9P
   Product Compliant to DIN41612/IEC603-2 Standard
More results

Similar Description - PCN10-32S-2.54WB

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
PCN12A-10P-2.54DS HIROSE-PCN12A-10P-2.54DS Datasheet
1Mb / 8P
   Product Compliant to DIN41612/IEC603-2 Standard
PCN10-16P-2.54DS HIROSE-PCN10-16P-2.54DS Datasheet
2Mb / 9P
   Product Compliant to DIN41612/IEC603-2 Standard
PCN13-10S-2.54DSA HIROSE-PCN13-10S-2.54DSA Datasheet
1Mb / 8P
   Product Compliant to DIN41612/IEC603-2 Standard
logo
FCI connector
8609XXX7313XX5 FCI-CONNECTOR-8609XXX7313XX5 Datasheet
214Kb / 1P
   DIN STANDARD HEADER(ANGLED SPILL DIN41612 STYLE-C/2)
logo
jb Capacitors Company
JCZ JBCAPACITORS-JCZ Datasheet
333Kb / 3P
   Comply with the RoHS directive
logo
Delta Electronics, Inc.
GPS-450AA-100 DELTA-GPS-450AA-100 Datasheet
154Kb / 1P
   Comply with Intel ATX12V 2.0
logo
Bothhand USA, LP.
VP6018RZM-HF BOTHHAND-VP6018RZM-HF Datasheet
102Kb / 2P
   Comply with ROHS & Halogen Free requirements.
TS21AY-HF BOTHHAND-TS21AY-HF Datasheet
232Kb / 2P
   Comply with ROHS & Halogen Free requirements
VP6014M-HF BOTHHAND-VP6014M-HF Datasheet
269Kb / 2P
   Comply with ROHS & Halogen Free requirements.
TS8121CM-HF BOTHHAND-TS8121CM-HF Datasheet
88Kb / 2P
   Comply with ROHS & Halogen Free requirements.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com