Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCN10H-20P-2.54DSA Datasheet(PDF) 3 Page - Hirose Electric

Part # PCN10H-20P-2.54DSA
Description  Comply with IEC603-2/DIN41612 standard
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

PCN10H-20P-2.54DSA Datasheet(HTML) 3 Page - Hirose Electric

  PCN10H-20P-2.54DSA Datasheet HTML 1Page - Hirose Electric PCN10H-20P-2.54DSA Datasheet HTML 2Page - Hirose Electric PCN10H-20P-2.54DSA Datasheet HTML 3Page - Hirose Electric PCN10H-20P-2.54DSA Datasheet HTML 4Page - Hirose Electric PCN10H-20P-2.54DSA Datasheet HTML 5Page - Hirose Electric PCN10H-20P-2.54DSA Datasheet HTML 6Page - Hirose Electric PCN10H-20P-2.54DSA Datasheet HTML 7Page - Hirose Electric PCN10H-20P-2.54DSA Datasheet HTML 8Page - Hirose Electric PCN10H-20P-2.54DSA Datasheet HTML 9Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 37 page
background image
A31
PCN12
A - * P - 2.54 DS
1
2
4
3
5
6
PCN12
E - * S - 2.54 DSA
1
2
4
3
5
6
PCN13
E - * S - 2.54 DSA
1
2
4
3
5
6
*PCN13 series are only socket type.
PCN10 and 12 series are mating connectors.
qPCN 12 Series (Plug)
qPCN 12E-*S-2.54 DSA(Socket)
r
S
: Socket
t Contact pitch
: 2.54mm
y Contact type
: DSA: Straight through hole type
q Series name
: PCN12
w No symbol
: Standard type
E
: With board prefixed lock pin type
e Number of contacts : 2-row: 10, 16, 20, 28, 32, 44, 50,
64, 90, 100
3-row: 96
qPCN 13E-*S-2.54 DSA (Socket)
e Number of contacts : 2-row: 10, 16, 20, 24, 28, 32, 44,
50, 64, 90, 100
3-row: 96
r
P
: Plug
t Contact pitch
: 2.54mm
y Contact type
: DS: Right angle through hole type
q Series name
: PCN12
w No symbol
: DIN standard type C (96 Contacts)
A
: Original type
E-EA
: With board prefixed lock pin type
r
S
: Socket
t Contact pitch : 2.54mm
y Contact style : DS: Right angle through hole type
: DSA: Straight through hole type
q Series name : PCN13
w No symbol
: Standard type
E
: With board prefixed easy pin type
e Number of contacts : 2-row: 10, 16, 20, 30, 32, 44, 50,
64, 90, 100
3-row: 48, 96
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information.
All non-RoHS products have been discontinued, or will be discontinued soon. Please check the products status on the Hirose website RoHS search at www.hirose-connectors.com, or contact your Hirose sales representative.


Similar Part No. - PCN10H-20P-2.54DSA

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
PCN10H-20P-2.54DSA HIROSE-PCN10H-20P-2.54DSA Datasheet
2Mb / 9P
   Product Compliant to DIN41612/IEC603-2 Standard
More results

Similar Description - PCN10H-20P-2.54DSA

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
PCN12A-10P-2.54DS HIROSE-PCN12A-10P-2.54DS Datasheet
1Mb / 8P
   Product Compliant to DIN41612/IEC603-2 Standard
PCN10-16P-2.54DS HIROSE-PCN10-16P-2.54DS Datasheet
2Mb / 9P
   Product Compliant to DIN41612/IEC603-2 Standard
PCN13-10S-2.54DSA HIROSE-PCN13-10S-2.54DSA Datasheet
1Mb / 8P
   Product Compliant to DIN41612/IEC603-2 Standard
logo
FCI connector
8609XXX7313XX5 FCI-CONNECTOR-8609XXX7313XX5 Datasheet
214Kb / 1P
   DIN STANDARD HEADER(ANGLED SPILL DIN41612 STYLE-C/2)
logo
jb Capacitors Company
JCZ JBCAPACITORS-JCZ Datasheet
333Kb / 3P
   Comply with the RoHS directive
logo
Delta Electronics, Inc.
GPS-450AA-100 DELTA-GPS-450AA-100 Datasheet
154Kb / 1P
   Comply with Intel ATX12V 2.0
logo
Bothhand USA, LP.
VP6018RZM-HF BOTHHAND-VP6018RZM-HF Datasheet
102Kb / 2P
   Comply with ROHS & Halogen Free requirements.
TS21AY-HF BOTHHAND-TS21AY-HF Datasheet
232Kb / 2P
   Comply with ROHS & Halogen Free requirements
VP6014M-HF BOTHHAND-VP6014M-HF Datasheet
269Kb / 2P
   Comply with ROHS & Halogen Free requirements.
TS8121CM-HF BOTHHAND-TS8121CM-HF Datasheet
88Kb / 2P
   Comply with ROHS & Halogen Free requirements.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com