Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1.5KE400A Datasheet(PDF) 3 Page - SeCoS Halbleitertechnologie GmbH

Part # 1.5KE400A
Description  Voltage 6.8V ~ 550V 1500W Peak Power / 5.0W Steady State 1500W Peak Power TVS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

1.5KE400A Datasheet(HTML) 3 Page - SeCoS Halbleitertechnologie GmbH

  1.5KE400A Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH 1.5KE400A Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH 1.5KE400A Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Elektronische Bauelemente
1.5KE SERIES
Voltage 6.8V ~ 550V
1500W Peak Power / 5.0W Steady State
1500W Peak Power TVS
24-Nov-2014 Rev. E
Page 3 of 3
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
ELECTRICAL CHARACTERISTIC(TA =25°C unless otherwise specified)
PART
NUMBER
REVERSE
STANDOFF
VOLTAGE
BREAKDOWN
VOLTAGE
MIN@IT
BREAKDOWN
VOLTAGE
MAX@IT
TEST
CURRENT
MAX
CLAMPING
VOLTAGE
VC@IPP
PEAK
PULSE
CURRENT
REVERSE
LEAKAGE
IR@VRRM
DIRECTIONAL
VRRM
VBR
VBR
IT
VC
IPP
IR
UNI
BI
V
V
V
mA
V
A
uA
1.5KE6.8A
1.5KE6.8CA
5.80
6.45
7.14
10
10.5
144.8
1000
1.5KE7.5A
1.5KE7.5CA
6.40
7.13
7.88
10
11.3
134.5
500
1.5KE8.2A
1.5KE8.2CA
7.02
7.79
8.61
10
12.1
125.6
200
1.5KE9.1A
1.5KE9.1CA
7.78
8.65
9.5
1
13.4
113.4
50
1.5KE10A
1.5KE10CA
8.55
9.5
10.5
1
14.5
104.8
10
1.5KE11A
1.5KE11CA
9.40
10.5
11.6
1
15.6
97.4
5
1.5KE12A
1.5KE12CA
10.20
11.4
12.6
1
16.7
91
5
1.5KE13A
1.5KE13CA
11.10
12.4
13.7
1
18.2
83.5
5
1.5KE15A
1.5KE15CA
12.80
14.3
15.8
1
21.2
71.7
5
1.5KE16A
1.5KE16CA
13.60
15.2
16.8
1
22.5
67.6
5
1.5KE18A
1.5KE18CA
15.30
17.1
18.9
1
25.2
60.3
5
1.5KE20A
1.5KE20CA
17.10
19
21
1
27.7
54.9
5
1.5KE22A
1.5KE22CA
18.80
20.9
23.1
1
30.6
49.7
5
1.5KE24A
1.5KE24CA
20.50
22.8
25.2
1
33.2
45.8
5
1.5KE27A
1.5KE27CA
23.10
25.7
28.4
1
37.5
40.5
5
1.5KE30A
1.5KE30CA
25.60
28.5
31.5
1
41.4
36.7
5
1.5KE33A
1.5KE33CA
28.20
31.4
34.7
1
45.7
33.3
5
1.5KE36A
1.5KE36CA
30.80
34.2
37.8
1
49.9
30.5
5
1.5KE39A
1.5KE39CA
33.30
37.1
41
1
53.9
28.2
5
1.5KE43A
1.5KE43CA
36.80
40.9
45.2
1
59.3
25.6
5
1.5KE47A
1.5KE47CA
40.20
44.7
49.4
1
64.8
23.5
5
1.5KE51A
1.5KE51CA
43.60
48.5
53.6
1
70.1
21.7
5
1.5KE56A
1.5KE56CA
47.80
53.2
58.8
1
77
19.7
5
1.5KE62A
1.5KE62CA
53.00
58.9
65.1
1
85
17.9
5
1.5KE68A
1.5KE68CA
58.10
64.6
71.4
1
92
16.5
5
1.5KE75A
1.5KE75CA
64.10
71.3
78.8
1
103
14.8
5
1.5KE82A
1.5KE82CA
70.10
77.9
86.1
1
113
13.5
5
1.5KE91A
1.5KE91CA
77.80
86.5
95.5
1
125
12.2
5
1.5KE100A 1.5KE100CA
85.50
95
105
1
137
11.1
5
1.5KE110A 1.5KE110CA
94
105
116
1
152
10
5
1.5KE120A 1.5KE120CA
102
114
126
1
165
9.2
5
1.5KE130A 1.5KE130CA
111
124
137
1
179
8.5
5
1.5KE150A 1.5KE150CA
128
143
158
1
207
7.3
5
1.5KE160A 1.5KE160CA
136
152
168
1
219
6.9
5
1.5KE170A 1.5KE170CA
145
162
179
1
234
6.5
5
1.5KE180A 1.5KE180CA
154
171
189
1
246
6.2
5
1.5KE200A 1.5KE200CA
171
190
210
1
274
5.5
5
1.5KE220A 1.5KE220CA
185
209
231
1
328
4.6
5
1.5KE250A 1.5KE250CA
214
237
263
1
344
4.4
5
1.5KE300A 1.5KE300CA
256
285
315
1
414
3.7
5
1.5KE350A 1.5KE350CA
300
332
368
1
482
3.2
5
1.5KE400A 1.5KE400CA
342
380
420
1
552
2.72
5
1.5KE440A 1.5KE440CA
376
418
462
1
600
2.47
5
1.5KE550A 1.5KE550CA
470.3
522.5
577.5
1
759
1.98
5
Notes:
1.
Suffix “A” denotes 5% tolerance device.
2.
For bi-Directional devices having VR of 10volt and under, the IR limit is double
3.
For Bidirectional use C or CA Suffix for types 1.5KE6.8 thru 1.5KE550.
4.
Electrical characteristics apply in both directions.


Similar Part No. - 1.5KE400A

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
1.5KE400A TRSYS-1.5KE400A Datasheet
251Kb / 5P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Digitron Semiconductors
1.5KE400A DIGITRON-1.5KE400A Datasheet
526Kb / 5P
   1500W UNIDIRECTIONAL AND BIDIRECTIONAL
logo
UNIOHM CORPORATION
1.5KE400A UNIOHM-1.5KE400A Datasheet
87Kb / 4P
   1500 WATT PEAK POWER TRANSIENT VOLTAGE SUPPRESSORS
logo
DAESAN ELECTRONIC CORP.
1.5KE400A DAESAN-1.5KE400A Datasheet
801Kb / 5P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
Diotech Company.
1.5KE400A DIOTECH-1.5KE400A Datasheet
1Mb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
More results

Similar Description - 1.5KE400A

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
1.5KE6.8 SECOS-1.5KE6.8 Datasheet
218Kb / 4P
   VOLTAGE 6.8V ~ 440V 1500W Peak Power / 5.0W Steady State 1500W Peak Power TVS
1.5KE SECOS-1.5KE_15 Datasheet
332Kb / 3P
   1500W Peak Power 5.0W Steady State 1500W Peak Power TVS
P6KE SECOS-P6KE Datasheet
110Kb / 3P
   Voltage 6.8V ~ 480V 600 Peak Power / 5.0W Steady State 600W Peak Power TVS
P6KE6.8 SECOS-P6KE6.8 Datasheet
191Kb / 4P
   600W Peak Power / 5.0W Steady State 600W Peak Power TVS
P4KES SECOS-P4KES Datasheet
57Kb / 3P
   Voltage 6.8V ~ 440V 400 Peak Power / 1.0W Steady State 400W Peak Power TVS
SMCJ SECOS-SMCJ Datasheet
430Kb / 4P
   1500W Peak Power Surface Mount TVS
SMCJ SECOS-SMCJ_15 Datasheet
133Kb / 4P
   1500W Peak Power Surface Mount TVS
logo
First Silicon Co., Ltd
1.5KE6.8 FS-1.5KE6.8 Datasheet
702Kb / 6P
   Transient Voltage Suppressors Peak Pluse Power 1500W Breakdown Voltage 6.8 to 550V
logo
GOOD-ARK Electronics
1.5KE6.8 GOOD-ARK-1.5KE6.8_15 Datasheet
626Kb / 6P
   Transient Voltage Suppressors Peak Pulse Power 1500W Breakdown Voltage 6.8 to 550V
1.5KE6.8 GOOD-ARK-1.5KE6.8 Datasheet
626Kb / 6P
   Transient Voltage Suppressors Peak Pulse Power 1500W Breakdown Voltage 6.8 to 550V
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com