Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI5A4624TX Datasheet(PDF) 1 Page - Pericom Semiconductor Corporation

Part # PI5A4624TX
Description  SOTINY??1-Ohm, Low-Voltage Single-Supply SPDT Switch
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI5A4624TX Datasheet(HTML) 1 Page - Pericom Semiconductor Corporation

  PI5A4624TX Datasheet HTML 1Page - Pericom Semiconductor Corporation PI5A4624TX Datasheet HTML 2Page - Pericom Semiconductor Corporation PI5A4624TX Datasheet HTML 3Page - Pericom Semiconductor Corporation PI5A4624TX Datasheet HTML 4Page - Pericom Semiconductor Corporation PI5A4624TX Datasheet HTML 5Page - Pericom Semiconductor Corporation PI5A4624TX Datasheet HTML 6Page - Pericom Semiconductor Corporation PI5A4624TX Datasheet HTML 7Page - Pericom Semiconductor Corporation PI5A4624TX Datasheet HTML 8Page - Pericom Semiconductor Corporation PI5A4624TX Datasheet HTML 9Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1
PS8635B
09/13/04
Description
The PI5A4624/PI5A4625 is an improved, direct replacement for the
MAX4624/MAX4625 single-pole, double-throw (SPDT) analog
switch. Improved specifications include a low maximum On-resis-
tance of 1-ohm and fast switching times (tON= 50ns max., tOFF = 50
max.) with 5V supply operation. With a 2.5V supply, resistance is a
low4-ohmmax.
Specifications are given for 1.8V, 2.5V, 3.3V and 5V power supply
operation. Operating voltage range is +1.8V to +5.5V.
TominimizePCboardareause,thePI5A4624/PI5A4625isavailable
in a compact 6-pin SOT-23 package.
PI5A4624/PI5A4625
SOTINY1-Ohm, Low-Voltage
Single-Supply SPDT Switch
Features
• Low On-Resistance: 1-ohmmax(+5VSupply)
2-ohmmax(+3VSupply)
•RON Matching: 0.12-ohms max.at 25 °C
•RON Flatness: 0.12-ohms max. (+5V Supply) at 25 °C
• Low 4nA Input Leakage at 25 °C
• +1.8V to +5.5V Single-Supply Operation
• Fast Switching Time (PI5A4624)
- 50ns tON
- 50ns tOFF
• Break-Before-Make Switching Guaranteed (PI5A4624)
• Make-Before-BreakSwitching(PI5A4625)
• -57dB Off-Isolation at 1MHz
• TTL/CMOS Logic Compatible
• Low Power Consumption: 5µW
• Improved Direct Replacement for MAX4624 & MAX4625
• Packaging (Pb-free & Green available):
– 6-pin Small Compact SOT-23 (T)
Applications
• Communication Circuits
• Cellular Phones
• Audio and Video Signal Routing
• Portable Battery-Operated Equipment
• Data Acquisition Systems
• Computer Peripherals
• Telecommunications
• Relay Replacement
• Wireless Terminals and Peripherals
• Hard Drives
• Modems
5
2
6
4
A
5
I
P
/
4
2
6
4
A
5
I
P
c
i
g
o
LC
NO
N
0N
OF
F
O
1F
F
ON
O
Functional Diagram, Pin Configuration
Switches shown for Logic “0” input
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
TopView
Truth Tables
PI5A4624/
PI5A4625
IN
2
3
1
V+
GND
SOT-23
NC
NO
COM
5
6
4


Similar Part No. - PI5A4624TX

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI5A4626 PERICOM-PI5A4626 Datasheet
210Kb / 9P
   SOTINY??Low-Voltage, Single-Supply 1-Ohm SPST CMOS Analog Switches
PI5A4626TX PERICOM-PI5A4626TX Datasheet
210Kb / 9P
   SOTINY??Low-Voltage, Single-Supply 1-Ohm SPST CMOS Analog Switches
PI5A4629 PERICOM-PI5A4629 Datasheet
210Kb / 9P
   SOTINY??Low-Voltage, Single-Supply 1-Ohm SPST CMOS Analog Switches
PI5A4629TX PERICOM-PI5A4629TX Datasheet
210Kb / 9P
   SOTINY??Low-Voltage, Single-Supply 1-Ohm SPST CMOS Analog Switches
More results

Similar Description - PI5A4624TX

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI5A4599B PERICOM-PI5A4599B Datasheet
352Kb / 8P
   SOTiny Low Resistance, Low-Voltage Single-Supply SPDT Switch
PI5A4599A PERICOM-PI5A4599A Datasheet
421Kb / 8P
   SOTINY Low Resistance, Low-Voltage Single-Supply SPDT Switch
PI5A4626 PERICOM-PI5A4626 Datasheet
210Kb / 9P
   SOTINY??Low-Voltage, Single-Supply 1-Ohm SPST CMOS Analog Switches
PI3A4624 PERICOM-PI3A4624 Datasheet
512Kb / 8P
   3.0V, SOTiny 0.4 Single-Supply SPDT Analog Switch
logo
Analog Microelectronics
AME4620 AME-AME4620 Datasheet
123Kb / 12P
   1-Ohm Low Voltage SPDT Analog Switch
AME4620 AME-AME4620_1 Datasheet
133Kb / 15P
   1-Ohm Low Voltage SPDT Analog Switch
AME4624 AME-AME4624 Datasheet
153Kb / 15P
   1-Ohm Low Voltage SPDT Analog Switch
logo
ON Semiconductor
NLAS4599 ONSEMI-NLAS4599_11 Datasheet
132Kb / 11P
   Low Voltage Single Supply SPDT Analog Switch
March, 2011 ??Rev. 11
NLAST4599 ONSEMI-NLAST4599 Datasheet
120Kb / 12P
   Low Voltage Single Supply SPDT Analog Switch
November, 2002 - Rev. 6
NLAST4599 ONSEMI-NLAST4599_06 Datasheet
138Kb / 12P
   Low Voltage Single Supply SPDT Analog Switch
May, 2006 ??Rev. 8
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com