Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI5A4624TX Datasheet(PDF) 3 Page - Pericom Semiconductor Corporation

Part # PI5A4624TX
Description  SOTINY??1-Ohm, Low-Voltage Single-Supply SPDT Switch
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI5A4624TX Datasheet(HTML) 3 Page - Pericom Semiconductor Corporation

  PI5A4624TX Datasheet HTML 1Page - Pericom Semiconductor Corporation PI5A4624TX Datasheet HTML 2Page - Pericom Semiconductor Corporation PI5A4624TX Datasheet HTML 3Page - Pericom Semiconductor Corporation PI5A4624TX Datasheet HTML 4Page - Pericom Semiconductor Corporation PI5A4624TX Datasheet HTML 5Page - Pericom Semiconductor Corporation PI5A4624TX Datasheet HTML 6Page - Pericom Semiconductor Corporation PI5A4624TX Datasheet HTML 7Page - Pericom Semiconductor Corporation PI5A4624TX Datasheet HTML 8Page - Pericom Semiconductor Corporation PI5A4624TX Datasheet HTML 9Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3
PS8635B
09/13/04
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
PI5A4624/ PI5A4625
SOTINY1-Ohm, Low -Voltage
Single-SupplySPDTSwitch
Electrical Specifications - Single +5V Supply (continued)
(V+ = + 5V ± 10%, GND = 0V, VINH= 2.4V, VINL = 0.8V)
Notes:
1. The algebraic convention, where most negative value is a minimum and most positive is a maximum, is used in this data sheet.
2. Typical values are for DESIGN AID ONLY, not guaranteed or subject to production testing.
3. Guaranteed by design.
4.
∆RON = RON max. - RON min.
5. Flatness is defined as the difference between the maximum and minimum value of On-resistance measured.
6. Leakage parameters are 100% tested at maximum rated hot temperature and guaranteed by correlation at +25ºC.
7. Off Isolation = 20log10 [ VCOM / (VNO or VNC) ]. See Figure 5
8. Between any two switches. See Figure 6.
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
i
t
i
d
n
o
C)
C
°
(
.
p
m
e
T.
n
i
M
)
1
(
.
p
y
T
)
2
(
.
x
a
M
)
1
(
s
t
i
n
U
h
c
t
i
w
S
g
o
l
a
n
A
e
g
a
tl
o
V
h
g
i
H
t
u
p
n
IV
H
I
l
e
v
e
L
h
g
i
H
c
i
g
o
L
d
e
e
t
n
a
r
a
u
Gll
u
F4
.
2
V
e
g
a
tl
o
V
w
o
L
t
u
p
n
IV
L
I
l
e
v
e
L
w
o
L
c
i
g
o
L
d
e
e
t
n
a
r
a
u
G8
.
0
h
ti
w
t
n
e
r
r
u
C
t
u
p
n
I
h
g
i
H
e
g
a
tl
o
V
I
H
N
I
V
N
I
V
8
.
0
=
s
r
e
h
t
o
ll
a
,
V
4
.
2
=1
–5
0
0
.
01
A
µ
h
ti
w
t
n
e
r
r
u
C
t
u
p
n
I
w
o
L
e
g
a
tl
o
V
I
L
N
I
V
N
I
V
4
.
2
=
s
r
e
h
t
o
ll
a
,
V
8
.
0
=1
–5
0
0
.
01
c
i
m
a
n
y
D
e
m
i
T
-
n
O
-
n
r
u
Tt
N
O
V
C
C
1
e
r
u
g
i
F
,
V
5
=
5
20
25
3
s
n
ll
u
F0
4
e
m
i
T
-
f
f
O
-
n
r
u
Tt
F
F
O
5
25
10
2
ll
u
F5
3
e
k
a
M
-
e
r
o
f
e
B
-
k
a
e
r
Bt
M
B
B
)
y
l
n
O
4
2
6
4
A
5
I
P
(
3
e
r
u
g
i
F
5
21
2
15
.
4
1
ll
u
F1
5
.
7
1
k
a
e
r
B
-
e
r
o
f
e
B
-
e
k
a
Mt
B
B
M
)
y
l
n
O
5
2
6
4
A
5
I
P
(
4
e
r
u
g
i
F
5
21
4
17
1
ll
u
F1
5
.
0
2
n
o
i
t
c
e
j
n
I
e
g
r
a
h
C
)
3
(
Q
C
L
V
,
F
n
1
-
N
E
G
,
V
0
=
R
N
E
G
2
e
r
u
g
i
F
,
m
h
o
0
=
5
20
4C
p
n
o
i
t
a
l
o
s
I
f
f
OR
R
I
O
R
L
,
s
m
h
o
0
5
=
5
e
r
u
g
i
F
,
z
H
M
1
=
f
7
5
B
d
k
l
a
T
s
s
o
r
C
)
8
(
X
K
L
A
T
R
L
,
s
m
h
o
0
5
=
6
e
r
u
g
i
F
,
z
H
M
1
=
f
7
5
e
c
n
a
ti
c
a
p
a
C
O
N
r
o
C
NC
)
F
F
O
(
O
N
/
C
N
7
e
r
u
g
i
F
,
z
H
M
1
=
f
2
4
F
p
e
c
n
a
ti
c
a
p
a
C
f
f
O
M
O
CC
)
F
F
O
(
M
O
C
3
8
e
c
n
a
ti
c
a
p
a
C
n
O
M
O
CC
)
N
O
(
M
O
C
8
e
r
u
g
i
F
,
z
H
M
1
=
f0
3
1
y
l
p
p
u
S
e
g
n
a
R
y
l
p
p
u
S
-
r
e
w
o
P+
V
ll
u
F
8
.
15
.
5V
t
n
e
r
r
u
C
y
l
p
p
u
S
e
v
i
ti
s
o
P+
IV
C
C
V
,
V
5
.
5
=
N
I
+
V
r
o
V
0
=5
.
01
A
µ


Similar Part No. - PI5A4624TX

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI5A4626 PERICOM-PI5A4626 Datasheet
210Kb / 9P
   SOTINY??Low-Voltage, Single-Supply 1-Ohm SPST CMOS Analog Switches
PI5A4626TX PERICOM-PI5A4626TX Datasheet
210Kb / 9P
   SOTINY??Low-Voltage, Single-Supply 1-Ohm SPST CMOS Analog Switches
PI5A4629 PERICOM-PI5A4629 Datasheet
210Kb / 9P
   SOTINY??Low-Voltage, Single-Supply 1-Ohm SPST CMOS Analog Switches
PI5A4629TX PERICOM-PI5A4629TX Datasheet
210Kb / 9P
   SOTINY??Low-Voltage, Single-Supply 1-Ohm SPST CMOS Analog Switches
More results

Similar Description - PI5A4624TX

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI5A4599B PERICOM-PI5A4599B Datasheet
352Kb / 8P
   SOTiny Low Resistance, Low-Voltage Single-Supply SPDT Switch
PI5A4599A PERICOM-PI5A4599A Datasheet
421Kb / 8P
   SOTINY Low Resistance, Low-Voltage Single-Supply SPDT Switch
PI5A4626 PERICOM-PI5A4626 Datasheet
210Kb / 9P
   SOTINY??Low-Voltage, Single-Supply 1-Ohm SPST CMOS Analog Switches
PI3A4624 PERICOM-PI3A4624 Datasheet
512Kb / 8P
   3.0V, SOTiny 0.4 Single-Supply SPDT Analog Switch
logo
Analog Microelectronics
AME4620 AME-AME4620 Datasheet
123Kb / 12P
   1-Ohm Low Voltage SPDT Analog Switch
AME4620 AME-AME4620_1 Datasheet
133Kb / 15P
   1-Ohm Low Voltage SPDT Analog Switch
AME4624 AME-AME4624 Datasheet
153Kb / 15P
   1-Ohm Low Voltage SPDT Analog Switch
logo
ON Semiconductor
NLAS4599 ONSEMI-NLAS4599_11 Datasheet
132Kb / 11P
   Low Voltage Single Supply SPDT Analog Switch
March, 2011 ??Rev. 11
NLAST4599 ONSEMI-NLAST4599 Datasheet
120Kb / 12P
   Low Voltage Single Supply SPDT Analog Switch
November, 2002 - Rev. 6
NLAST4599 ONSEMI-NLAST4599_06 Datasheet
138Kb / 12P
   Low Voltage Single Supply SPDT Analog Switch
May, 2006 ??Rev. 8
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com