Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MJE170 Datasheet(PDF) 2 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

Part # MJE170
Description  TO-126 Plastic-Encapsulate Transistors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JIANGSU [Jiangsu Changjiang Electronics Technology Co., Ltd]
Direct Link  http://www.cj-elec.com/en/
Logo JIANGSU - Jiangsu Changjiang Electronics Technology Co., Ltd

MJE170 Datasheet(HTML) 2 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

  MJE170 Datasheet HTML 1Page - Jiangsu Changjiang Electronics Technology Co., Ltd MJE170 Datasheet HTML 2Page - Jiangsu Changjiang Electronics Technology Co., Ltd MJE170 Datasheet HTML 3Page - Jiangsu Changjiang Electronics Technology Co., Ltd MJE170 Datasheet HTML 4Page - Jiangsu Changjiang Electronics Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Parameter
Symbol
Test
conditions
Min
Typ
Max
Unit
Collector-base breakdown voltage
V(BR)CBO
IC=-1mA,IE=0
-60
V
Collector-emitter breakdown voltage
V(BR)CEO
IC=-10mA,IB=0
-40
V
Emitter-base breakdown voltage
V(BR)EBO
IE=-1mA,IC=0
-7
V
Collector cut-off current
ICBO
VCB=-60V,IE=0
-0.1
μA
Emitter cut-off current
IEBO
VEB=-7V,IC=0
-0.1
μA
hFE(1)
VCE=-1V, IC=-100mA
50
250
hFE(2)
VCE=-1V, IC=-500mA
30
DC current gain
hFE(3)
VCE=-1V, IC=-1.5A
12
IC=-500mA,IB=-50mA
-0.3
V
Collector-emitter saturation voltage
VCE(sat)
IC=-3A,IB=-600mA
-1.7
V
IC=-1.5A,IB=-150mA
-1.5
V
Base-emitter saturation voltage
VBE(sat)
IC=-3A,IB=-600mA
-2
V
Base-emitter voltage
VBE
VCE=-1V, IC=-500mA
-1.2
V
Collector output capacitance
Cob
VCB=-10V,IE=0, f=10MHz
50
pF
Transition frequency
fT
VCE=-10V,IC=-100mA, f=10MHz
50
MHz
(/(&75,&$/&+$5$&7(5,67,&6
a
T =25
unless otherwise specified
www.cj-elec.com
2
D,Aug,2017


Similar Part No. - MJE170

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
MJE170 MOSPEC-MJE170 Datasheet
228Kb / 4P
   POWER TRANSISTORS(3.0A,40-80V,12.5W)
logo
Nanjing International G...
MJE170 DGNJDZ-MJE170 Datasheet
1Mb / 4P
   TO-126 Plastic-Encapsulate Transistors
logo
Samsung semiconductor
MJE170 SAMSUNG-MJE170 Datasheet
135Kb / 4P
   PNP (LOW POWER AUDIO AMPLIFIER)
logo
Fairchild Semiconductor
MJE170 FAIRCHILD-MJE170 Datasheet
49Kb / 5P
   Low Power Audio Amplifier Low Current, High Speed Switching Applications
logo
ON Semiconductor
MJE170 ONSEMI-MJE170 Datasheet
83Kb / 6P
   Complementary Plastic Silicon Power Transistors 40 ??60 ??80 VOLTS 12.5 WATTS
January, 2006 ??Rev. 9
More results

Similar Description - MJE170

ManufacturerPart #DatasheetDescription
logo
Jiangsu Changjiang Elec...
2SB1167 JIANGSU-2SB1167 Datasheet
1Mb / 4P
   TO-126 Plastic-Encapsulate Transistors
2SC2314 JIANGSU-2SC2314 Datasheet
971Kb / 3P
   TO-126 Plastic-Encapsulate Transistors
BD138 JIANGSU-BD138 Datasheet
1Mb / 4P
   TO-126 Plastic-Encapsulate Transistors
BD233 JIANGSU-BD233 Datasheet
285Kb / 3P
   TO-126 Plastic-Encapsulate Transistors
BD433 JIANGSU-BD433 Datasheet
939Kb / 3P
   TO-126 Plastic-Encapsulate Transistors
2SD669AL JIANGSU-2SD669AL Datasheet
1Mb / 4P
   TO-126 Plastic-Encapsulate Transistors
3DA882 JIANGSU-3DA882 Datasheet
954Kb / 3P
   TO-126 Plastic-Encapsulate Transistors
logo
Nanjing International G...
MJE13003 DGNJDZ-MJE13003 Datasheet
171Kb / 1P
   TO-126 Plastic-Encapsulate Transistors
D882 DGNJDZ-D882 Datasheet
397Kb / 2P
   TO-126 Plastic-Encapsulate Transistors
BD439 DGNJDZ-BD439 Datasheet
2Mb / 5P
   TO-126 Plastic-Encapsulate Transistors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com