Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMST5551 Datasheet(PDF) 2 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

Part # MMST5551
Description  SOT-323 Plastic-Encapsulate Transistors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JIANGSU [Jiangsu Changjiang Electronics Technology Co., Ltd]
Direct Link  http://www.cj-elec.com/en/
Logo JIANGSU - Jiangsu Changjiang Electronics Technology Co., Ltd

MMST5551 Datasheet(HTML) 2 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

  MMST5551 Datasheet HTML 1Page - Jiangsu Changjiang Electronics Technology Co., Ltd MMST5551 Datasheet HTML 2Page - Jiangsu Changjiang Electronics Technology Co., Ltd MMST5551 Datasheet HTML 3Page - Jiangsu Changjiang Electronics Technology Co., Ltd MMST5551 Datasheet HTML 4Page - Jiangsu Changjiang Electronics Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
0.1
1
10
1
10
100
0.2
0.4
0.6
0.8
1.0
1
10
100
110
100
110
100
10
100
0
25
50
75
100
125
150
0
50
100
150
200
250
024
68
10
12
0
3
6
9
12
15
18
0.1
1
10
100
0.2
0.4
0.6
0.8
1.0
110
100
0.01
0.1
f=1MHz
I
E=0 / IC=0
T
a=25
REVERSE VOLTAGE V (V)
C
ob
C
ib
C
ob / Cib
——
V
CB / VEB
V
BE
—— I
C
BASE-EMITTER VOLTAGE
V
BE(V)
T
a=25
T
a=100
V
CE=10V
T
a=25
COLLECTOR CURRENT I
C
(mA)
I
C
f
T
——
COMMON EMITTER
V
CE=5V
COLLECTOR CURRENT I
C
(mA)
T
a=25
T
a=100
COMMON EMITTER
V
CE=5V
I
C
h
FE ——
AMBIENT TEMPERATURE T
a
( )
P
C
—— T
a
COMMON
EMITTER
T
a=25
40uA
50uA
70uA
90uA
80uA
60uA
30uA
I
B=20uA
COLLECTOR-EMITTER VOLTAGE V
CE
(V)
Static Characteristic
β=10
T
a=100
T
a=25
COLLECTOR CURRENT I
C
(mA)
I
C
V
BEsat ——
0.3
200
200
200
3
150
50
30
20
20
200
500
COLLECTOR CURRENT I
C
(mA)
β=10
T
a=25
T
a=100
V
CEsat ——
I
C
www.cj-elec.com
2
A,Jun,2014
www.cj-elec.com
C,Oct,2015
Typical Characteristics


Similar Part No. - MMST5551

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MMST5551 DIODES-MMST5551 Datasheet
41Kb / 2P
   NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30173 Rev. B-1
logo
Galaxy Semi-Conductor H...
MMST5551 BILIN-MMST5551 Datasheet
173Kb / 4P
   NPN General Purpose Transistor
logo
Diodes Incorporated
MMST5551 DIODES-MMST5551 Datasheet
208Kb / 4P
   NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30173 Rev. 7 - 2
logo
Micro Commercial Compon...
MMST5551 MCC-MMST5551 Datasheet
235Kb / 2P
   NPN Small Signal Transistors
logo
TRANSYS Electronics Lim...
MMST5551 TEL-MMST5551 Datasheet
103Kb / 1P
   Plastic-Encapsulated Transistors
More results

Similar Description - MMST5551

ManufacturerPart #DatasheetDescription
logo
Jiangsu Changjiang Elec...
2SC3930 JIANGSU-2SC3930 Datasheet
541Kb / 3P
   SOT-323 Plastic-Encapsulate Transistors
2SC4098 JIANGSU-2SC4098 Datasheet
695Kb / 3P
   SOT-323 Plastic-Encapsulate Transistors
2SC4102 JIANGSU-2SC4102 Datasheet
1Mb / 4P
   SOT-323 Plastic-Encapsulate Transistors
2SC4116 JIANGSU-2SC4116 Datasheet
873Kb / 4P
   SOT-323 Plastic-Encapsulate Transistors
KTA2015 JIANGSU-KTA2015 Datasheet
733Kb / 3P
   SOT-323 Plastic-Encapsulate Transistors
MMST4403 JIANGSU-MMST4403 Datasheet
844Kb / 4P
   SOT-323 Plastic-Encapsulate Transistors
2PD601AW JIANGSU-2PD601AW Datasheet
1Mb / 3P
   SOT-323 Plastic-Encapsulate Transistors
2SA1586 JIANGSU-2SA1586 Datasheet
852Kb / 4P
   SOT-323 Plastic-Encapsulate Transistors
2SA1579 JIANGSU-2SA1579 Datasheet
846Kb / 4P
   SOT-323 Plastic-Encapsulate Transistors
MMSTA92 JIANGSU-MMSTA92 Datasheet
923Kb / 4P
   SOT-323 Plastic-Encapsulate Transistors
2SA1577 JIANGSU-2SA1577 Datasheet
794Kb / 4P
   SOT-323 Plastic-Encapsulate Transistors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com