Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PS393 Datasheet(PDF) 3 Page - Pericom Semiconductor Corporation

Part # PS393
Description  Precision, Quad, SPST, Analog Switches
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PS393 Datasheet(HTML) 3 Page - Pericom Semiconductor Corporation

  PS393 Datasheet HTML 1Page - Pericom Semiconductor Corporation PS393 Datasheet HTML 2Page - Pericom Semiconductor Corporation PS393 Datasheet HTML 3Page - Pericom Semiconductor Corporation PS393 Datasheet HTML 4Page - Pericom Semiconductor Corporation PS393 Datasheet HTML 5Page - Pericom Semiconductor Corporation PS393 Datasheet HTML 6Page - Pericom Semiconductor Corporation PS393 Datasheet HTML 7Page - Pericom Semiconductor Corporation PS393 Datasheet HTML 8Page - Pericom Semiconductor Corporation PS393 Datasheet HTML 9Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
PS8168E
09/16/02
PS391/PS392/PS393
Precision, Quad, SPST Analog Switches
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
Electrical Specifications - Single +12V Supply (continued)
(V+=12V±10%,GND=0V,VINH =4V,VINL=0.8V)
Notes:
1. The algebraic convention, where the most negative value is a minimum and the most positive is a maximum, is used in
this data sheet.
2. Typical values are for DESIGN AID ONLY, not guaranteed or subject to production testing.
3. Guaranteed by design
4.
∆RON=∆RONmax-∆RONmin
5. Flatness is defined as the difference between the maximum and minimum value of on-resistance measured.
6. Leakage parameters are 100% tested at maximum rated hot temperature and guaranteed by correlation at +25ºC.
7. Off Isolation = 20log10 [ VCOM / (VNO or VNO) ], VCOM = 0utput, VNC /VNO = input to off switch
8. Between any two switches.
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
i
t
i
d
n
o
C)
C
°
(
p
m
e
Tn
i
M
)
1
(
p
y
T
)
2
(
x
a
M
)
1
(
s
t
i
n
U
t
u
p
n
I
c
i
g
o
L
t
u
p
n
I
h
ti
w
t
n
e
r
r
u
C
t
u
p
n
I
h
g
i
H
e
g
a
tl
o
V
I H
N
I
IN
V
8
.
0
=
s
r
e
h
t
o
ll
a
,
V
5
=
ll
u
F
5
.
0
–5
0
0
.
05
.
0
µA
t
u
p
n
I
h
ti
w
t
n
e
r
r
u
C
t
u
p
n
I
w
o
L
e
g
a
tl
o
V
I L
N
I
IN
V
5
=
s
r
e
h
t
o
ll
a
,
V
8
.
0
=– 5
.
05
0
0
.
05
.
0
c
i
m
a
n
y
D
e
m
i
T
n
O
-
n
r
u
Tt N
O
V
M
O
C
2
e
r
u
g
i
F
,
V
0
1
=
5
21
50
3
1
s
n
ll
u
F5
7
1
e
m
i
T
f
f
O
-
n
r
u
Tt F
F
O
5
27
15
7
ll
u
F0
0
1
h
t
d
i
w
d
n
a
B
l
e
n
n
a
h
C
-
n
OW
B
m
b
d
0
=
l
a
n
g
i
S
m
h
o
0
5
,
4
e
r
u
g
i
Ft
u
o
d
n
a
n
i
5
2
0
0
1z
H
M
n
o
it
c
e
j
n
I
e
g
r
a
h
C
)
3
(
Q
CL
,
F
n
1
=V N
E
G
R
,
V
0
=
N
E
G
0
=
Ω,
3
e
r
u
g
i
F
30
1C
p
n
o
it
a
l
o
s
I
f
f
OO R
R
I
RL
0
5
=m
h
oC
, L
4
e
r
u
g
i
F
,
z
H
M
1
=
f
,
F
p
5
=– 8
5
B
d
k
l
a
t
s
s
o
r
C
)
8
(
X
K
L
A
T
RL
0
5
=m
h
oC
, L
5
e
r
u
g
i
F
,
z
H
M
1
=
f
,
F
p
5
=– 6
8
e
c
n
a
ti
c
a
p
a
C
O
NC
)
F
F
O
(
6
e
r
u
g
i
F
,
z
H
M
1
=
f2
1
F
p
e
c
n
a
ti
c
a
p
a
C
f
f
O
M
O
C
C
-
F
O
(
M
O
C
)
F
6
e
r
u
g
i
F
,
z
H
M
1
=
f2
1
e
c
n
a
ti
c
a
p
a
C
n
O
M
O
CC
)
N
O
(
M
O
C
7
e
r
u
g
i
F
,
z
H
M
1
=
f5
2
t
n
e
r
r
u
C
y
l
p
p
u
S
e
v
it
i
s
o
P+
IV N
I
f
f
o
r
o
n
o
s
l
e
n
n
a
h
c
ll
a
,
+
V
r
o
V
0
=
ll
u
F
–1
1
0
0
.
01
A
µ
n
o
it
r
o
t
s
i
D
c
i
n
o
m
r
a
H
l
a
t
o
TD
H
T
3
0
.
0%


Similar Part No. - PS393

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PS393 PERICOM-PS393 Datasheet
271Kb / 12P
   Precision, Quad, SPST, Analog Switches
PS393 PERICOM-PS393 Datasheet
271Kb / 12P
   Precision, Quad, SPST, Analog Switches
More results

Similar Description - PS393

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX364 MAXIM-MAX364_04 Datasheet
357Kb / 13P
   Precision, Quad, SPST Analog Switches
Rev 2; 6/04
logo
Pericom Semiconductor C...
PS391ESE PERICOM-PS391ESE Datasheet
271Kb / 12P
   Precision, Quad, SPST, Analog Switches
logo
Maxim Integrated Produc...
MAX361 MAXIM-MAX361 Datasheet
99Kb / 8P
   Precision, Quad, SPST Analog Switches
Rev 0; 9/93
MAX351 MAXIM-MAX351_V01 Datasheet
457Kb / 13P
   Precision, Quad, SPST Analog Switches
19-0212; Rev 2; 9/01
MAX364 MAXIM-MAX364_01 Datasheet
334Kb / 12P
   Precision, Quad, SPST Analog Switches
Rev 1; 9/01
logo
Pericom Semiconductor C...
PS391ESEE PERICOM-PS391ESEE Datasheet
271Kb / 12P
   Precision, Quad, SPST, Analog Switches
logo
Maxim Integrated Produc...
MAX361 MAXIM-MAX361_V01 Datasheet
185Kb / 10P
   Precision, Quad, SPST Analog Switches
19-0180; Rev 2; 6/04
MAX351 MAXIM-MAX351 Datasheet
101Kb / 12P
   Precision, Quad, SPST Analog Switches
Rev 1; 4/94
MAX364 MAXIM-MAX364 Datasheet
89Kb / 12P
   Precision, Quad, SPST Analog Switches
Rev 0; 9/93
MAX391 MAXIM-MAX391 Datasheet
739Kb / 12P
   Precision, Quad, SPST Analog Switches
Rev 1; 6/99
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com