Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RGF1 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # RGF1
Description  Surface Mount Glass Passivated Junction Fast Switching Rectifier
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

RGF1 Datasheet(HTML) 2 Page - Vishay Siliconix

  RGF1 Datasheet HTML 1Page - Vishay Siliconix RGF1 Datasheet HTML 2Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RGF1A thru RGF1M
Vishay Semiconductors
formerly General Semiconductor
www.vishay.com
Document Number 88697
2
08-Feb-02
Ratings and
Characteristic Curves (TA = 25°C unless otherwise noted)
Lead Temperature (
°C)
Fig. 1 – Forward Current
Derating Curve
Fig. 3 – Typical Instantaneous
Forward Characteristics
Instantaneous Forward Voltage (V)
Percent of Rated Peak Reverse Voltage (%)
Fig. 4 – Typical Reverse
Characteristics
Fig. 6 – Typical Transient
Thermal Impedance
Number of Cycles at 60 HZ
t, Pulse Duration (sec.)
Fig. 2 – Maximum Non-Repetitive
Peak Forward Surge Current
Reverse Voltage (V)
Fig. 5 – Typical Junction
Capacitance
0.5
100
110
120
130
140
150
160
175
0
1
60 HZ
Resistive or
Inductive Load
P.C.B. Mounted on
0.2 x 0.2" (5.0 x 5.0mm)
Copper Pad Areas
1
10
100
0
5
10
15
20
25
30
TJ = TJ max.
8.3ms Single Half Sine-Wave
(JEDEC Method)
0.4
0.6
0.8
1.0
1.2
1.4
1.6
0.01
0.1
1
10
TJ = 25°C
Pulse Width = 300
µs
1% Duty Cycle
0
20
40
60
80
100
0.01
0.1
1
10
1
10
100
1
10
100
TJ = 25°C
f = 1.0MHZ
Vsig = 50mVp-p
0.01
0.1
1
10
100
0.1
1
10
100
Mounted on
0.2 x 0.2" (5. x 7mm)
Copper Pad Areas
TJ = 25
°C
TJ = 100
°C
TJ = 125
°C


Similar Part No. - RGF1

ManufacturerPart #DatasheetDescription
logo
Zowie Technology Corpor...
RGF10A ZOWIE-RGF10A Datasheet
63Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED JUNCTION FAST RECOVERY RECTIFIER
RGF10AH ZOWIE-RGF10AH Datasheet
104Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED JUNCTION FAST RECOVERY RECTIFIER
RGF10B ZOWIE-RGF10B Datasheet
63Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED JUNCTION FAST RECOVERY RECTIFIER
RGF10BH ZOWIE-RGF10BH Datasheet
104Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED JUNCTION FAST RECOVERY RECTIFIER
RGF10D ZOWIE-RGF10D Datasheet
63Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED JUNCTION FAST RECOVERY RECTIFIER
More results

Similar Description - RGF1

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BYM11-50 VISHAY-BYM11-50_11 Datasheet
86Kb / 5P
   Surface Mount Glass Passivated Junction Fast Switching Rectifier
Revision: 15-Mar-11
RGF1D-E3 VISHAY-RGF1D-E3 Datasheet
77Kb / 4P
   Surface Mount Glass Passivated Junction Fast Switching Rectifier
Revision: 11-Dec-13
RGL41X VISHAY-RGL41X Datasheet
84Kb / 4P
   Surface Mount Glass Passivated Junction Fast Switching Rectifier
Revision: 11-Dec-13
RGL34J-E3 VISHAY-RGL34J-E3 Datasheet
97Kb / 4P
   Surface Mount Glass Passivated Junction Fast Switching Rectifier
30-Jun-06
RGL34K-E3-98 VISHAY-RGL34K-E3-98 Datasheet
78Kb / 4P
   Surface Mount Glass Passivated Junction Fast Switching Rectifier
Revision: 11-Dec-13
logo
GOOD-ARK Electronics
GRN3 GOOD-ARK-GRN3 Datasheet
170Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED JUNCTION FAST SWITCHING RECTIFIER
logo
Vishay Siliconix
BYM11-50 VISHAY-BYM11-50 Datasheet
97Kb / 4P
   Surface Mount Glass Passivated Junction Fast Switching Rectifier
26-Jun-06
RGF1A VISHAY-RGF1A_11 Datasheet
82Kb / 4P
   Surface Mount Glass Passivated Junction Fast Switching Rectifier
Revision: 15-Mar-11
RGF1A VISHAY-RGF1A_V01 Datasheet
89Kb / 4P
   Surface-Mount Glass Passivated Junction Fast Switching Rectifier
01-Jan-2022
BYM11-50 VISHAY-BYM11-50_08 Datasheet
111Kb / 5P
   Surface Mount Glass Passivated Junction Fast Switching Rectifier
Revision: 11-Apr-08
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com