Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DRC3P48D400R2 Datasheet(PDF) 3 Page - Crydom Inc.,

Part # DRC3P48D400R2
Description  DRC Series
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CRYDOM [Crydom Inc.,]
Direct Link  http://www.crydom.com/en/index.shtml
Logo CRYDOM - Crydom Inc.,

DRC3P48D400R2 Datasheet(HTML) 3 Page - Crydom Inc.,

  DRC3P48D400R2 Datasheet HTML 1Page - Crydom Inc., DRC3P48D400R2 Datasheet HTML 2Page - Crydom Inc., DRC3P48D400R2 Datasheet HTML 3Page - Crydom Inc., DRC3P48D400R2 Datasheet HTML 4Page - Crydom Inc., DRC3P48D400R2 Datasheet HTML 5Page - Crydom Inc., DRC3P48D400R2 Datasheet HTML 6Page - Crydom Inc., DRC3P48D400R2 Datasheet HTML 7Page - Crydom Inc., DRC3P48D400R2 Datasheet HTML 8Page - Crydom Inc., DRC3P48D400R2 Datasheet HTML 9Page - Crydom Inc., Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
MECHANICAL SPECIFICATIONS (1)
Tolerances: ±0.02 in / 0.5 mm
All dimensions are in: inches [millimeters]
(17)
6
5
4
3
2
1
10
0
20
30
40
50
60
70
80
0
Ambient Temperature (ºC)
THERMAL DERATE INFORMATION
DRC3P (3 controlled legs)
Single unit
Multiple units
(17)
Ambient Temperature (ºC)
DRC3P (2 controlled legs) & DRC3R
Single unit
Multiple units
8
7
6
5
4
3
2
1
0
20
10
30
40
50
60
70
80
0
Top/Bottom view (Fig. 1)
Fig. 1
TERMINAL SCREW TYPE
INPUT
STATUS
XXXX
IND. CONT. EQ.
DRC3
1.23
[31.3]
2.29
[58.3]
2.58
[65.5]
1.68
[42.7]
3.41
[86.7]
1.78
[45.3]
3.76
[95.6]
3.51
[89]
2.91
[73.9]
0.23
[5.8]
A1
A2
A3
23
13
24
14
(16)
Do not forget to visit us at: www.crydom.com
Copyright © 2017 Crydom Inc. Specifications subject to change without notice.
Datasheet
DIN Rail Mount


Similar Part No. - DRC3P48D400R2

ManufacturerPart #DatasheetDescription
logo
Crydom Inc.,
DRC3P48D400R2 CRYDOM-DRC3P48D400R2 Datasheet
1Mb / 12P
   DIN Rail Mount
DRC3P48D400R2 CRYDOM-DRC3P48D400R2 Datasheet
536Kb / 2P
   DIN Rail Mount
DRC3P48D400R2 CRYDOM-DRC3P48D400R2_17 Datasheet
536Kb / 2P
   DIN Rail Mount
More results

Similar Description - DRC3P48D400R2

ManufacturerPart #DatasheetDescription
logo
Crydom Inc.,
DRC3R48D420 CRYDOM-DRC3R48D420 Datasheet
1Mb / 12P
   DRC Series
DRC3P48B400R2 CRYDOM-DRC3P48B400R2 Datasheet
1Mb / 12P
   DRC Series
logo
TE Connectivity Ltd
DRC26-40SX TEC-DRC26-40SX Datasheet
237Kb / 1P
   PLUG 40 CONTACTS, SIZE 20 DRC SERIES
31MAR2005
DRC16-40S-P013 TEC-DRC16-40S-P013 Datasheet
89Kb / 1P
   PLUG 40 SIZE 16 -P013 MOD DRC SERIES
2-21-06
C-DRC16-70SAX TEC-C-DRC16-70SAX Datasheet
485Kb / 1P
   PLUG CONNECTOR DRC 70 SERIES KEY ARRANGEMENT -A-
logo
ERNI Electronics
DC0007423 ERNI-DC0007423 Datasheet
89Kb / 1P
   0.8 DRC-Q, F 32 polig 0.8 DRC-Q, F 32 pin
DC0007469 ERNI-DC0007469 Datasheet
74Kb / 1P
   0.8 DRC-Q, F 12 polig 0.8 DRC-Q, F 12 pin
DC0007429 ERNI-DC0007429 Datasheet
98Kb / 1P
   0.8 DRC-Q, F 68 polig 0.8 DRC-Q, F 68 pin
DC0007481 ERNI-DC0007481 Datasheet
86Kb / 1P
   0.8 DRC-Q, F 26 polig 0.8 DRC-Q, F 26 pin
DC0007425 ERNI-DC0007425 Datasheet
93Kb / 1P
   0.8 DRC-Q, F 40 polig 0.8 DRC-Q, F 40 pin
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com