Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL240A10-05 Datasheet(PDF) 2 Page - Crydom Inc.,

Part # EL240A10-05
Description  EL Series
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CRYDOM [Crydom Inc.,]
Direct Link  http://www.crydom.com/en/index.shtml
Logo CRYDOM - Crydom Inc.,

EL240A10-05 Datasheet(HTML) 2 Page - Crydom Inc.,

  EL240A10-05 Datasheet HTML 1Page - Crydom Inc., EL240A10-05 Datasheet HTML 2Page - Crydom Inc., EL240A10-05 Datasheet HTML 3Page - Crydom Inc., EL240A10-05 Datasheet HTML 4Page - Crydom Inc., EL240A10-05 Datasheet HTML 5Page - Crydom Inc., EL240A10-05 Datasheet HTML 6Page - Crydom Inc., EL240A10-05 Datasheet HTML 7Page - Crydom Inc.,  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
GENERAL SPECIFICATIONS (2)
Parameters
Description
Dielectric Strength, Input to Output (50/60Hz)
3750 Vrms
Dielectric Strength, Output to Baseplate (50/60Hz)
2500 Vrms
Maximum Capacitance, Input/Output
8 pF
Ambient Operating Temperature Range
-30 to 80°C
Ambient Storage Temperature Range
-30 to 125 °C
Weight (typical)
0.5 oz (14.4 g)
Terminals
3/16”x 0.032” input, 1/4”x 0.032” output QC
Datasheet
Panel Mount
Do not forget to visit us at: www.crydom.com
Copyright © 2017 Crydom Inc. Specifications subject to change without notice.
SSR Mounting Screw Torque Range
9.0-10.0 in-lb (1.0-1.13 Nm)
LED Input Status Indicator
Green
Humidity per IEC60068-2-78
93% non-condensing
EQUIVALENT CIRCUIT BLOCK
THERMAL DERATE INFORMATION
-DC 4
+DC 3
Trigger
Circuit
1
2
AC
AC
LOAD
LOAD
A
B
LOAD CAN BE WIRED IN POSITION A or B
(6)
5
4
3
2
1
20
30
40
50
60
70
80
0
Ambient Temperature (ºC)
EL240A5x-xxx
8.0ºC/W
4.0ºC/W
EL240A10x-xxx
10
8
6
4
2
20
30
40
50
60
70
80
0
Ambient Temperature (ºC)
0
1.5ºC/W
2.0ºC/W
3.0ºC/W
EL240A30x-xxx
30
24
18
12
6
20
30
40
50
60
70
80
0
Ambient Temperature (ºC)
0
EL240A20x-xxx
20
16
12
8
4
20
30
40
50
60
70
80
0
Ambient Temperature (ºC)
1.5ºC/W
0
2.0ºC/W
3.0ºC/W


Similar Part No. - EL240A10-05

ManufacturerPart #DatasheetDescription
logo
Crydom Inc.,
EL240A10-05 CRYDOM-EL240A10-05 Datasheet
668Kb / 5P
   Ratings of 5A, 10A and 20A @ 24-280 VAC
EL240A10-05 CRYDOM-EL240A10-05 Datasheet
843Kb / 7P
   EL Series
EL240A10-05 CRYDOM-EL240A10-05 Datasheet
843Kb / 7P
   EL Series
More results

Similar Description - EL240A10-05

ManufacturerPart #DatasheetDescription
logo
Crydom Inc.,
EL240A10R-05 CRYDOM-EL240A10R-05 Datasheet
843Kb / 7P
   EL Series
logo
Sharma Electro Componen...
EL SHARMA-EL Datasheet
339Kb / 1P
   EL series
logo
Crydom Inc.,
EL240A10R-24 CRYDOM-EL240A10R-24 Datasheet
843Kb / 7P
   EL Series
EL240A30R-24 CRYDOM-EL240A30R-24 Datasheet
843Kb / 7P
   EL Series
logo
Vishay Siliconix
SIHP30N60AEL VISHAY-SIHP30N60AEL Datasheet
118Kb / 7P
   EL Series Power MOSFET
08-Feb-17
SIHA30N60AEL VISHAY-SIHA30N60AEL Datasheet
119Kb / 7P
   EL Series Power MOSFET
08-Feb-17
SIHA22N60EL VISHAY-SIHA22N60EL Datasheet
169Kb / 8P
   EL Series Power MOSFET
01-Jan-2022
SIHG22N60EL VISHAY-SIHG22N60EL Datasheet
208Kb / 10P
   EL Series Power MOSFETs
01-Jan-2022
SIHG73N60AEL VISHAY-SIHG73N60AEL Datasheet
119Kb / 7P
   EL Series Power MOSFET
08-Feb-17
SIHP22N60EL VISHAY-SIHP22N60EL Datasheet
145Kb / 7P
   EL Series Power MOSFET
08-Feb-17
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com