Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GN325DSZ Datasheet(PDF) 3 Page - Crydom Inc.,

Part # GN325DSZ
Description  GN3 Series
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CRYDOM [Crydom Inc.,]
Direct Link  http://www.crydom.com/en/index.shtml
Logo CRYDOM - Crydom Inc.,

GN325DSZ Datasheet(HTML) 3 Page - Crydom Inc.,

  GN325DSZ Datasheet HTML 1Page - Crydom Inc., GN325DSZ Datasheet HTML 2Page - Crydom Inc., GN325DSZ Datasheet HTML 3Page - Crydom Inc., GN325DSZ Datasheet HTML 4Page - Crydom Inc., GN325DSZ Datasheet HTML 5Page - Crydom Inc., GN325DSZ Datasheet HTML 6Page - Crydom Inc.,  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
EQUIVALENT CIRCUIT BLOCK DIAGRAM
THERMAL DERATE INFORMATION
* Snubber not included in all models
Datasheet
Panel Mount
Do not forget to visit us at: www.crydom.com
Copyright © 2017 Crydom Inc. Specifications subject to change without notice.
LOAD
LOAD
LOAD
LOAD
LOAD
LOAD
Load can be wired in either position
Heat Sink part numbers corresponding to °C/W ratings above: 1.0 °C/W = HS103, 0.5 °C/W = HS053. All others consult factory
Load can be wired in either position
Load can be wired in either position
AC
AC
AC
AC
AC
AC
T1
L1
L2
T3
L3
T2
A2
A1
-
+
25
20
15
10
5
10
0
20
30
40
50
60
70
80
0
Ambient Temperature (ºC)
GN325xxx
0.5 ºC/W
0.7 ºC/W
1.0 ºC/W
50
40
30
20
10
10
0
20
30
40
50
60
70
80
0
Ambient Temperature (ºC)
GN350xxx
0.25 ºC/W
0.5 ºC/W
0.7 ºC/W
1.0 ºC/W


Similar Part No. - GN325DSZ

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
GN3268 SEMTECH-GN3268 Datasheet
123Kb / 2P
   11.3Gb/s low power ROSA for 40km Applications
GN3268-3EB7AM6E3 SEMTECH-GN3268-3EB7AM6E3 Datasheet
123Kb / 2P
   11.3Gb/s low power ROSA for 40km Applications
GN3268-3EB7AM7E3 SEMTECH-GN3268-3EB7AM7E3 Datasheet
123Kb / 2P
   11.3Gb/s low power ROSA for 40km Applications
GN3268-3EB7AM8E3 SEMTECH-GN3268-3EB7AM8E3 Datasheet
123Kb / 2P
   11.3Gb/s low power ROSA for 40km Applications
GN3268-3EB7AP6E3 SEMTECH-GN3268-3EB7AP6E3 Datasheet
123Kb / 2P
   11.3Gb/s low power ROSA for 40km Applications
More results

Similar Description - GN325DSZ

ManufacturerPart #DatasheetDescription
logo
Riedon Powertron
101-500RB RIEDON-101-500RB Datasheet
318Kb / 2P
   100 Series / SM Series / PC Series
logo
Fairchild Semiconductor
FOD617CSD FAIRCHILD-FOD617CSD Datasheet
723Kb / 12P
   FOD814 Series, FOD817 Series FOD814 Series, FOD817 Series Phototransistor Optocouplers
logo
Littelfuse
SPFR LITTELFUSE-SPFR Datasheet
547Kb / 1P
   SPFR Series and SPFRHV Series
Rev: 071013
logo
Hamamatsu Corporation
C10507-11_ETC_KACC1142E07 HAMAMATSU-C10507-11_ETC_KACC1142E07 Datasheet
898Kb / 9P
   C10507-11 series C10751 series
logo
Texas Instruments
BQ40Z50 TI1-BQ40Z50 Datasheet
943Kb / 30P
[Old version datasheet]   1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
logo
List of Unclassifed Man...
F-CBS-F2 ETC2-F-CBS-F2 Datasheet
45Kb / 1P
   Heat sink is prepared in TUNS100 series, CBS series, DHS200 series and DHS250 series.
logo
Texas Instruments
BQ40Z50-R2 TI1-BQ40Z50-R2 Datasheet
1Mb / 51P
[Old version datasheet]   1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
BQ29330DBTRG4 TI-BQ29330DBTRG4 Datasheet
1Mb / 29P
[Old version datasheet]   2-SERIES, 3-SERIES, AND 4-SERIES CELL LITHIUM-ION
logo
Extech Instruments Corp...
MA435T EXTECH-MA435T Datasheet
364Kb / 1P
   MA430 Series 400A MA430 Series 400A
logo
RF Micro Devices
AN0013 RFMD-AN0013 Datasheet
40Kb / 4P
   NBB Series and NDA Series Reliability
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com