Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SF064VT1-VGA Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # SF064VT1-VGA
Description  APPLY TO MULTIPLE LCD MODULE: V16C6448AC/AE/AF
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SF064VT1-VGA Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  SF064VT1-VGA Datasheet HTML 1Page - List of Unclassifed Manufacturers SF064VT1-VGA Datasheet HTML 2Page - List of Unclassifed Manufacturers SF064VT1-VGA Datasheet HTML 3Page - List of Unclassifed Manufacturers SF064VT1-VGA Datasheet HTML 4Page - List of Unclassifed Manufacturers SF064VT1-VGA Datasheet HTML 5Page - List of Unclassifed Manufacturers SF064VT1-VGA Datasheet HTML 6Page - List of Unclassifed Manufacturers SF064VT1-VGA Datasheet HTML 7Page - List of Unclassifed Manufacturers SF064VT1-VGA Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
SUNFUL
Sunful Digital Technology Limited
- ˝ -
GENERAL DESCRIPTION
APPLY TO MULTIPLE LCD MODULE: V16C6448AC/AE/AF.
VGA AND SVGA INPUT SYSTEM
f H : 48.1 Khz f H :37.9Khz f H :35.1Khz f H :31.5Khz
f V : 75Hz f V : 72Hz f V : 60 Hz f V : 56 Hz
DOT CLK:50Mhz DOT CLK:40Mhz DOT CLK:36Mhz DOT CLK:25.175Mhz
POWER SOURCE DC 12V
POWER CONSUMPTION 800 mA , 12W Max.
OPERATING TEMPERATURE 0 : ~ 60 :
STORAGE TEMPERATURE -20 : ~ 80 :
WEIGHT 280 †3g
FEATURES
VGA OR SVGA INPUTS
6-BIT RGB OUTPUT
CONVENIENTLY ADJUST IMAGE BY OPERATING KEYBOARD
SUPPER INTERGRATED PLL TECHNOLOGY
LOW POWER COMSUMPTION
APPLICATION PRECAUITION
SECURITY
PC MONITOR
INDUSTRY CONTROL MONITOR
POS


Similar Part No. - SF064VT1-VGA

ManufacturerPart #DatasheetDescription
logo
Spectrum Microwave, Inc...
SF0640BA03206S SPECTRUM-SF0640BA03206S Datasheet
1Mb / 3P
   640 MHz SAW Filter, 100 kHz Bandwidth
logo
API Technologies Corp
SF0640BA03206S APITECH-SF0640BA03206S Datasheet
1Mb / 3P
   640 MHz SAW Filter, 100 kHz Bandwidth
More results

Similar Description - SF064VT1-VGA

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SFD035VX2-VGA ETC1-SFD035VX2-VGA Datasheet
357Kb / 9P
   APPLY TO MULTIPLE LCD MODULE
V16C6448AC ETC-V16C6448AC Datasheet
473Kb / 22P
   V16C6448AC
logo
Bothhand USA, LP.
FB2022M BOTHHAND-FB2022M Datasheet
255Kb / 1P
   TRANSMIT / RECEIVER FILTER APPLY TO GENERIC IC
FB2023D BOTHHAND-FB2023D Datasheet
256Kb / 1P
   TRANSMIT / RECEIVER FILTER APPLY TO GENERIC IC
logo
International Rectifier
IRFAG30 IRF-IRFAG30 Datasheet
146Kb / 7P
   HEXFET TRANSISTORS THRU-HOLE (TO-204AA/AE)
logo
Bothhand USA, LP.
FS2022B BOTHHAND-FS2022B_1 Datasheet
170Kb / 1P
   TRANSMIT / RECEIVER FILTER APPLY TO GENERIC IC
logo
International Rectifier
IRFAF30 IRF-IRFAF30 Datasheet
156Kb / 7P
   HEXFET TRANSISTORS THRU-HOLE (TO-204AA/AE)
logo
BEYONDINFINITE
HTA050XSL-ED BEYONDINFINITE-HTA050XSL-ED Datasheet
2Mb / 8P
   SFA050XSL-ED driver board apply to drive PVI?셲 PA050XSH series Color TFT LCD Panel
logo
International Rectifier
IRFAE50 IRF-IRFAE50 Datasheet
151Kb / 7P
   HEXFET TRANSISTORS THRU-HOLE (TO-204AA/AE)
logo
Advanced Micro Devices
AM4701 AMD-AM4701 Datasheet
969Kb / 18P
   Dual 512 x 8 Bidirectional Parity Generator/Checker, Bypass Mode, Programmable AE/AF Flags
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com