Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BT013 Datasheet(PDF) 8 Page - BeRex Corporation

Part # BT013
Description  1500-4000 MHz Medium Power Amplifier
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEREX [BeRex Corporation]
Direct Link  http://www.berex.com
Logo BEREX - BeRex Corporation

BT013 Datasheet(HTML) 8 Page - BeRex Corporation

Back Button BT013 Datasheet HTML 4Page - BeRex Corporation BT013 Datasheet HTML 5Page - BeRex Corporation BT013 Datasheet HTML 6Page - BeRex Corporation BT013 Datasheet HTML 7Page - BeRex Corporation BT013 Datasheet HTML 8Page - BeRex Corporation BT013 Datasheet HTML 9Page - BeRex Corporation BT013 Datasheet HTML 10Page - BeRex Corporation BT013 Datasheet HTML 11Page - BeRex Corporation BT013 Datasheet HTML 12Page - BeRex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
8
Application Circuit: 2140MHz
1500-4000 MHz Medium Power Amplifier
BT013
Schematic Diagram
BOM
Tolerance
C1
100pF
±5%
C2
1000pF
±5%
C3
10uF
±20%
C4
24pF
±5%
C5
24pF
±5%
C6
3pF
±5%
C7
0.5pF
±5%
L1
33nH
±5%
BT013
3 pF
33 nH
0.5 pF
24 pF
24 pF
100 pF
1000 pF
10 uF
Note:
1. PCB: 31mil thick FR4
2. Distance between the center of the shunt cap
(C6) and the input pin of BT013 _ 1.5mm.
3. Distance between the center of the shunt cap
(C7) and the output pin of BT013 _ 6.4mm.
BeRex
●website: www.berex.com
● email: sales@berex.com
Specifications and information are subject to change and products may be discontinued without notice. BeRex is a trademark of BeRex.
All other trademarks are the property of their respective owners. © 2010 BeRex
Rev. E
C4
L1
RFin
RFout
+5V
C5
BT013
C3
C1
C2
C6
C7


Similar Part No. - BT013

ManufacturerPart #DatasheetDescription
logo
BeRex Corporation
BT013 BEREX-BT013 Datasheet
1Mb / 15P
   1500-4000 MHz Medium Power Amplifier
BT013 BEREX-BT013 Datasheet
883Kb / 15P
   1500-4000 MHz Medium Power Amplifier
BT013 BEREX-BT013 Datasheet
1Mb / 15P
   1500-4000 MHz Medium Power Amplifier
BT013 BEREX-BT013_1 Datasheet
1Mb / 15P
   1500-4000 MHz Medium Power Amplifier
BT013 BEREX-BT013_18 Datasheet
1Mb / 15P
   1500-4000 MHz Medium Power Amplifier
More results

Similar Description - BT013

ManufacturerPart #DatasheetDescription
logo
BeRex Corporation
BT013 BEREX-BT013_1 Datasheet
1Mb / 15P
   1500-4000 MHz Medium Power Amplifier
BT013 BEREX-BT013_18 Datasheet
1Mb / 15P
   1500-4000 MHz Medium Power Amplifier
BCT013 BEREX-BCT013 Datasheet
811Kb / 13P
   1500-4000 MHz Medium Power Amplifier
BT013 BEREX-BT013 Datasheet
883Kb / 15P
   1500-4000 MHz Medium Power Amplifier
BT05VG BEREX-BT05VG_1 Datasheet
1Mb / 14P
   1500-4000 MHz Wideband Drive Amplifier
BT05VG BEREX-BT05VG_18 Datasheet
1Mb / 14P
   1500-4000 MHz Wideband Drive Amplifier
BT05VG2 BEREX-BT05VG2_1 Datasheet
1Mb / 14P
   1500-4000 MHz Wideband Drive Amplifier
BT05VG BEREX-BT05VG Datasheet
562Kb / 11P
   1500-4000 MHz Wideband Drive Amplifier
BT05VG2 BEREX-BT05VG2_16 Datasheet
2Mb / 14P
   1500-4000 MHz Wideband Drive Amplifier
BT05VG2 BEREX-BT05VG2_18 Datasheet
1Mb / 14P
   1500-4000 MHz Wideband Drive Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com