Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSAL4400 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # TSAL4400
Description  High Power Infrared Emitting Diode, 940 nm, GaAlAs, MQW
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TSAL4400 Datasheet(HTML) 2 Page - Vishay Siliconix

  TSAL4400 Datasheet HTML 1Page - Vishay Siliconix TSAL4400 Datasheet HTML 2Page - Vishay Siliconix TSAL4400 Datasheet HTML 3Page - Vishay Siliconix TSAL4400 Datasheet HTML 4Page - Vishay Siliconix TSAL4400 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
TSAL4400
www.vishay.com
Vishay Semiconductors
Rev. 1.9, 03-Nov-16
2
Document Number: 81006
For technical questions, contact: emittertechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fig. 1 - Power Dissipation Limit vs. Ambient Temperature
Fig. 2 - Forward Current Limit vs. Ambient Temperature
BASIC CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
Fig. 3 - Pulse Forward Current vs. Pulse Duration
Fig. 4 - Forward Current vs. Forward Voltage
0
20
40
60
80
100
120
140
160
180
0
1020
3040506070
8090100
21317
Tamb - Ambient Temperature (°C)
R
thJA = 300 K/W
0
20
40
60
80
100
120
0
10
203040
50607080
90 100
Tamb - Ambient Temperature (°C)
21318
R
thJA = 300 K/W
BASIC CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITION
SYMBOL
MIN.
TYP.
MAX.
UNIT
Forward voltage
IF = 100 mA, tp = 20 ms
VF
-
1.35
1.6
V
IF = 1 A, tp = 100 μs
VF
-2.6
3
V
Temperature coefficient of VF
IF = 1 mA
TKVF
--1.8-
mV/K
Reverse current
VR = 5 V
IR
-
-
10
μA
Junction capacitance
VR = 0 V, f = 1 MHz, E = 0
Cj
-60
-
pF
Radiant intensity
IF = 100 mA, tp = 20 ms
Ie
16
36
80
mW/sr
IF = 1 A, tp = 100 μs
Ie
135
290
-
mW/sr
Radiant power
IF = 100 mA, tp = 20 ms
φe
-40
-
mW
Temperature coefficient of
φe
IF = 20 mA
TK
φe
-
-0.6
-
%/K
Angle of half intensity
ϕ
-± 25
-
deg
Peak wavelength
IF = 100 mA
λp
-
940
-
nm
Spectral bandwidth
IF = 100 mA
Δλ
-25
-
nm
Temperature coefficient of
λp
IF = 100 mA
TK
λp
-0.25-
nm/K
Rise time
IF = 100 mA
tr
-15
-
ns
Fall time
IF = 100 mA
tf
-15
-
ns
tp - Pulse Duration (ms)
96 11987
100
101
101
10-1
10-1
100
102
10-2
tp/T = 0.01
IFSM = 1 A (Single Pulse)
0.05
0.1
0.5
1.0
1
10
100
10 000
01234
V
F - Forward Voltage (V)
1000
tp = 100 µs
tp/T = 0.001
13600


Similar Part No. - TSAL4400

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TSAL4400 VISHAY-TSAL4400 Datasheet
81Kb / 5P
   GaAs/GaAlAs IR Emitting Diode in 짰3 mm (T.1) Package
Rev. 3, 20-May-99
TSAL4400 VISHAY-TSAL4400 Datasheet
110Kb / 5P
   High Power Infrared Emitting Diode, RoHS Compliant, 940 nm, GaAlAs/GaAs
Rev. 1.6, 16-Sep-08
TSAL4400 VISHAY-TSAL4400 Datasheet
112Kb / 5P
   High Power Infrared Emitting Diode, 940 nm, GaAlAs, MQW
01-Jan-2022
TSAL4400 VISHAY-TSAL4400 Datasheet
112Kb / 5P
   High Power Infrared Emitting Diode, 940 nm, GaAlAs, MQW
01-Jan-2023
TSAL4400-RSZ VISHAY-TSAL4400-RSZ Datasheet
112Kb / 5P
   High Power Infrared Emitting Diode, 940 nm, GaAlAs, MQW
01-Jan-2023
More results

Similar Description - TSAL4400

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VSML3710 VISHAY-VSML3710_14 Datasheet
139Kb / 7P
   High Power Infrared Emitting Diode, 940 nm, GaAlAs, MQW
Rev. 1.6, 22-Oct-14
TSAL6200 VISHAY-TSAL6200_14 Datasheet
110Kb / 5P
   High Power Infrared Emitting Diode, 940 nm, GaAlAs, MQW
Rev. 2.4, 13-Mar-14
TSAL6100 VISHAY-TSAL6100_V01 Datasheet
108Kb / 5P
   High Power Infrared Emitting Diode, 940 nm, GaAlAs, MQW
01-Jan-2022
VSML3710 VISHAY-VSML3710_V01 Datasheet
138Kb / 7P
   High Power Infrared Emitting Diode, 940 nm, GaAlAs, MQW
01-Jan-2022
TSAL6200 VISHAY-TSAL6200_V02 Datasheet
108Kb / 5P
   High Power Infrared Emitting Diode, 940 nm, GaAlAs, MQW
01-Jan-2023
TSML1000 VISHAY-TSML1000_14 Datasheet
198Kb / 9P
   High Power Infrared Emitting Diode, 940 nm, GaAlAs, MQW
Rev. 2.1, 13-Mar-14
TSML1040 VISHAY-TSML1040_V02 Datasheet
164Kb / 9P
   High Power Infrared Emitting Diode, 940 nm, GaAlAs, MQW
01-Jan-2023
VSML3710 VISHAY-VSML3710_V02 Datasheet
137Kb / 7P
   High Power Infrared Emitting Diode, 940 nm, GaAlAs, MQW
01-Jan-2023
TSAL6100UL VISHAY-TSAL6100UL Datasheet
116Kb / 5P
   High Power Infrared Emitting Diode, 940 nm, GaAlAs, MQW
Rev. 1.0, 16-Jun-16
TSML1000 VISHAY-TSML1000_V01 Datasheet
196Kb / 9P
   High Power Infrared Emitting Diode, 940 nm, GaAlAs, MQW
01-Jan-2022
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com