Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSAL6400 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # TSAL6400
Description  High Power Infrared Emitting Diode
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TSAL6400 Datasheet(HTML) 1 Page - Vishay Siliconix

  TSAL6400_14 Datasheet HTML 1Page - Vishay Siliconix TSAL6400_14 Datasheet HTML 2Page - Vishay Siliconix TSAL6400_14 Datasheet HTML 3Page - Vishay Siliconix TSAL6400_14 Datasheet HTML 4Page - Vishay Siliconix TSAL6400_14 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
TSAL6400
www.vishay.com
Vishay Semiconductors
Rev. 2.0, 13-Mar-14
1
Document Number: 81011
For technical questions, contact: emittertechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
High Power Infrared Emitting Diode, 940 nm, GaAlAs, MQW
DESCRIPTION
TSAL6400 is an infrared, 940 nm emitting diode in GaAlAs
multi quantum well (MQW) technology with high radiant
power and high speed
molded in a blue-gray plastic package.
FEATURES
• Package type: leaded
• Package form: T-1¾
• Dimensions (in mm): Ø 5
• Peak wavelength:
λp = 940 nm
• High reliability
• High radiant power
• High radiant intensity
• Angle of half intensity:
ϕ = ± 25°
• Low forward voltage
• Suitable for high pulse current operation
• Good spectral matching with Si photodetectors
• Material categorization: For definitions of compliance
please see www.vishay.com/doc?99912
APPLICATIONS
• Infrared
remote
control
units
with
high
power
requirements
• Free air transmission systems
• Infrared source for optical counters and card readers
Note
• Test conditions see table “Basic Characteristics”
Note
• MOQ: minimum order quantity
94 8389
PRODUCT SUMMARY
COMPONENT
Ie (mW/sr)
ϕ (deg)
λp (nm)
tr (ns)
TSAL6400
50
± 25
940
15
ORDERING INFORMATION
ORDERING CODE
PACKAGING
REMARKS
PACKAGE FORM
TSAL6400
Bulk
MOQ: 4000 pcs, 4000 pcs/bulk
T-1¾
ABSOLUTE MAXIMUM RATINGS (Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITION
SYMBOL
VALUE
UNIT
Reverse voltage
VR
5V
Forward current
IF
100
mA
Peak forward current
tp/T = 0.5, tp = 100 μs
IFM
200
mA
Surge forward current
tp = 100 μs
IFSM
1.5
A
Power dissipation
PV
160
mW
Junction temperature
Tj
100
°C
Operating temperature range
Tamb
-40 to +85
°C
Storage temperature range
Tstg
-40 to +100
°C
Soldering temperature
t
≤ 5 s, 2 mm from case
Tsd
260
°C
Thermal resistance junction/ambient
J-STD-051, leads 7 mm soldered on PCB
RthJA
230
K/W


Similar Part No. - TSAL6400_14

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TSAL6400 VISHAY-TSAL6400_08 Datasheet
117Kb / 5P
   High Power Infrared Emitting Diode, RoHS Compliant, 940 nm, GaAlAs/GaAs
Rev. 1.7, 04-Sep-08
TSAL6400 VISHAY-TSAL6400_09 Datasheet
111Kb / 5P
   High Power Infrared Emitting Diode, 940 nm, GaAlAs/GaAs
Rev. 1.8, 29-Jun-09
TSAL6400 VISHAY-TSAL6400_V01 Datasheet
106Kb / 5P
   High Power Infrared Emitting Diode, 940 nm, GaAlAs, MQW
01-Jan-2022
TSAL6400 VISHAY-TSAL6400_V02 Datasheet
105Kb / 5P
   High Power Infrared Emitting Diode, 940 nm, GaAlAs, MQW
01-Jan-2023
More results

Similar Description - TSAL6400_14

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TSAL7200 VISHAY-TSAL7200_16 Datasheet
117Kb / 5P
   High Power Infrared Emitting Diode
Rev. 2.0, 04-Jul-16
VSMY99445DS VISHAY-VSMY99445DS Datasheet
310Kb / 7P
   High Power Infrared Emitting Diode
Rev. 1.0, 12-Feb-16
TSAL6100 VISHAY-TSAL6100_14 Datasheet
110Kb / 5P
   High Power Infrared Emitting Diode
Rev. 1.8, 13-Mar-14
logo
Sharp Corporation
GL496 SHARP-GL496 Datasheet
35Kb / 4P
   High Speed Infrared Emitting Diode
logo
IDEA.lnc.
IEFC0128 IDEA-IEFC0128 Datasheet
37Kb / 2P
   infrared emitting diode
logo
NTE Electronics
NTE3029A NTE-NTE3029A Datasheet
21Kb / 2P
   Infrared-Emitting Diode
logo
List of Unclassifed Man...
LN-1A11 ETC-LN-1A11 Datasheet
56Kb / 1P
   INFRARED EMITTING DIODE
logo
Micro Electronics
MIB31TA-2 MICRO-ELECTRONICS-MIB31TA-2 Datasheet
42Kb / 1P
   INFRARED EMITTING DIODE
logo
Vishay Siliconix
VSMG3700 VISHAY-VSMG3700_13 Datasheet
132Kb / 6P
   High Speed Infrared Emitting Diode
Rev. 1.5, 24-Sep-13
TSHG8400 VISHAY-TSHG8400_13 Datasheet
106Kb / 5P
   High Speed Infrared Emitting Diode
Rev. 1.4, 03-Sep-13
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com