Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCH152A103K Datasheet(PDF) 5 Page - Rohm

Part # MCH152A103K
Description  1005(0402)Size chip capacitors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

MCH152A103K Datasheet(HTML) 5 Page - Rohm

  MCH152A103K Datasheet HTML 1Page - Rohm MCH152A103K Datasheet HTML 2Page - Rohm MCH152A103K Datasheet HTML 3Page - Rohm MCH152A103K Datasheet HTML 4Page - Rohm MCH152A103K Datasheet HTML 5Page - Rohm MCH152A103K Datasheet HTML 6Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
11.4
±1.0
13.5
±1.0
12
Slider
Shutter
36
110
Multi-layer Ceramic
Chip Capacitors
2004
MCH03 Series 0603(0201)Size
MCH15 Series 1005(0402)Size
MCH18 Series 1608(0603)Size
MCH21 Series 2012(0805)Size
MCH31 Series 3216(1206)Size
MCH32 Series 3225(1210)Size
MCH43 Series 4532(1812)Size
MCH55 Series 5750(2220)Size
Packing specification
Reel dimensions (Unit:mm)
Bulk case dimensions (Unit:mm)
For fundamental considerations on capacitors, refe to Electric Industries Association of Japan, technical report,
"EIAJ RCR-2333,Guideline of notabilia for fixed multilayer ceramic capacitors for use in electronic equipment".
EIAJ ET-7201A compliant
φ180mm Plastic reel
φ330mm Plastic reel
MCH03
MCH15
MCH18
MCH21
MCH31
MCH32
MCH43
MCH55
MCH15
MCH18
MCH15
MCH18


Similar Part No. - MCH152A103K

ManufacturerPart #DatasheetDescription
logo
Rohm
MCH15 ROHM-MCH15 Datasheet
123Kb / 10P
   Multi-layer ceramic chip capacitors
MCH155A ROHM-MCH155A Datasheet
123Kb / 10P
   Multi-layer ceramic chip capacitors
MCH155A151JK ROHM-MCH155A151JK Datasheet
123Kb / 10P
   Multi-layer ceramic chip capacitors
More results

Similar Description - MCH152A103K

ManufacturerPart #DatasheetDescription
logo
Rohm
MNA02 ROHM-MNA02 Datasheet
85Kb / 7P
   (1005 (0402) x 2 size, chip capacitor networks)
logo
WALSIN TECHNOLOGY CORPO...
RFBLN10051G9D0T WALSIN-RFBLN10051G9D0T Datasheet
408Kb / 3P
   LTCC Multi Layer Chip Balun- 1005 (0402) size
logo
Vishay Siliconix
VESD05C-FC1 VISHAY-VESD05C-FC1 Datasheet
137Kb / 5P
   Flip Chip Protection Diode - Chip Size 0402
Rev. 1.1, 14-Jul-04
logo
Coilcraft lnc.
0402CS-2N0XGLW COILCRAFT-0402CS-2N0XGLW Datasheet
151Kb / 2P
   Chip Inductors ??0402CS (1005)
0402CS-3N3XGBU COILCRAFT-0402CS-3N3XGBU Datasheet
98Kb / 2P
   Chip Inductors - 0402CS (1005)
0402CS-27NXJBW COILCRAFT-0402CS-27NXJBW Datasheet
98Kb / 2P
   Chip Inductors ??0402CS (1005)
0402AF-560XJLW COILCRAFT-0402AF-560XJLW Datasheet
184Kb / 2P
   Chip Inductors ??0402AF Series (1005)
0402HP-2N2XJLU COILCRAFT-0402HP-2N2XJLU Datasheet
152Kb / 2P
   Chip Inductors - 0402HP Series (1005)
logo
Murata Manufacturing Co...
BLM15AG100SN1D MURATA-BLM15AG100SN1D Datasheet
65Kb / 3P
   Chip EMIFIL Inductor Type BLM15A_SN Series (0402 Size)
logo
Coilcraft lnc.
0402HP-2N7XJLW COILCRAFT-0402HP-2N7XJLW Datasheet
152Kb / 2P
   Chip Inductors - 0402HP Series (1005)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com