Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RGS60TS65D Datasheet(PDF) 6 Page - Rohm

Part # RGS60TS65D
Description  650V 30A Field Stop Trench IGBT
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

RGS60TS65D Datasheet(HTML) 6 Page - Rohm

Back Button RGS60TS65D Datasheet HTML 2Page - Rohm RGS60TS65D Datasheet HTML 3Page - Rohm RGS60TS65D Datasheet HTML 4Page - Rohm RGS60TS65D Datasheet HTML 5Page - Rohm RGS60TS65D Datasheet HTML 6Page - Rohm RGS60TS65D Datasheet HTML 7Page - Rohm RGS60TS65D Datasheet HTML 8Page - Rohm RGS60TS65D Datasheet HTML 9Page - Rohm RGS60TS65D Datasheet HTML 10Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
www.rohm.com
© 2016 ROHM Co., Ltd. All rights reserved.
Data Sheet
RGS60TS65D
lElectrical Characteristic Curves
0
15
30
45
60
75
90
0
1
2
3
4
5
T
j= 175ºC
V
GE= 20V
V
GE= 12V
V
GE= 10V
V
GE= 8V
V
GE= 15V
0
15
30
45
60
75
90
0
1
2
3
4
5
T
j= 25ºC
V
GE= 20V
V
GE= 15V
V
GE= 12V
V
GE= 10V
V
GE= 8V
0
10
20
30
40
50
60
0
2
4
6
8
10
12
14
V
CE= 10V
T
j= 25ºC
T
j= 175ºC
0
1
2
3
4
25
50
75
100
125
150
175
I
C= 60A
I
C= 15A
I
C= 30A
V
GE= 15V
Fig.5 Typical Output Characteristics
Collector To Emitter Voltage : V
CE[V]
Fig.6 Typical Output Characteristics
Collector To Emitter Voltage : V
CE[V]
Fig.7 Typical Transfer Characteristics
Gate To Emitter Voltage : V
GE [V]
Fig.8 Typical Collector To Emitter Saturation Voltage
vs. Junction Temperature
Junction Temperature : T
j [ºC]
6/11
2016.07 - Rev.A


Similar Part No. - RGS60TS65D

ManufacturerPart #DatasheetDescription
logo
Ohmite Mfg. Co.
RGS OHMITE-RGS Datasheet
523Kb / 3P
   (Potentiometers) Wirewound
logo
ORing Industrial Networ...
RGS-9168GCP ORING-RGS-9168GCP Datasheet
581Kb / 7P
   Industrial 24-port rack mount managed Gigabit Ethernet switch
RGS-9168GCP-E_EU ORING-RGS-9168GCP-E_EU Datasheet
581Kb / 7P
   Industrial 24-port rack mount managed Gigabit Ethernet switch
RGS-9168GCP-E_JP ORING-RGS-9168GCP-E_JP Datasheet
581Kb / 7P
   Industrial 24-port rack mount managed Gigabit Ethernet switch
RGS-9168GCP-E_UK ORING-RGS-9168GCP-E_UK Datasheet
581Kb / 7P
   Industrial 24-port rack mount managed Gigabit Ethernet switch
More results

Similar Description - RGS60TS65D

ManufacturerPart #DatasheetDescription
logo
Rohm
RGTH60TS65 ROHM-RGTH60TS65 Datasheet
1Mb / 11P
   650V 30A Field Stop Trench IGBT
RGTH60TK65D ROHM-RGTH60TK65D Datasheet
885Kb / 13P
   650V 30A Field Stop Trench IGBT
RGTH60TK65 ROHM-RGTH60TK65 Datasheet
743Kb / 11P
   650V 30A Field Stop Trench IGBT
RGTH60TS65D ROHM-RGTH60TS65D Datasheet
731Kb / 12P
   650V 30A Field Stop Trench IGBT
TGTH60TS65 ROHM-TGTH60TS65 Datasheet
683Kb / 10P
   650V 30A Field Stop Trench IGBT
RGT60TS65D ROHM-RGT60TS65D Datasheet
731Kb / 12P
   650V 30A Field Stop Trench IGBT
RGCL60TK60 ROHM-RGCL60TK60 Datasheet
759Kb / 11P
   650V 30A Field Stop Trench IGBT
RGTV60TS65D ROHM-RGTV60TS65D Datasheet
1Mb / 13P
   650V 30A Field Stop Trench IGBT
RGTV60TS65 ROHM-RGTV60TS65 Datasheet
1Mb / 11P
   650V 30A Field Stop Trench IGBT
RGTV60TK65 ROHM-RGTV60TK65 Datasheet
1Mb / 10P
   650V 30A Field Stop Trench IGBT
2017.10 - Rev.A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com